Part Number Hot Search : 
MS21253 HD74AL A1046 DDTC144 014014 SAA5297 014014 U3000A
Product Description
Full Text Search
 

To Download TCP303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac/dc current measurement systems tcpa300, tcp312a, tcp305a, TCP303, tcpa400, tcp404xl datasheet the tcp300 and tcp400 series ac/dc current measurement family is a highly advanced current measurement system for today's current measurement needs. when connected to tektronix oscilloscopes with tekprobe level ii, tekconnect (w/ tca-bnc), or tekvpi (w/ tpa-bnc) interfaces, current measurements and calculations are simple and easy. key performance specifications dc - 100 mhz, current probe amplifier (tcpa300) uses: dc - 100 mhz, 30 a dc (tcp312a) dc - 50 mhz, 50 a dc (tcp305a) dc - 15 mhz, 150 a dc (TCP303) dc - 50 mhz, current probe amplifier (tcpa400) uses: dc - 2 mhz, 750 a dc 1 (tcp404xl) (500 a dc continuous) 1 derated with duty cycle key features automatic scaling and units 2 - oscilloscope on-screen readout of magnitude and amps reduces measurement errors with no more hand calculations ac/dc input coupling low insertion impedance reduces device under test loading split-core construction allows easy circuit connection status indicators provide visual operating status and notification of potential error conditions - degauss, probe open, overload, not terminated into 50 ?, noncompatible probe type low dc drift and noise allows improved low-level current measurements 3rd party safety certification 2 requires a tds tekscope oscilloscope or a tekconect oscilloscope with tca-bnc adapter applications development and analysis solutions for designers, installers, and service personnel in telecom, data comm, computer, and semiconductor power electronics environments for: power supplies (switching and linear) semiconductor devices (scrs, igbts, mosfets, cmos, bjts) power inverters/converters electronic ballasts industrial/consumer electronics mobile communications (phone, satellite, relay stations) motor drives transportation systems (electronic vehicles, electric trains, locomotives, avionics) meets today's ac/dc current measurement applications the tcpa300 amplifier, when used with tcp312a, tcp305a, or TCP303 probes, provides a wide range of current measurement capability and spans the gap between low-level milliamp measurements to very high current levels. these three probes provide current measurement capabilities of 30 a, 50 a, and 150 a dc continuous. for even higher current levels, the tcpa400 amplifier with the tcp404xl current probe measures 500 a dc continuous and 750 a dc continuous, derated with duty cycle. higher-frequency performance is available with the tcp312a w/tcpa300 providing 100 mhz bandwidth and a maximum current of 30 a dc.
measurement errors and manual calculations are now a thing of the past with this new series of current measurement tools, automatic control and on-screen scaling and units is provided for users of tektronix tds3000, tds500, tds600, tds700, tds5000, tds6000, and tds7000b series oscilloscope systems (the dpo3000, mdo/mso/dpo4000, mso/ dpo5000, and dpo7000 series oscilloscopes, the tpa-bnc adapter is required). the tcp300/tcp400 current measurement systems seamlessly integrate with your tds series oscilloscope. even non-tekprobe systems can use the tcpa300/400 series to make proper current measurements by simply multiplying the measured output voltage on the oscilloscope by the tcpa300/400 series range setting. specifications all specifications apply to all models unless noted otherwise. model overview tcp312a w/ tcpa300 tcp305a w/ tcpa300 TCP303 w/ tcpa300 tcp404xl w/ tcpa400 bandwidth dc C 100 mhz dc C 50 mhz dc C 15 mhz dc C 2 mhz rise time 3.5 ns 7 ns 23 ns 175 ns dc accuracy 3% of reading 3% of reading 3% of reading 3% of reading dc accuracy, typical 1% of reading 1% of reading 1% of reading 1% of reading lowest measurable current (at 3% accuracy at dc) scope set to 1 mv/div and 20 mhz bw limited 1 ma 5 ma 5 ma 1 a maximum amp-second product, typical (based on amplifier range setting) 50 a*s C 1 a/v 500 a*s C 10 a/v 500 a*s C 5 a/v na C 10 a/v 3,000 a*s C 5 a/v 15,000 a*s C 50 a/v na C 1 a/mv maximum wire voltage, bare insulated 150 v cat ii 300 v cat ii 150 v cat ii 300 v cat ii 600 v cat i & ii 300 v cat iii 600 v cat i & ii 300 v cat iii ac-coupling low-frequency bandwidth, typical (low pass C 3 db point) <7 hz <7 hz <7 hz <7 hz displayed rms noise, typical (at 20 mhz bandwidth limit) 250 a rms 1.25 ma rms 2.5 ma rms 250 ma rms signal delay (to output bnc) 17 ns 19 ns 40 ns 80 ns insertion impedance 0.11 ? at 1 mhz 0.12 ? at 10 mhz 0.35 ? at 50 mhz 0.7 ? at 100 mhz 0.02 ? at 1 mhz 0.1 ? at 10 mhz 0.35 ? at 50 mhz 0.01 ? at 1 mhz 0.025 ? at 5 mhz 0.1 ? at 15 mhz 0.1 m ? at 10 khz 0.6 m ? at 100 khz 8 m ? at 1 mhz 16 m ? at 2 mhz datasheet 2 www.tektronix.com
characteristics maximum current ratings high-current sensitivity tcp312a w/ tcpa300 tcp305a w/ tcpa300 TCP303 w/ tcpa300 tcp404xl w/ tcpa400 range 10 a/v 10 a/v 50 a/v 1 a/mv dc (continuous) 30 a 50 a 150 a 500 a (750 a) rms (sinusoidal) 21.2 a 35.4 a 150 a 500 a peak 50 a 50 a 500 a 750 a low-current sensitivity range 1 a/v 5 a/v 5 a/v n/a dc (continuous) 5 a 25 a 25 a n/a rms (sinusoidal) 3.5 a 17.7 a 17.7 a n/a peak 50 a 50 a 500 a n/a physical characteristics amplifiers tcpa300/tcpa400 length 17.3 cm (6.8 in) width 16.7 cm (6.6 in) height 9.14 cm (3.6 in) weight 1.14 kg (2.5 lb) probes tcp305a/tcp312a TCP303 tcp404xl length 20 cm (7.77 in) 26.8 cm (10.55 in) 26.8 cm (10.55 in) width 6 cm (0.625 in) 4.1 cm (1.60 in) 4.1 cm (1.60 in) height 3.2 cm (1.25 in) 15.6 cm (6.13 in) 15.6 cm (6.13 in) weight 0.15 kg (0.33 lb) 0.66 kg (1.45 lb) 0.88 kg (1.90 lb) maximum conductor size tcp312a tcp305a TCP303 tcp404xl 5.0 mm (0.15 in) 5.0 mm (0.15 in) 21 mm x 25 mm (0.83 x 1.0 in) 21 mm x 25 mm (0.83 x 1.0 in) cable length 1.5 m (60 in) 1.5 m (60 in) 2 m (78.7 in) 8 m (315 in) emc environment and safety u.s. nrtl listing tcp312a/305a probe and amplifier amplifiers TCP303/404xl probe and amplifier ul61010-2-032, ul61010-1 ul3111-1, first edition ul3111-2-032, ul3111-2-031; ul3111-1 canadian certification can/csa c22.2 no. 61010-1, can/csa c22.2 no. 61010-2-032 can/csa c22.2 no.1010.1-92 can/csa c22.2 no.1010.1-92 european union compliance en61010-1, en61010-2-032 en61010-1:2001 en61010-1/a2, en61010-2-031, en61010-2-032 other iec61010-1/a2 iec61010-2-032 electromagnetic compatibility ec council directive 89/336/eec, fcc part 15, subpart b class a, as/nzs 2064.1/2. ac/dc current measurement systems www.tektronix.com 3
temperature operating 0 c to +50 c (32 f to 122 f) nonoperating -40 c to +75 c (-40 f to 167 f) humidity operating 5% to 95% r.h. to +30 c (86 f) 5% to 85% r.h. +30 c to +50 c (86 f to 122 f) nonoperating 5% to 95% r.h. to +30 c (86 f) 5% to 85% r.h. +30 c to +75 c (86 f to 167 f) altitude operating 2000 m (6800 ft.) maximum nonoperating 12,192 m (40,000 ft.) maximum ordering information models probes tcp312a probe ac/dc current, dc to 100 mhz; 30 a dc (requires tcpa300 amplifier) tcp305a probe ac/dc current, dc to 50 mhz; 50 a dc (requires tcpa300 amplifier) TCP303 probe ac/dc current, dc to 15 mhz; 150 a dc (requires tcpa300 amplifier) tcp404xl probe ac/dc current, dc to 2 mhz; 500 a dc (750 a dc derated with duty cycle) (requires tcpa400 amplifier) amplifiers tcpa300 amplifier ac/dc current probe, dc to 100 mhz, (requires tcp305a or tcp312a or TCP303 probes) tcpa400 amplifier ac/dc current probe, dc to 50 mhz, (requires tcp404xl probe) recommended accessories cover, large probe protective; (for TCP303, tcp404xl) 016-1924-00 case, transit; current measurement systems 016-1922-00 50 ? feedthrough termination 011-0049-02 50 ? bnc-to-bnc coaxial cable 012-0117-00 tekprobe interface cable, tcpa300 or tcpa400 amplifier to tds series oscilloscopes 012-1605-00 current loop, 1 turn, 50 ?, bnc connector (for tcp305a, tcp312a, tcp202a) 067-2396-00 current loop, 1 turn, 50 ?, bnc connector (for TCP303, tcp404xl) 015-0601-50 datasheet 4 www.tektronix.com
tcpa300/tcpa400 amplifier calibration adapter 174-4765-00 power measurements deskew fixture for tcp202a, tcp305a, tcp312a, TCP303 probes 067-1478-00 warranty one year parts and labor. power requirements amplifiers 90 v to 264 v, 47 to 440 hz, 50 w; maximum cat ii (auto switch) probes tcp312a, tcp305a, TCP303 probes require a tcpa300 amplifier; tcp404xl probe requires a tcpa400 amplifier options power plug options opt. a0 north america power plug (115 v, 60 hz) opt. a1 universal euro power plug (220 v, 50 hz) opt. a2 united kingdom power plug (240 v, 50 hz) opt. a3 australia power plug (240 v, 50 hz) opt. a5 switzerland power plug (220 v, 50 hz) opt. a6 japan power plug (100 v, 110/120 v, 60 hz) opt. a10 china power plug (50 hz) opt. a11 india power plug (50 hz) opt. a12 brazil power plug (60 hz) opt. a99 no power cord serviceoptions opt. c3 calibration service 3 years opt. c5 calibration service 5 years opt. d1 calibration data report opt. d3 calibration data report 3 years (with opt. c3) opt. d5 calibration data report 5 years (with opt. c5) opt. r3 repair service 3 years (including warranty) opt. r3dw repair service coverage 3 years (includes product warranty period). 3-year period starts at time of instrument purchase opt. r5 repair service 5 years (including warranty) opt. r5dw repair service coverage 5 years (includes product warranty period). 5-year period starts at time of instrument purchase opt. silv400 standard warranty extended to 5 years (tcp305a, tcp312a, tcpa300, tcpa400 ) opt. silv600 standard warranty extended to 5 years (TCP303, tcp404xl) ac/dc current measurement systems www.tektronix.com 5
tektronix is registered to iso 9001 and iso 14001 by sri quality system registrar. datasheet asean / australasia (65) 6356 3900 austria 00800 2255 4835* balkans, israel, south africa and other ise countries +41 52 675 3777 belgium 00800 2255 4835* brazil +55 (11) 3759 7627 canada 1 800 833 9200 central east europe and the baltics +41 52 675 3777 central europe & greece +41 52 675 3777 denmark +45 80 88 1401 finland +41 52 675 3777 france 00800 2255 4835* germany 00800 2255 4835* hong kong 400 820 5835 india 000 800 650 1835 italy 00800 2255 4835* japan 81 (3) 6714 3010 luxembourg +41 52 675 3777 mexico, central/south america & caribbean 52 (55) 56 04 50 90 middle east, asia, and north africa +41 52 675 3777 the netherlands 00800 2255 4835* norway 800 16098 people's republic of china 400 820 5835 poland +41 52 675 3777 portugal 80 08 12370 republic of korea 001 800 8255 2835 russia & cis +7 (495) 6647564 south africa +41 52 675 3777 spain 00800 2255 4835* sweden 00800 2255 4835* switzerland 00800 2255 4835* taiwan 886 (2) 2722 9622 united kingdom & ireland 00800 2255 4835* usa 1 800 833 9200 * european toll-free number. if not accessible, call: +41 52 675 3777 updated 10 april 2013 for further information. tektronix maintains a comprehensive, constantly expanding collection of application notes, technical briefs and other resources to help engineers working on the cutting edge of technology. please visit www.tektronix.com . copyright ? tektronix, inc. all rights reserved. tektronix products are covered by u.s. and foreign patents, issued and pending. information in this publication supersedes that in all previously published material. specification and price change privileges reserved. tektronix and tek are registered trademarks of tektronix, inc. all other trade names referenced are the service marks, trademarks, or registered trademarks of their respective companies. 12 apr 2013 60w-16458-7 www.tektronix.com


▲Up To Search▲   

 
Price & Availability of TCP303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X