Part Number Hot Search : 
STP5NB90 FHLCYBWN NTE1778 12005 DTA113ZE FIXED MX7530JN FST7320L
Product Description
Full Text Search
 

To Download T4700B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ^zmi-conductoi lpioducti, one. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 t4700 series 15-ampere silicon triacs for phase-control and load-switching applications features: ? 800v. 125 deg. c tj operating ? high dv/dt and di/dt capability ? low switching losses ? high pulse current capability ? low forward and reverse leakage ? sipos oxide glass multilayer passivation system ? advanced unisurtace construction ? precise ion implanted diflusion source terminal designations jedecto-213aa maximum ratings, absolute-maximum values: repetitive peak off-state voltage:" gate open .. .? rms on-state current: tc ? 95 c, conduction angle = 360 peak surge (non-repetitive) on-state current: for one full cycle of applied principal voltage 60 hz (sinusoidal) for one full cycle of applied principal voltage (so-hz, sinusoidal) for more than one full cycle of applied voltage peak gate-trigger current: for 1 fjs max fusing current (fortriac protection): tj=-40to100c, t= 1.25 to 10ms gate power dissipation: peak* (for 1 us max. and iqtu = < 4 a) average (averaging time = 10 ms max.) temperature range:a storage operating (case) pin temperature (during soldering): at distances > 1/32 in. (0.8 mm) from seating plane for 10 s max. T4700B t4700d t4700m t4700n vonou itibmsi itsm 200 pou pg;avi t,,, tc ?for either polarity of main terminal 2 voltage (vmtj) with reference to main terminal 1. ?for either polarity of gate voltage (v0) with reference to main terminal 1. for temperature measurement reference point, see dimensional outline. 400 600 15 800 . 100. 85 see fig. 3 . 4 .50. _ 16- _ 0.45 - . -4010150 . . -4010125 . .225. v a a a a a;s w w c ?c nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to.be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
t4700 series electrical characteristics at maximum ratings and at indicated case temperature (tc) unless otherwise specllled characteristic symbol limits for am types unless otherwise specllled min. typ. max. units peak otf-state current* gala open, tj = 125"c, vdrom = max. rated value 0.2 ma instantaneous on-state voltage* for ir = 30a (peak), tc 25c dc holding current* gate open, initial principal current = 150 ma (dc), vd = 12v: tc = 25c for other case temperatures critical rate of applied commutating voltage* for v0 = vonom, it(f1ms) = 15 a, commutating di/dt = 8 a/ms. and gate unenergized at tc = +95 c critical rate of rise of off-state voltage* for vd = vobom, exponential voltage rise, and gate open attg = 125ec T4700B t4700d t4700m t4700n dc gate-trigger current* ? for vd = 6 volts (dc), rl = 12 ohms, tc = +25, and specified triggering mode: i* mode: vt2 is positive, vg is positive i" mode: vt2 is positive, vg is negative lll+ mode: vt2 is negative, vg is positive ill- mode: vt2 is negative, vg is negative for other case temperatures dc gate-trigger voltage* * forv0 = 6 volts (dc) and rl = 12 ohms at tc = +25" for other case temperatures forv0 = vprom, rl=125n. tc = 12sc gate-controlled turn-on time (delay time + rise time) for vd = vorou, i0 = 160 ma, tr = 0.1 fa, it = 25 a (peak), tc = 25c thermal resistance: junction-to-case 1.6 2.0 15 60 see fig. 5 ma dv/dt 10 v//is dv/dt 30 20 15 10 150 100 75 50 igt 15 35 35 15 see figs. 7 & 9 30 80 80 30 ma vot 2.5 0.2 see fig. 11 1.6 2.5 1.3 c/w ?for either polarity of main terminal 2 voltage (vi2) with reference to main terminal 1. ?for either polarity of gate voltage (v0) with reference to main terminal 1.


▲Up To Search▲   

 
Price & Availability of T4700B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X