Part Number Hot Search : 
R1B05F0 RF166 BZA456A 1002C 2SC46 LC101 D1406 85C12
Product Description
Full Text Search
 

To Download T250002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  title scale date dr dwg rev the information contained in this document is propr ietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by 200usp1t1a1m7re 2:1 2/16/2010 T250002 e rc 1 1 pc mounting pc mounting a 19141 new release 6/15/10 rc 5.08 [.200 in] 7.68 [.302 in] 2.60 [.102 in] 1.60 [.063 in] 5.80 [.228 in] note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. stationary contacts: copper alloy w/ gold plat ing 5. moving contact: copper alloy w/ gold plating 6. rating: 0.4 va max. @ 20v ac or dc max. 7. contact resistance: <100 milli-ohm 8. mechanical life: 40,000 make-and-break cycles. 9. insulation resistance: 500 mega-ohm min. 10. dielectric strength: 500 v rms @sea level. 11. operating temp.: -30c to 85c 12. denotes critical parameter. 13. seal rating: ip67 14. 2002/95/ec (rohs) compliant pos. 1 pos. 2 pos. 3 switch function none on on 5-6 n/a 5-4 5 4 circuit: spdt on-on 6 n .90 [.035 in] 5 pl 5 6 4 45 6 4 5 6 2.54 [.100 in] 5.08 [.200 in] 4 5.08 [.200 in] 2.54 [.100 in] 5.08 [.200 in] 2.54 [.100 in] 1.70 [.067 in] 2.54 [.100 in] 3.80 [.150 in] 2 5 ~ p o s 1 p o s 3 b b 19368 correct insulation note 10/20/10 bma c c 19606 update plating note 01/20/11 bma d 20906 tray was tube 12/4/12 ebp e 21332 remove packaging note 12/17/13 ebp 7.00 [.276 in] 5.33 [.210 in] 3.45 [.136 in] n 4.30 [.169 in]


▲Up To Search▲   

 
Price & Availability of T250002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X