Part Number Hot Search : 
74HC67 678C2SE LT555 220ML BVXXXX 25N06 LUS39D BT4855
Product Description
Full Text Search
 

To Download STR1230165CG01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5050 led strip lights 1 / 7 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - brightek corporation. all rights reserved. the information in this document is subject to change without notice. ? ? ? ? series 5050 strip lights version 1.3 date 2011/ 12/28 specification led strip light s
5050 led strip lights 2 / 7 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - brightek corporation. all rights reserved. the information in this document is subject to change without notice. ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 5050 led strip light s the led soft strip lights are designed by using the surface mounted leds on a flexible pcb board with a viewing angle greater than 120 degree. the led lights are uniformly distributed with three leds in each perforated portion, and each group can be cut for length requirement. the led soft strip lights are available in all kinds of colors for different decoration usage. its voltage is dc12v for safety usage. introduction features: ? adopt fpc as substrate ? water transparent pvc as shell - easy to bend and install. ? high brightness smd led as light source with a 120 degree viewing angle ? all kinds of color available, pure white, cool white, red , green , blue , yellow , r g b color, etc. ? any length of 5 meters or below. ? input power: dc12v . ? can be cut or connect t o the longest length of 10 meters ? unique waterproof connector for outdoor usage. ? environment protection, saves 80% energy more than the traditional light, life span of 50000 hours. application: ? architecture corridor aisle ? sign, backlighting ? ho tel ktv decoration ? exhibition decoration, household
5050 led strip lights 3 / 7 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - brightek corporation. all rights reserved. the information in this document is subject to change without notice. ?? ??? ? ? ? part number color angle cct (k)/(nm) led brightness (mcd) min average STR1230165CG01 cold white 120 5450 6600k 22 00 5200 str1230165nf01 natural white 120 3920 4600k 22 00 5200 str1230165wf01 warm white 120 2760 3160k 22 00 4800 str1230165ra01 red 120 620 630nm 210 450 str1230165ge01 green 120 520 535nm 1700 3000 str1230165ba01 blue 120 460 470n m 270 560 str1230165ya01 yellow 120 585 597nm 460 850 str1230165ff11 rgb 120 r.620 630nm g.520 535nm b.460 470nm r:700 g:1500 b:210 p arameters dimension 1 m
5050 led strip lights 4 / 7 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - brightek corporation. all rights reserved. the information in this document is subject to change without notice. voltage dc 12v current 540ma/m power 6.5w/m led type smd5050 led qty 30pcs/m life 50,000hr temperature - 20 90% main items
5050 led strip lights 5 / 7 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - brightek corporation. all rights reserved. the information in this document is subject to change without notice. 1. inside package 5pcs fitter for each 1 meter 2. outer box size 240 * 216 mm net weight 168 g gross weight 186 g package foiling bag 1pcs/ bag 3m shielding bag 1pcs/ bag 1 m 1pcs/ 1 m ? size 150 * 110 mm net weight 56 g gross weight 61 g fitter size 480 * 419 * 424 mm qty 10 0 pcs gross weight 8.1kg (1m) 20.6kg(3m)
5050 led strip lights 6 / 7 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - brightek corporation. all rights reserved. the information in this document is subject to change without notice. 1. please check the correct input and output of the switching power before the installation. 2. under the cold temperature, the led strip can be powered up for a few minutes first as this can soften the strip. the user will then be able to bend the strip, then power it off. 3 . the strip should be bended in less than a 90 degree angle; otherwise the led may not be lit due to the broken led solder pad. 4. please do not power up du ring the installation. the led strip should be lit up until the installation is completely finished. 5. please do not hit or force the strip when installing or using the strip. 6. please do not install the strip inside the water directly or any situatio n that can easily cause fire or explosion. 7. do not tie the strip with metal material when installing. please avoid any external metal material inside the strip which may cause short circuit of the strip. 8. non - waterproof strip or pvc tube strip ar e more proper to use for indoor. silicone cover can be used for indoor or outdoor. 9. when the silicone cover strips are used for outdoor, please make sure the power supply is installed in an indoor or dry environment note: specifications are subj ect to change without notice. any question, please contact us directly cautions:
5050 led strip lights 7 / 7 tel: 1 - 408 - 514 - 1524 fax: 1 - 408 - 514 - 1523 http://www.qt - brightek.com copyright ? 2010 qt - brightek corporation. all rights reserved. the information in this document is subject to change without notice. revision history: description: revision # revision date new release of str123016 5xxx 1 _ series v1.1 0 6 / 24 /2011 amend information/data v1.2 09/26/2011 update datasheet v1.3 12/28/2011 disclaimer qt - brightek reserves the right to make changes without further notice to any products herein to improve reliability, function or design. qt - brightek does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy qt - brighteks products are not authorized for use as critical components in life support devices or systems w ithout the express written approval of qt - brightek. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness .


▲Up To Search▲   

 
Price & Availability of STR1230165CG01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X