Part Number Hot Search : 
1C102 2SK101 22P10 UM1015 40113 LD2985 ZM4743A SP6134HV
Product Description
Full Text Search
 

To Download SSM3K7002BFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM3K7002BFS 2014-03-01 1 toshiba field-effect transistor silicon n channel mos type (u-mos ) SSM3K7002BFS high-speed switching applications analog switch applications ? small package ? low on-resistance : r ds(on) = 3.3 (max) (@v gs = 4.5 v) : r ds(on) = 2.6 (max) (@v gs = 5 v) : r ds(on) = 2.1 (max) (@v gs = 10 v) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v dss 60 v gate-source voltage v gss 20 v dc i d 200 drain current pulse i dp 800 ma power dissipation p d (note 1) 150 mw channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage a nd the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/vol tage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: mounted on fr4 board (25.4 mm 25.4 mm 1.6mm, cu pad: 0.36 mm 2 3) marking equivalent circuit (top view) unit: mm jedec D jeita D toshiba 2-2h1b weight: 2.4 mg (typ.) nm 1 2 3 1 2 3 start of commercial production 2009-11
SSM3K7002BFS 2014-03-01 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ max unit gate leakage current i gss v gs = 20 v, v ds = 0 v ? ? 10 a v (br) dss i d = 10 ma, v gs = 0 v 60 ? ? drain-source breakdown voltage v (br) dsx i d = 10 ma, v gs = -10 v 45 ? ? v drain cutoff current i dss v ds = 60 v, v gs = 0 v ? ? 1 a gate threshold voltage v th v ds = 10 v, i d = 0.25 ma 1.5 ? 3.1 v forward transfer admittance ? y fs ? v ds = 10 v, i d = 200 ma (note 2) 225 ? ? ms i d = 500 ma, v gs = 10 v (note 2) ? 1.62 2.1 i d = 100 ma, v gs = 5 v (note 2) ? 1.90 2.6 drain-source on-resistance r ds (on) i d = 100 ma, v gs = 4.5 v (note 2) ? 2.10 3.3 input capacitance c iss ? 17.0 ? reverse transfer capacitance c rss ? 1.9 ? output capacitance c oss v ds = 25 v, v gs = 0 v, f = 1 mhz ? 3.6 ? pf turn-on delay time td (on) ? 3.3 6.6 switching time turn-off delay time td (off) v dd = 30 v , i d = 200 ma, v gs = 0 to 10 v ? 14.5 40 ns drain-source forward voltage v dsf i d = -200 ma, v gs = 0 v (note 2) ? -0.84 -1.2 v note2: pulse test switching time test circuit precaution let v th be the voltage applied between gate and sour ce that causes the drain current (i d ) to be low (0.25 ma for the SSM3K7002BFS). then, for norma l switching operation, v gs(on) must be higher than v th, and v gs(off) must be lower than v th. this relationship can be expressed as: v gs(off) < v th < v gs(on). take this into consideration when using the device. handling precaution when handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. operators should wear antistatic clothing , and containers and other objects that come into direct contact with devices should be made of antistatic materials. thermal resistance r th (ch-a) and power dissipation p d vary depending on board material, board area, board thickness and pad area. when using this device, please ta ke heat dissipation into consideration. (c) v out (b) v in (a) test circuit td (on) 90 % 10 % 0 v 10 v 90% 10 % td (off) t r t f v dd v ds ( on ) v dd = 30 v duty 1% v in : t r , t f < 2 ns (z out = 50 ) common source ta = 25 c 10 v 0 10 s v dd out in 50 r l
SSM3K7002BFS 2014-03-01 3 ambient temperature ta (c) r ds (on) ? ta drain?source on-resistance r ds (on) ( ? ) 0 ? 50 0 50 150 100 5 2 common source i d = 500 ma / v gs = 10 v 100 ma / 4.5 v 100 ma / 5.0v 4 3 1 ambient temperature ta (c) v th ? ta gate threshold voltage v th (v) 3.0 0 ? 50 0 150 2.0 50 100 1.0 common source v ds = 10 v i d = 0.25 ma gate?source voltage v gs (v) i d ? v gs drain current i d (ma) 1000 0 10 100 0.1 1 0.01 5.0 4.0 -25 c 2.0 3.0 1.0 common source v ds = 10 v 25 c ta = 100 c drain?source voltage v ds (v) i d ? v ds drain current i d (ma) 0 400 0 0.4 0.8 1.2 2.0 200 1.6 600 800 10 v common source ta = 25 c 7.0 v 3.5 v vgs = 3.3 v 4.5 v 1000 5.0 v 4.0 v drain?source on-resistance r ds (on) ( ? ) 0 10 gate?source voltage v gs (v) 0 r ds (on) ? v gs 20 2 25 c 5 ta = 100 c -25 c i d = 100 ma common source ta = 2 5 c 4 3 1 300 r ds (on) ? i d drain current i d (ma) drain?source on-resistance r ds (on) ( ? ) 10 30 0 100 1000 5 1 vgs = 10 v 5.0 v 4.5 v 4 3 2 common source ta = 25c
SSM3K7002BFS 2014-03-01 4 drain current i d (ma) forward transfer admittance ? y fs ? (s) |y fs | ? i d 0.001 1000 0.01 0.1 10 100 0.03 0.003 1 1 0.3 common source v ds = 10 v ta = 25c drain current i d (ma) switching time t (ns) t ? i d 1 1 100 1000 100 1000 t d(off) common source v dd = 30 v v gs = 0 to 10 v ta = 2 5 c 10 10 t f t r t d(on) drain reverse current i dr (ma) drain?source voltage v ds (v) i dr ? v ds 1000 0 600 800 0 200 -0.2 -0.6 -0.4 -1.0 -0.8 -1.2 400 common source v gs = 0 v ta = 25c g d s i dr drain?source voltage v ds (v) c ? v ds capacitance c (pf) 1 0.1 1 10 100 100 30 50 10 5 3 c iss c rss c oss common source ta = 25c f = 1 mhz v gs = 0 v p d ? ta 0 0 100 250 160 40 50 150 200 80 120 ambient temperature ta (c) drain power dissipation p d (mw) mounted on fr4 board. (25.4 mm 25.4 mm 1.6 mm, cu pad: 0.36 mm 2 3)
SSM3K7002BFS 2014-03-01 5 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability wh atsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitat ion, the japanese foreign exchange and foreign trade law and t he u.s. export administration regulations. export and re-export of pr oduct or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of SSM3K7002BFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X