Part Number Hot Search : 
9933B NCP4208 MA447 74HC7540 MBR2502 XN6537 2RJKR 74LS65
Product Description
Full Text Search
 

To Download SS8550-SOT231 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s ot - 23 plastic - encapsulate transistors ss8550 transistor ( pnp ) features ? high collector current ? complementary to ss805 0 m aximum r atings (t a =25 unless otherwise noted ) symbol parameter value unit v cbo collector - base voltage - 40 v v ceo collector - emitter voltage - 25 v v ebo emitter - base voltage - 5 v i c collector current - 1.5 a p c collector power dissipation 300 m w r ja thermal resistance from j u nction to a mbient 417 /w t j junction temperature 150 t stg storage temperature - 55 + 150 electrical characteristics ( t a =25 unless otherwise specified) p arameter symbol test conditions m in t yp m ax u nit collector - base breakdown voltag e v (br) cbo i c = - 1 0 0 a , i e =0 - 40 v collector - emitter breakdown voltage v (br) c e o i c = - 0. 1 m a , i b =0 - 2 5 v emitter - base breakdown voltage v (br)eb o i e = - 1 0 0 a , i c =0 - 5 v collector cut - off current i cbo v cb = - 40 v, i e =0 - 1 00 n a collector cut - off current i c e o v c e = - 20 v, i b =0 - 100 n a emitter cut - off current i eb o v eb = - 5 v, i c =0 - 100 n a h fe (1) v ce = - 1 v, i c = - 100m a 120 400 dc current gain h fe (2) v ce = - 1 v, i c = - 800m a 40 collector - emitter saturation voltage v ce(sat) i c = - 800m a, i b = - 80 ma - 0.5 v base - emitter saturation voltage v b e(sat) i c = - 800m a, i b = - 80 ma - 1.2 v base - emitter voltage v b e v ce = - 1 v, i c = - 10m a - 1 v transition frequency f t v ce = - 10 v,i c = - 5 0 ma , f= 30 mhz 100 mhz collector output capacitance c ob v cb = - 10 v, i e =0, f=1mhz 20 pf clas sification of h fe(1) rank l h j range 120 C 200 200 C 350 300 C 400 marking y2 so t C 23 1. base 2. emitter 3. collector 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
-200 -300 -400 -500 -600 -700 -800 -900 -1000 -0.1 -1 -10 -100 -1000 -0.0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 -4.5 -5.0 -0 -20 -40 -60 -80 -100 -120 -140 -160 -180 -0.1 -1 -10 -100 -1000 -200 -300 -400 -500 -600 -700 -800 -900 -1000 -0.1 -1 -10 -100 -1000 10 100 -1 -10 1 -1 -10 -100 -1000 -1 -10 -100 -1000 -1 -10 -100 10 100 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 vce=-1v ta=25 ta=100 o c i c v be ?? base-emmiter voltage v be (mv) collcetor current i c (ma) 1ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma i b =0.1ma static characteristic collector current i c (ma) collector-emitter voltage v ce (v) =10 ta=25 ta=100 base-emitter saturation voltage v besat (mv) collector current i c (ma) i c v besat ?? ta=100 ta=25 500 v ce =-1v dc current gain h fe collector current i c (ma) i c h fe ?? c ob c ib 100 -0.2 f=1mhz i e =0/ i c =0 ta=25 o c v cb / v eb c ob / c ib ?? capacitance c (pf) 20 reverse voltage v (v) ta=25 0.2 ta=100 =10 collector-emitter saturation voltage v cesat (mv) collector current i c (ma) i c v cesat ?? transition frequency ft (mhz) collector current i c (ma) vce-10v ta=25 o c i c ft ?? 500 ss8550 pc ?? ta collector power dissipation pc (mw) ambient temperature ta ( ) 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification a,apr,2011


▲Up To Search▲   

 
Price & Availability of SS8550-SOT231

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X