Part Number Hot Search : 
CPC19 BZX55C LT110 1N5453A ICX207AK 21FQ030 2SB80 BUK710
Product Description
Full Text Search
 

To Download SQD25N15-52-GE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sqd25n15-52 www.vishay.com vishay siliconix s12-2006-rev. f, 20-aug-12 1 document number: 68604 for technical questions, contact: automostechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 automotive n-channel 150 v (d-s) 175 c mosfet features ?trenchfet ? power mosfet ? package with low thermal resistance ?100 % r g and uis tested ? aec-q101 qualified ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 notes a. package limited. b. pulse test; pulse width ? 300 s, duty cycle ? 2 %. c. when mounted on 1" squa re pcb (fr-4 material). product summary v ds (v) 150 r ds(on) ( ? ) at v gs = 10 v 0.052 i d (a) 25 configuration single d g s n-channel mosfet to-252 s gd top view drain connected to tab ordering information package to-252 lead (pb)-free and halo gen-free SQD25N15-52-GE3 absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 150 v gate-source voltage v gs 20 continuous drain current t c = 25 c i d 25 a t c = 125 c 16 continuous source curr ent (diode conduction) a i s 50 pulsed drain current b i dm 63 single pulse avalanche current l = 0.1 mh i as 30 single pulse avalanche energy e as 45 mj maximum power dissipation b t c = 25 c p d 107 w t c = 125 c 35 operating junction and storage temperature range t j , t stg - 55 to + 175 c thermal resistance ratings parameter symbol limit unit junction-to-ambient pcb mount c r thja 50 c/w junction-to-case (drain) r thjc 1.4
sqd25n15-52 www.vishay.com vishay siliconix s12-2006-rev. f, 20-aug-12 2 document number: 68604 for technical questions, contact: automostechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by design , not subject to production testing. c. independent of operating temperature. ? ? ? ? ? stresses beyond those listed under absolute maximum ratings ma y cause permanent damage to th e device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operatio nal sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended pe riods may affect device reliability. ? specifications (t c = 25 c, unless otherwise noted) parameter symbol test condi tions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 150 - - v gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.5 3 4 gate-source leakage i gss v ds = 0 v, v gs = 20 v - - 100 na zero gate voltage drain current i dss v gs = 0 v v ds = 150 v - - 1 a v gs = 0 v v ds = 150 v, t j = 125 c - - 50 v gs = 0 v v ds = 150 v, t j = 175 c - - 250 on-state drain current a i d(on) v gs = 10 v v ds ??? 5 v 30 - - a drain-source on-state resistance a r ds(on) v gs = 10 v i d = 15 a - 0.038 0.052 ? v gs = 10 v i d = 15 a, t j = 125 c - - 0.104 v gs = 10 v i d = 15 a, t j = 175 c - - 0.136 forward transconductance b g fs v ds = 15 v, i d = 15 a - 33 - s dynamic b input capacitance c iss v gs = 0 v v ds = 25 v, f = 1 mhz - 1760 2200 pf output capacitance c oss - 215 270 reverse transfer capacitance c rss - 80 100 total gate charge c q g v gs = 10 v v ds = 75 v, i d = 25 a -3451 nc gate-source charge c q gs - 14.5 - gate-drain charge c q gd -5.4- gate resistance r g f = 1 mhz 1 1.8 2.6 ? turn-on delay time c t d(on) v dd = 75 v, r l = 3 ? i d ? 25 a, v gen = 10 v, r g = 1 ? -1117 ns rise time c t r -1117 turn-off delay time c t d(off) -2030 fall time c t f -69 source-drain diode ratings and characteristics b pulsed current a i sm --63a forward voltage v sd i f = 20 a, v gs = 0 v - 0.87 1.5 v
sqd25n15-52 www.vishay.com vishay siliconix s12-2006-rev. f, 20-aug-12 3 document number: 68604 for technical questions, contact: automostechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t a = 25 c, unless otherwise noted) output characteristics transfer characteristics on-resistance vs. drain current transfer characteristics transconductance capacitance 0 10 20 30 40 50 0 2 4 6 8 10 i d - drain current (a) v d s -drain-to- s ource voltage (v) v gs = 10 v thru 7 v v gs = 5 v v gs = 6 v 0 1 2 3 4 5 0.0 1.5 3.0 4.5 6.0 7.5 i d - drain current (a) v gs - g ate-to- s ource voltage (v) t c = 25 c t c = - 55 c t c = 125 c 0.00 0.03 0.06 0.09 0.12 0.15 0 10 20 30 40 50 r d s (on) -on-re s i s tance () i d - drain current (a) v gs = 10 v 0 9 18 27 36 45 0 2 4 6 8 10 i d - drain current (a) v gs - g ate-to- s ource voltage (v) t c = - 55 c t c = 125 c t c = 25 c 0 12 24 36 48 60 0 5 10 15 20 25 g f s -tran s conductance ( s ) i d -drain current (a) t c = 125 c t c = - 55 c t c = 25 c 0 600 1200 1800 2400 3000 0 20 40 60 80 100 c - capacitance (pf) v d s -drain-to- s ource voltage (v) c i ss c o ss c r ss
sqd25n15-52 www.vishay.com vishay siliconix s12-2006-rev. f, 20-aug-12 4 document number: 68604 for technical questions, contact: automostechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t a = 25 c, unless otherwise noted) gate charge source drain diode forward voltage threshold voltage on -resistance vs. junction temperature on-r esistance vs. gate-to-source voltage drain source breakdown vs. junction temperature 0 2 4 6 8 10 0 5 10 15 20 25 30 35 40 v gs - g ate-to- s ource voltage (v) q g - total g ate charge (nc) i d = 25 a v d s = 75 v 0.001 0.01 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s - s ource current (a) v s d - s ource-to-drain voltage (v) t j = 25 c t j = 150 c -2.0 -1.4 -0.8 -0.2 0.4 1.0 - 50 - 25 0 25 50 75 100 125 150 175 v gs (th) variance (v) t j -temperature ( c) i d = 250 a i d = 5 ma 0.5 1.0 1.5 2.0 2.5 3.0 - 50 - 25 0 25 50 75 100 125 150 175 r d s (on) -on-re s i s tance (normalized) t j - junction temperature ( c) i d = 5 a v gs = 10 v 0.00 0.05 0.10 0.15 0.20 0.25 0246810 r d s (on) -on-re s i s tance () v gs - g ate-to- s ource voltage (v) t j = 150 c t j = 25 c 140 150 160 170 180 190 - 50 - 25 0 25 50 75 100 125 150 175 v d s -drain-to- s ource voltage (v) t j - junction temperature ( c) i d = 10 ma
sqd25n15-52 www.vishay.com vishay siliconix s12-2006-rev. f, 20-aug-12 5 document number: 68604 for technical questions, contact: automostechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 thermal ratings (t a = 25 c, unless otherwise noted) safe operating area normalized th ermal transient impedance, junction-to-ambient 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 1000 i d - drain current (a) v d s -drain-to- s ource voltage (v) * v gs > minimum v gs at which r d s (on) i s s pecified limited by r d s (on) * 1 m s i dm limited t c = 25 c s ingle pul s e bvd ss limited 10 m s 100 s 100 m s , 1 s , 10 s , dc square wave pulse duration (s) 2 1 0.1 0.01 10 -4 10 -3 10 -2 10 -1 10 normalized eff ective transient thermal impedance 1000 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 100 1
sqd25n15-52 www.vishay.com vishay siliconix s12-2006-rev. f, 20-aug-12 6 document number: 68604 for technical questions, contact: automostechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 thermal ratings (t a = 25 c, unless otherwise noted) normalized thermal transient impedance, junction-to-case note ? the characteristics shown in the two graphs ? - normalized transient thermal impedance junction-to- ambient (25 c) ? - normalized transient thermal im pedance junction-to-case (25 c) ? are given for general guidelines only to enable the user to get a ball park indication of part capabilities. the data are ext racted from single pulse transient thermal impedance characteristics which are developed from empirical measurements. the latter is valid for the part mounted on printed circ uit board - fr4, size 1" x 1" x 0. 062", double sided with 2 oz. copper, 100 % on both sides. the part ca pabilities can widely vary depending on actual application parameters and operating conditions. ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? vishay siliconix maintains worldwide manufactu ring capability. products may be manufact ured at one of seve ral qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?68604 . square wave pulse duration (s) 2 1 0.1 0.01 10 -4 10 -3 10 -2 10 -1 10 normalized eff ective transient thermal impedance 100 0.2 0.1 duty cycle = 0.5 1 0.02 0.05 single pulse
package information www.vishay.com vishay siliconix revision: 02-sep-13 1 document number: 64424 for technical questions, contact: pmostechsupport @vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 to-252aa case outline note ? dimension l3 is for reference only. l3 d l4 l5 b b2 e1 e1 d1 c a1 gage plane height (0.5 mm) e b3 e c2 a l h millimeters inches dim. min. max. min. max. a 2.18 2.38 0.086 0.094 a1 - 0.127 - 0.005 b 0.64 0.88 0.025 0.035 b2 0.76 1.14 0.030 0.045 b3 4.95 5.46 0.195 0.215 c 0.46 0.61 0.018 0.024 c2 0.46 0.89 0.018 0.035 d 5.97 6.22 0.235 0.245 d1 4.10 - 0.161 - e 6.35 6.73 0.250 0.265 e1 4.32 - 0.170 - h 9.40 10.41 0.370 0.410 e 2.28 bsc 0.090 bsc e1 4.56 bsc 0.180 bsc l 1.40 1.78 0.055 0.070 l3 0.89 1.27 0.035 0.050 l4 - 1.02 - 0.040 l5 1.01 1.52 0.040 0.060 ecn: t13-0592-rev. a, 02-sep-13 ? dwg: 6019
application note 826 vishay siliconix document number: 72594 www.vishay.com revision: 21-jan-08 3 application note recommended minimum pads for dpak (to-252) 0.420 (10.668) recommended mi nimum pads dimensions in inches/(mm) 0.224 (5.690) 0.180 (4.572) 0.055 (1.397) 0.243 (6.180) 0.087 (2.202) 0.090 (2.286) return to index return to index
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SQD25N15-52-GE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X