Part Number Hot Search : 
72905 SEMICO SFD303B N4754 LT1507I AM79C30A F060291 OP490AY
Product Description
Full Text Search
 

To Download SM10100DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SM10100DS voltage 100 v 10a schottky barrier rectifiers 03-jan-2014 rev. c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solderable per mil-std-202 method 208 guaranteed ? polarity: as marked ? mounting position: any ? weight: 2.24 grams package information package mpq leader size to-263 0.8k 13 inch maximum ratings (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum repetitive p eak reverse voltage v rrm 100 v maximum rms voltage v rms 70 v maximum dc blocking voltage v dc 100 v maximum average forward rectified current i f 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 150 a t a =25c 0.85 maximum instantaneous forward voltage @10a t a =100c v f 0.72 v t a =25c 0.1 maximum reverse current at rated vrrm per diode 2 t a =100c i r 5 ma typical junction capacitance 1 c j 580 pf voltage rate of change dv/dt 10000 v/us typical thermal resistance 3 r jc 6 c/w operating & storage temperature t j ,t stg -55~150 c notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c.. 2. plus test: 300us pulse width, 2% duty cycle. 3. thermal resistance junction to case. fr4 board heat sink size: 10*10*0.2mm. pin3 pin1 pin2 configuration to-263(d 2 -pack) millimete r millimete r ref. min. max. ref. min. max. a 4.00 4.85 c2 1.10 1.65 b 0.51 1.00 b2 1.34 ref l4 0.00 0.30 d 8.0 9.65 c 0.30 0.74 e 2.54 ref l3 1.50 ref l ? 14.6 15.88 l1 1.78 2.79 l2 1.27 ref e 9.60 10.67 ? ? ? ? ? ?
elektronische bauelemente SM10100DS voltage 100 v 10a schottky barrier rectifiers 03-jan-2014 rev. c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SM10100DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X