vishay general semiconductor s3a thru s3m document number 88713 30-jun-06 www.vishay.com 1 surface mount glass passivated rectifier features ? low profile package ? ideal for automated placement ? glass passivated chip junction ? low forward voltage drop ? low leakage current ? high forward surge capability ? meets msl level 1, per j-std-020c, lf max peak of 260 c ? solder dip 260 c, 40 seconds ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in general purpose rectification of power supplies, inverters, converters and free- wheeling diodes for consumer, automotive and telecommunication. mechanical data case: do-214ab (smc) epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes cathode end do-214ab (smc) major ratings and characteristics i f(av) 3.0 a v rrm 50 v to 1000 v i fsm 100 a i r 10 a v f 1.15 v t j max. 150 c maximum ratings (t a = 25 c unless otherwise noted) parameter symbol s3a s3b s3d s3g s3j s3k s3m unit device marking code sa sb sd sg sj sk sm maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current at t l = 103 c (1) i f(av) 3.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 100 a operating junction and storage temperature range t j , t stg - 55 to + 150 c
www.vishay.com 2 document number 88713 30-jun-06 vishay general semiconductor s3a thru s3m note: (1) thermal resistance from junction to ambi ent and from junction to lead mounted on p.c.b. with 0.3 x 0.3" (8.0 x 8.0 mm) copp er pad area ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol s3a s3b s3d s3g s3j s3k s3m unit maximum instantaneous forward voltage at 2.5 a v f 1.15 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 125 c i r 10 250 a typical reverse recovery time at i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 2.5 s typical junction capacitance at 4.0 v, 1 mhz c j 60 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol s3a s3b s3d s3g s3j s3k s3m unit typical thermal resistance (1) r ja r jl 47 13 c/w ordering information preferred p/n unit weight (g) referred package code base quantity delivery mode s3j-e3/57t 0.211 57t 850 7" diameter plastic tape & reel s3j-e3/9at 0.211 9at 3500 13" diameter plastic tape & reel figure 1. forward current derating curve 150 0 50 60 70 8 0 90 100 110 120 130 140 160 0.5 1.0 1.5 2.0 2.5 3.5 3.0 resisti v eorind u cti v e load p.c.b. mo u nted on 0.3 x 0.3" ( 8 .0 x 8 .0 mm) copper pad areas a v erage for w ard c u rrent (a) lead temperat u re (c) figure 2. maximum non-repetitive peak forward surge current 1 100 10 100 10 200 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) t l = 75 c 8 .3 ms single half sine- w a v e
document number 88713 30-jun-06 www.vishay.com 3 s3a thru s3m vishay general semiconductor package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics 0.6 0.7 10 100 0. 8 0.9 1.1 1.2 1.3 0.01 0.1 1 1.0 instantaneo u sfor w ard v oltage ( v ) instantaneo u sfor w ard c u rrent (a) t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle 0 20 40 60 8 0 100 0.1 1 10 100 t j = 125 c t j = 25 c percent of rated peak re v erse v oltage (%) instantaneo u s re v erse c u rrent ( a) figure 5. typical junction capacitance figure 6. typical transient thermal impedance 10 100 1 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 0.01 0.1 1 10 100 0.1 1 10 100 mo u nted on 0.20 x 0.27" (5 x 7 mm) copper pad areas t - p u lse d u ration (s) transient thermal impedance (c/ w ) 0.260 (6.60) 0.2 8 0 (7.11) 0.006 (0.152) 0.012 (0.305) 0.030 (0.76) 0.060 (1.52) 0.00 8 (0.2) 0.305 (7.75) 0.320 ( 8 .13) 0.220 (5.59) 0.246 (6.22) 0.079 (2.06) 0.103 (2.62) 0.114 (2.90) 0.126 (3.20) cathode band do-214ab (smc) 0.1 8 5 max. (4.69 max.) 0.320 ref 0.126 mi n . (3.20 mi n .) 0.060 mi n . (1.52 mi n .) mountin g pad layout 0 (0)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.
|