Part Number Hot Search : 
ILI9225 MKW2500 MC68A00S PB2041NL M61512FP PJ1084P9 BFC47 BA20D3
Product Description
Full Text Search
 

To Download P6MG-0505ELF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pm4-series ? p6mg-xxxxelf ? single output ? dip14 ? 3kv - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/3 p6mg-xxxxelf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 10% input filter capacitors input reflected ripple current1 20 ma pk-pk output specifications voltage accuracy 2% short circuit protection short term line regulation 0.5% load regulation (0% - 100%) 0.5% (3.3vout models: 1.0%) ripple and noise (20mhz bandwidth) 50 mv pk-pk temperature coefficient 0.02% / c general specifications efficiency see table i/o isolation voltage (3 sec.) 3000 vdc i/o isolation capacity 60 pf, typ. i/o isolation resistance 1000 mohm switching frequency 50 khz (variable) humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 4.261 mhrs physical specifications case material non conductive black plastic (ul94v-0 rated) potting material epoxy (ul94v-0 rated) weight ~ 2.7g, typ. environment specifications operating temperature -40 to +85c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection rohs conform soldering 260c, max. (1.5mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the pm 4 series p6mg - xxxxelf is a family of cost effective 1 w regulated single output dc/dc converters. these converters ar e in an ultra miniature dip14 case. devices are encapsulated. high performa nce features: regulated output, 3000vdc input/output isolation, h igh efficiency operation, output voltage accuracy of 2% maximum, input range of 10% tolerance and low output ripple and noise. pm4-series  1 watt  regulated  single output  dip14 case  3 kv dc i/o isolation  low ripple and noise rev.11-2008
pm4-series ? p6mg-xxxxelf ? single output ? dip14 ? 3kv - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/3 selection guide single output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output p6mg-053r3elf 5 30 350 3.3 333 57 220 P6MG-0505ELF 5 35 317 5 200 63 220 p6mg-057r2elf 5 45 327 7.2 138.9 61 220 p6mg-0509elf 5 40 298 9 111.1 67 220 p6mg-0512elf 5 35 298 12 83.3 67 220 p6mg-0515elf 5 35 298 15 66.7 67 220 p6mg-123r3elf 12 20 146 3.3 333 57 220 p6mg-1205elf 12 20 132 5 200 63 220 p6mg-127r2elf 12 20 132 7.2 138.9 63 220 p6mg-1209elf 12 20 128 9 111.1 65 220 p6mg-1212elf 12 20 122 12 83.3 68 220 p6mg-1215elf 12 20 126 15 66.7 66 220 p6mg-243r3elf 24 10 73 3.3 333 57 220 p6mg-2405elf 24 10 76 5 200 60 220 p6mg-247r2elf 24 10 76 7.2 138.9 60 220 p6mg-2409elf 24 10 61 9 111.1 68 220 p6mg-2412elf 24 10 63 12 83.3 66 220 p6mg-2415elf 24 10 63 15 66.7 66 220 if you need other specifications, please enquire. notes:
pm4-series ? p6mg-xxxxelf ? single output ? dip14 ? 3kv - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/3 package / pinning / derating 7.62 (0.30) 10.16 (0.40) 0.25 (0.01) # single (3kv) 1 - vin 7 n.c. 8 +vout 9 omitted 10 - vout 11 omitted 14 +vin others omitted pin connections app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh. 2 = tested by minimal vin and constant resistive load. - operation under no-load conditions will not damag e these devices, but they will not observe the list ed specifications.


▲Up To Search▲   

 
Price & Availability of P6MG-0505ELF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X