Part Number Hot Search : 
67060 ST211111 ST211111 TS3K6A S12DG128 N4730 10K275 UGZ10GF
Product Description
Full Text Search
 

To Download NZ2520S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal clock oscillator NZ2520S series cc08_071105_NZ2520Sb_30_e1 NZ2520Sb frequency stability of 30 x 10 C6 . mm l for compact mobile information equipment, such as dvc, dsc, notebook pc, and pda new pad connection #1 #2 #3 #4 standby gnd output v dd 2.500.10 0.3 0.9 max 2.000.10 1.650.1 0.80.1 0.70.1 1.00 1.00 0.45 1.10 1.10 0.75 1.250.1 #1 #2 #3 #4 0.6 mount a power supply bypass capacitor, approx. 0.01-f, close to the product. reference land pattern 0.9v dd 1/2v dd 0.1v dd tr tf v oh v ol t t 0v duty cycle = t/t100 [%] pb free output level frequency range *1 operating temperature range *2 frequency stability power supply voltage consumption current v ol max/v oh min tr max/tf max duty cycle min. to max. load (c l ) max oscillation start time max standby function number for specifying an order during operation during standby +1.8v, 25c +2.5v, 25c +3.0v, 25c +3.3v, 25c +1.8v, 25c +2.5v, 25c +3.0v, 25c +3.3v, 25c (mhz) (c) (10 C6 ) (v) (ma) (a) (v) (ns) (%) (pf) (ms) item model NZ2520Sb c-mos 1.5 f < 10 10 f < 20 20 f < 30 30 f < 40 40 f < 50 50 f 60 C10 to +60 30 10 0. 1v dd /0. 9v dd 5/5 45 to 55 15 10 available (tristate) 2.5 3.0 3.5 3.5 3.5 4.0 4.5 4.5 4.0 4.5 5.0 5.0 4.5 5.0 5.5 5.5 5.0 5.5 6.0 6.0 5.5 6.0 6.5 7.0 +1.80.1 +2.50.1 +3.00.1 +3.30.1 *1: if you require a product with a frequency not given above, please contact us. *2: if you require a product with an opera ting temperature range not given above, please contact us. nsa3412c nsa3413c nsa3414c nsa3415c l size: a minimum-size crystal clock oscillator with dimensions of 2.5 x 2.0 mm. l thickness: ultra-thin with a thickness of 0.9 mm. l weight: weighs only 0.02 g, giving unparalleled light-weight. l this crystal clock oscillator can support low frequencies (from 1.5 mhz); an achievement not easy for other crystal oscillators of the same size to equal. l automatic mounting by taping and ir reflow (lead-free) are possible. l lead-free. n dimensions n output waveform n model name n application n features #1 input #3 output level h (0.7 v dd v ih v dd ) or open is selected. level l (v il 0.3 v dd ) is selected. oscillation output on high impedance n standby function n specifications when ordering our products, specify them with an ordering code that consists of the following: Cm model name frequency (up to 9 digits) C number for specifying an order if you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales represe ntatives or visit our homepage (http://www.ndk.com/). example 1: when ordering a product with model name: NZ2520Sb, frequency: 20 mhz, frequency stability: 30 x 10 C6 , and power supply voltage: 1.8 v ordering code: NZ2520Sb C 20.000000m C nsa3412c example 2: when ordering a product with model name: NZ2520Sb, frequency: 20 mhz, frequency stability: 30 x 10 C6 , and power supply voltage: 3.3 v ordering code: NZ2520Sb C 20.000000m C nsa3415c n how to specify an order absolute maximum rating power supply voltage (v dd )-0.5 to +4.0v dc storage temperature range -55 to +125c


▲Up To Search▲   

 
Price & Availability of NZ2520S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X