Part Number Hot Search : 
TPS612 V6340 ST921 MAX685 PH300F6 A6276 HER508 440AS075
Product Description
Full Text Search
 

To Download MMBT3906T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBT3906T pnp silicon general purpose transistors elektronische bauelemente 12-apr-2010 rev. a page 1 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? simplifies circuit design. ? we declare that the material of product compliance with rohs requirements. ordering information device marking shipping MMBT3906T 2a 3000/tape&reel maximum ratings (at t a = 25 c unless otherwise specified) parameter symbol ratings unit collector - emitter voltage v ceo -40 vdc collector - base voltage v cbo -40 vdc emitter - base voltage v ebo -5.0 vdc collector current - continuous i c -200 madc total device dissapation fr-4 board (1) t a =25 , derate above 25 p d 200 mw 1.6 mw/ thermal resistance, junction to ambient r ja 600 / w total device dissapation fr-4 board (2) t a =25 , derate above 25 p d 300 mw 2.4 mw/ thermal resistance, junction to ambient r ja 400 / w junction & storage temperature t j , t stg -55 ~ 150 1. fr-4 minimum pad. 2. fr-4 1.0 x 1.0 inch pad. 3. pulse test pulse width 300 Q s, duty cycle 2.0 Q . device marking MMBT3906T = 2a so t -523 ref. millimete r ref. millimete r min. max. min. max. a 1.50 1.70 k 0.30 0.50 b 0.75 0.95 m --- 10 o c 0.60 0.80 n --- 10 o d 0.23 0.33 s 1.50 1.70 g 0.50bsc j 0.10 0.20
MMBT3906T pnp silicon general purpose transistors elektronische bauelemente 12-apr-2010 rev. a page 2 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (at t a = 25 c unless otherwise specified) characteristic symbol min. max. unit test conditions off characteristics collector-emitter breakdown voltage (3) v (br)ceo -40 - vdc i c = -1.0 madc, i b = 0 collector-base breakdown voltage v (br)cbo -40 - vdc i c = -10 adc, i e = 0 emitter-base breakdown voltage v (br)ebo -5.0 - vdc i e = -10 adc, i c = 0 collector cut-off current i bl - -50 nadc v ce = -30 vdc, v eb = -3.0 vdc emitter cut-off current i ce x - -50 nadc v ce = -30 vdc, v be = -3.0 vdc on characteristics (3) dc current gain (1) h fe 60 - - i c = -0.1 madc, v ce = -1.0 vdc 80 - i c = -1.0 madc, v ce = -1.0 vdc 100 300 i c = -10 madc, v ce = -1.0 vdc 60 - i c = -50 madc, v ce = -1.0 vdc 30 - i c = -100 madc, v ce = -1.0 vdc collector-emitter sa turation voltage (3) v ce(sat) - -0.25 vdc i c = -10 madc, i b = -1.0 madc --0.4 i c = -50 madc, i b = -5.0 madc base-emitter satu ration voltage (3) v be(sat) -0.65 -0.85 vdc i c = -10 madc, i b = -1.0 madc - -0.95 i c = -50 madc, i b = -5.0 madc small-signal characteristics curren-gain-bandwidth product f t 250 - mhz v ce = -20 vdc, i c = -10 madc, f = 100 mhz output capacitance c obo -4.5pfv cb = -5.0 vdc, i e = 0, f = 1.0 mhz input capacitance c ibo -10pfv be = -0.5 vdc, i e = 0, f = 1.0 mhz input impedancen h ie 2.0 12 pf v ce = -10 vdc, i c = -1.0 madc, f = 1.0 khz voltage feedback ratio h re 0.1 10 x10 -4 v ce = -10 vdc, i c = -1.0 madc, f = 1.0 khz small-signal current gain h fe 100 400 - v ce = -10 vdc, i c = -1.0 madc, f = 1.0 khz output admittance *h oe 3.0 60 mhos v ce = -10 vdc, i c = -1.0 madc, f = 1.0 khz noise figure nf - 4.0 db v ce = -5.0 vdc, i c = -100 adc, r s = 1.0k ??? f = 1.0 khz switching characteristics delay time t d - 35 ns v cc = -3.0 vdc, v be = 0.5 vdc, i c = -10 madc, i b1 = -1.0 madc rise time t r - 35 ns storage time t s - 225 ns v cc = -3.0 vdc, i c = -10 madc, i b1 = i b2 = -1.0 madc fall time t f - 75 ns 3. pulse test pulse width Q 300 s, duty cycle Q 2.0%.
MMBT3906T pnp silicon general purpose transistors elektronische bauelemente 12-apr-2010 rev. a page 3 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
MMBT3906T pnp silicon general purpose transistors elektronische bauelemente 12-apr-2010 rev. a page 4 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
MMBT3906T pnp silicon general purpose transistors elektronische bauelemente 12-apr-2010 rev. a page 5 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of MMBT3906T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X