Part Number Hot Search : 
100ML SIR460DP 06400 TN300A IR91458N ACS109D SIR460DP 3M10V
Product Description
Full Text Search
 

To Download MBRF20H200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr20h200ct, MBRF20H200CT & sb20h200ct-1 www.kersemi.com 1 features ? guarding for overvoltage protection ? low power loss, high efficiency ? low forward voltage drop ? high frequency operation ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in high frequency inverters, freewheeling and polarity protection applications. mechanical data case: to-220ab, ito-220ab, to-262aa epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test mounting torque: 10 in-lbs maximum polarity: as marked primary characteristics i f(av) 2 x 10 a v rrm 200 v i fsm 290 a v f 0.75 v t j 175 c to-262aa mbr20h200ct MBRF20H200CT sb20h200ct-1 case pin 2 pin 1 pin 3 1 1 2 2 3 3 to-220ab 1 2 3 ito-220ab maximum ratings (t c = 25 c unless otherwise noted) parameter symbol mbr20h200ct unit maximum repetitive peak reverse voltage v rrm 200 v working peak reverse voltage v rwm 200 v maximum dc blocking voltage v dc 200 v maximum average forward rectified current total device per diode i f(av) 20 10 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode i fsm 290 a peak repetitive reverse current per diode at t p = 2 s, 1 khz i rrm 1.0 a peak non-repetitive reverse surge energy per diode (8/20 s waveform) e rsm 20 mj non-repetitive avalanche energy per diode at 25 c, i as = 2.0 a, l = 10 mh e as 20 mj electrostatic dischar ge capacitor voltage human body model air discharge: c = 100 pf, r 0 1.5 k v c 25 kv voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction and storage temperature range t j , t stg - 65 to + 175 c isolation voltage (ito-220ab only) from terminals to heatsink t = 1 minute v ac 1500 v
mbr20h200ct, MBRF20H200CT & sb20h200ct-1 www.kersemi.com 2 note: (1) pulse test: 300 s pulse width, 1 % duty cycle ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t c = 25 c unless otherwise noted) parameter test symbol typ. max. unit maximum instantaneous forward voltage per diode (1) i f = 10 a i f = 10 a i f = 20 a i f = 20 a t c = 25 c t c = 125 c t c = 25 c t c = 125 c v f 0.81 0.65 0.87 0.74 0.88 0.75 0.97 0.85 v maximum reverse current per diode at working peak reverse voltage (1) t j = 25 c t j = 125 c i r 5.0 1.0 a ma typical junction capacitance 4.0 v, 1 mhz c j 250 pf thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol mbr mbrf sb unit typical thermal resistance per diode r jc 2.0 4.0 2.0 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ab mbr20h200ct-e3/45 2.06 45 50/tube tube ito-220ab MBRF20H200CT-e3/45 2.20 45 50/tube tube to-262aa sb20h200ct-1e3/45 1.58 45 50/tube tube figure 1. forward derating curve (total) 0 5 10 15 20 25 mbrf mbr, mbrb 25 50 75 100 125 150 175 case temperat u re (c) a v erage for w ard c u rrent (a) figure 2. maximum non-repetitive peak forward surge current per diode 0 25 50 75 100 125 150 175 200 225 250 275 300 325 350 1 10 100 nu m b er of cycles at 60 hz a v erage for w ard c u rrent (a)
mbr20h200ct, MBRF20H200CT & sb20h200ct-1 www.kersemi.com 3 figure 3. typical instantaneous forw ard characteristics per diode figure 4. typical reverse characteristics per diode 100 10 0.1 1 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 125 c t j = 175 c t j = 25 c t j = 75 c 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0. 8 0.9 1.0 1.1 0.1 0.01 1 10 100 1000 percent of rated peak re v erse v oltage ( % ) 10 000 t j = 125 c t j = 175 c t j = 25 c t j = 75 c 10 20 30 40 50 60 70 8 0 90 100 instantaneo u s re v erse c u rrent ( a) figure 5. typical juncti on capacitance per diode figure 6. typical transient thermal impedance per diode 100 1000 10 000 0.1 1 10 100 10 re v erse v oltage ( v ) j u nction capacitance (pf) 0.01 10 1 100 10 100 0.1 0.1 1 mbrf mbr, mbrb t - p u lse d u ration (s) transient thermal impedance (c/ w )
mbr20h200ct, MBRF20H200CT & sb20h200ct-1 www.kersemi.com 4 package outline dimensions to-220ab 0.39 8 (10.10) 0.3 8 2 (9.70) 0.055 (1.40) 0.047 (1.20) 0.343 ( 8 .70) typ. 0.067 (1.70) typ. 0.331 ( 8 .40) typ. 0.150 (3. 8 0) 0.139 (3.54) dia. 0.114 (2.90) 0.106 (2.70) 0.634 (16.10) 0.61 8 (15.70) pin 2 3 1 0.11 8 (3.00) typ. 0.035 (0.90) 0.02 8 (0.70) 0.064 (1.62) 0.056 (1.42) 0.200 (5.0 8 ) typ. 0.100 (2.54) typ. 0.63 8 (16.20) 0.59 8 (15.20) 0.055 (1.40) 0.049 (1.25) 0.1 8 5 (4.70) 0.169 (4.30) 0.154 (3.90) 0.13 8 (3.50) 0.370 (9.40) 0.354 (9.00) 0.523 (13.2 8 ) 0.507 (12. 88 ) 0.102 (2.60) 0.0 8 7 (2.20) 1.161 (29.4 8 ) 1.106 (2 8 .0 8 ) 0.024 (0.60) 0.01 8 (0.45) 0.024 (0.60) 0.01 8 (0.45) 0.13 8 (3.50) 0.122 (3.10) 1.29 (3.2 8 ) 1.21 (3.0 8 ) 0.100 (2.54) typ. 0.200 (5.0 8 ) typ. 0.05 8 (1.47) max. 0.024 (0.60) 0.039 (1.00) 0.10 8 (2.74) 0.092 (2.34) 0.117 (2.96) 0.101 (2.56) 0.633 (16.07) 0.601 (15.67) 0.630 (16.00) 0.614 (15.60) dia. 0.320 ( 8 .12) 0.304 (7.72) 0.396 (10.05) 0.372 (9.45) 12 3 pin 0.40 8 (10.36) 0.392 (9.96) ito-220ab 0.270 (6. 88 ) 0.255 (6.4 8 ) 0.264 (6.70) 0.24 8 (6.50) 0.193 (4.90) 0.177 (4.50) 0.370 (9.40) 0.354 (9.00) 0.523 (13.2 8 ) 0.507 (12. 88 ) 0.425 (10. 8 0) 0.393 (10.00) 0.102 (2.60) 0.0 8 7 (2.20) 0.1 8 5 (4.70) 0.169 (4.30) 0.055 (1.40) 0.049 (1.25) 0.024 (0.60) 0.01 8 (0.45) 0.405 (10.2 8 ) 0.3 8 9 (9. 88 ) 0.062 (1.57) 0.054 (1.37) 0.055 (1.40) 0.039 (1.00) 0.4 88 (12.4) 0.472 (12.00) 12 k 3 pin 0.100 (2.54) typ. 0.200 (5.0 8 )typ. 0.02 8 (0.70) 0.035 (0.90) 0.39 8 (10.10) 0.3 8 2 (9.70) to-262aa


▲Up To Search▲   

 
Price & Availability of MBRF20H200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X