Part Number Hot Search : 
VPI2505 PV3CP TC400 1030A FN155 PV3CP OM360L LT124
Product Description
Full Text Search
 

To Download LCD10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 3 w ww.pduke.com 2013/6/7 LCD10 series 10 watts dc-dc converter input specifications input voltage range 12vdc nominal input 2 4vdc nominal input 48vdc nominal input 9 ~ 18vdc 18 ~ 36vdc 36 ~ 75vdc input surge voltage 12vdc input 2 4vdc input 48vdc input 25vdc 1sec, max. 50vdc 1sec, max. 100vdc 1sec, max. input reflected ripple current 30map-p start up time nominal input and constant resistive load power up remote on/off 30ms, max. 30ms, max. start-up voltage 12vdc input 24vdc input 48vdc input 9vdc, max. 18vdc, max. 36vdc, max. shutdown voltage 12vdc input 24vdc input 48vdc input 8vdc 16vdc 33vdc remote on/off (note 7) positive logic(option) negative logic(standard) dc-dc on dc-dc off dc-dc on dc-dc off open or 3 v < vr < 15v s hort or 0v < vr < 1.2v short or 0v < vr < 1.2v open or 3v < vr < 15v input current of remote control pin nominal input -0.5ma~1.0ma remote off state input current nominal input 2.5ma environmental specifications operating ambient temperature -40 to +85 (with derating) maximum case temperature +105oc storage temperature range -55oc ~ +125oc thermal impedance (note 8) natural convection natural convection with heat-sink 16.18 /watt 15.13 /watt thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc characteristics emi (note 9) en55022 class a, class b esd en61000-4-2 air contact 8kv 6kv perf. criteria a radiated immunity en61000-4-3 10 v/m perf. criteria a fast transient (note 10) en61000-4-4 2kv perf. criteria a surge (note 10) en61000-4-5 1kv perf. criteria a conducted immunity en61000-4-6 3 vr.m.s perf. criteria a output specifications output power (rated) 10 watts with trim up 10% 11 watts output power (maximum) with trim up 20% 12 watts voltage accuracy 1% minimum load 0% 3.3 & 12vout 10% voltage adjustability single (note 6) others +20%,-10% line regulation ll to hl at full load s ingle dual 0.2% 0.5% no load to full load single dual 0.2% 1.0% load regulation 10% load to 90% load s ingle dual 0.1% 0.8% cross regulation asymmetrical load 25%/100% fl dual 5% ripple and noise 20mhz bandwidth (note 4) see table temperature coefficient 0.02% / oc, max. transient response recovery time 25% load step change 250 s over voltage protection 3.3vdc output 5vdc output 12vdc output 15vdc output 24vdc output 3.7vdc~5.4vdc 6.3vdc~7.4vdc 13.5vdc~19.6vdc 18.3vdc~22.0vdc 29.1vdc~32.5vdc over load protection % of fl at nominal input 150% short circuit protection continuous, automatics recovery general specifications efficiency see table isolation voltage input to output input(output) to case 1600vdc, min. 1minute 1000vdc, min. 1minute isolation resistance 500vdc 10 9 ohms, min. isolation capacitance 1500pf, max. switching frequency 330khz10% design meets safety standard iec60950-1, ul60950-1, en60950-1 case material copper base material fr4 pcb potting material epoxy (ul94-v0) dimensions 1.0 x 1.0 x 0.39 inch (25.4 x 25.4 x 9.9 mm) weight 16.5g(0.58oz) mtbf (note 1) bellcore tr-nwt-000332 mil-hdbk-217f 1.756x10 6 hrs 1.111x10 6 hrs t e c h n i c a l s p e c i f i c a t i o n all specifications are typical at nominal input, full load and 25oc otherwise noted features ? 10 watts maximum output power ? ultra low quiescent current ? single output up to 3a ? small size and low profile 1.0 x 1.0 x 0.39 inch ? high efficiency up to 91% ? 2:1 wide input voltage range ? six-sided continuous shield ? fixed switching frequency ? input to output isolation:1600vdc ? built-in en55022 class b filter ? ce mark meets 2006/95/ec, 2011/95/ec and 2004/108/ec ? safety meets ul60950-1, en60950-1 and iec60950-1 ? compliant to rohs eu directive 2011/65/eu options positive logic remote on/off , without trim , without ctrl pin description LCD10 dc/dc converters provide up to 10 watts of output power in an industry standard p ackage and footprint. these units are specifically designed to meet the power needs of low profile. all models feature with 2:1 wide input voltage of 9~18 vdc, 18~36 vdc and 36~75vdc, comprehensively protected against over-current, over-voltage and input under- voltage protection conditions, and trimmable output voltage. the converter can meet en55022 class b with an external capacitor only. applications wireless network telecom/datacom industry control system measurement equipment semiconductor equipment
page 2 of 3 w ww.pduke.com 2013/6/7 LCD10 series 10 watts dc-dc converter output current model number input range output voltage min. load full load output ( 3 ) ( 4 ) ripple & noise no load ( 2 ) input current eff ( 3 ) (%) capacitor ( 5 ) load max LCD10-12s3p3 9 ~ 18 vdc 3.3 vdc 0ma 3000ma 40mvp-p 10ma 83 3500 f LCD10-12s05 9 ~ 18 vdc 5 vdc 0ma 2000ma 40mvp-p 10ma 86 2500 f LCD10-12s12 9 ~ 18 vdc 12 vdc 0ma 830ma 60mvp-p 10ma 89 430 f LCD10-12s15 9 ~ 18 vdc 15 vdc 0ma 670ma 60mvp-p 10ma 90 350 f LCD10-12s24 9 ~ 18 vdc 24 vdc 0ma 416ma 60mvp-p 10ma 91 125 f LCD10-12d05 9 ~ 18 vdc 5 vdc 0ma 1000ma 40mvp-p 10ma 86 1440 f LCD10-12d12 9 ~ 18 vdc 12 vdc 0ma 416ma 60mvp-p 10ma 89 250 f LCD10-12d15 9 ~ 18 vdc 15 vdc 0ma 333ma 60mvp-p 10ma 90 180 f LCD10-24s3p3 18 ~ 36 vdc 3.3 vdc 0ma 3000ma 40mvp-p 6ma 85 3500 f LCD10-24s05 18 ~ 36 vdc 5 vdc 0ma 2000ma 40mvp-p 6ma 86 2500 f LCD10-24s12 18 ~ 36 vdc 12 vdc 0ma 830ma 60mvp-p 6ma 91 430 f LCD10-24s15 18 ~ 36 vdc 15 vdc 0ma 670ma 60mvp-p 6ma 90 350 f LCD10-24s24 18 ~ 36 vdc 24 vdc 0ma 416ma 60mvp-p 6ma 91 125 f LCD10-24d05 18 ~ 36 vdc 5 vdc 0ma 1000ma 40mvp-p 6ma 86 1440 f LCD10-24d12 18 ~ 36 vdc 12 vdc 0ma 416ma 60mvp-p 6ma 90 250 f LCD10-24d15 18 ~ 36 vdc 15 vdc 0ma 333ma 60mvp-p 6ma 90 180 f LCD10-48s3p3 36 ~ 75 vdc 3.3 vdc 0ma 3000ma 40mvp-p 4ma 85 3500 f LCD10-48s05 36 ~ 75 vdc 5 vdc 0ma 2000ma 40mvp-p 4ma 87 2500 f LCD10-48s12 36 - 75 vdc 12 vdc 0ma 830ma 60mvp-p 4ma 90 430 f LCD10-48s15 36 ~ 75 vdc 15 vdc 0ma 670ma 60mvp-p 4ma 90 350 f LCD10-48s24 36 ~ 75 vdc 24 vdc 0ma 416ma 60mvp-p 4ma 91 125 f LCD10-48d05 36 ~ 75 vdc 5 vdc 0ma 1000ma 40mvp-p 4ma 87 1440 f LCD10-48d12 36 ~ 75 vdc 12 vdc 0ma 416ma 60mvp-p 4ma 91 250 f LCD10-48d15 36 ~ 75 vdc 15 vdc 0ma 333ma 60mvp-p 4ma 90 180 f LCD10-48s05 derating curve LCD10-48s05 derating curve with heat-sink 0 20 40 60 80 100 120 -40 -20 0 20 40 60 80 100 120 ambient temperature,ta( ) output power(%) natural convection 100lfm 200lfm 300lfm 400lfm 500lfm 0 20 40 60 80 100 120 -40 -20 0 20 40 60 80 100 120 ambient temperature,ta( ) output power(%) natural convection 100lfm 200lfm 300lfm 400lfm 500lfm LCD10-48s05 efficiency vs input voltage LCD10-48s05 efficiency vs output current 69 73 77 81 85 89 93 36 40 44 48 52 56 60 64 68 72 75 input voltage(v) efficiency(%) 69 73 77 81 85 89 93 10 20 30 40 50 60 70 80 90 100 % of full load efficiency(%) vin= 36v vin= 48v vin= 75v note 1. bellcore tr-nwt-000332. case 1: 50% stress, temperature at 40oc. m il-hdbk-217f notice2 @ta=25 oc, full load(ground, benign, controlled environment) 2. typical value at nominal input and no load. 3. typical value at nominal input and full load. 4. the ripple and noise of output voltage 24vdc is measured with a 1 f/50v x7r 1206 mlcc. the ripple and noise of other output voltage is measured with a 10 f/25v x7r 1206 mlcc. 5. test by minimum input and constant resistive load. 6. trimming allows the user to increase or decrease the output voltage set point of the module. this is accomplished by connecting an external resistor between the trim pin and either the +vout pin or the -vout pin. 7. the ctrl pin voltage is reference to -input. the order number please see product standard table. 8. heat-sink is optional and p/n:7g-0047c-f. 9. the LCD10 series standard module meet en55022 class a without external components and meet class b with external components. for more detail information, please contact with p-duke. 10. an external input filter capacitor is required if the module has to meet en61000-4-4, en61000-4-5. the filter capacitor power mate suggest: nippon chemi-con ky series, 220 f /100v. caution: this power module is not internally fused. an input line fuse must always be used.
page 3 of 3 w ww.pduke.com 2013/6/7 LCD10 series 10 watts dc-dc converter mechanical drawing pin connection pin single dual 1 + input + input 2 - input - input 3 ctrl ctrl 4 +output +output 5 trim common 6 -output -output product standard table option suffix negative logic remote on/off(standard) positive logic remote on/off -a without ctrl pin -b negative logic remote on/off without trim pin -c without ctrl &trim pin -d positive logic remote on/off without trim pin -e 1. all dimensions in inch (mm) tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 2. pin pitch tolerance 0.01 (0.25) 3. pin dimension tolerance 0.004 (0.1) external output trimming output can be externally trimmed by using the m ethod shown below. 6 5 trim up r u 5 4 trim down r d


▲Up To Search▲   

 
Price & Availability of LCD10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X