Part Number Hot Search : 
UR1620 DTC12 1604U 1A042 DSP56156 2SA970 12106 SA101
Product Description
Full Text Search
 

To Download IRFZ46 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  '2s.ii.eu ^.ml-dondilctoi cx j una. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 IRFZ46 hexfet? power mosfet ? dynamic dv/dt rating ? 175c operating temperature ? fast switching ? ease of paralleling ? simple drive requirements vdss = 50v r ds(on) id = 50*a the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry. absolute maximum ratings to-220ab id @ tc = 25c \9 tc= 100c i dm pd @ tc = 25c vgs eas dv/dt tj tstg parameter continuous drain current, vgs @ 1 0 v continuous drain current, vgs @ 10 v pulsed drain current ? power dissipation linear derating factor gate-to-source voltage single pulse avalanche energy ? peak diode recovery dv/dt ? operating junction and storage temperature range soldering temperature, for 10 seconds mounting torque, 6-32 or m3 screw max. units 50* 38 220 150 1.0 20 100 4.5 -55 to +175 300 (1 .6mm from case) 10lbf-in(1.1 n.m) a w w/c v mj v/ns c thermal resistance rejc recs rwa parameter junction-to-case case-to-sink, flat, greased surface junction-to-ambient min. ? ? ? typ. ? 0.50 ? max. 1.0 ? 62 units c/w qualify semi-conductors
electrical characteristics @ tj = 25c (unless otherwise specified) v(br)dss av(br)dss/atj rds(on) vgs{th) flfe loss less qg qgs qgd ld(on) tr td(off) tf ld ls ciss coss crss parameter drain-to-source breakdown voltage breakdown voltage temp. coefficient static drain-to-source on-resistance gate threshold voltage forward transconductance drain-to-source leakage current min. 50 ? ? typ. ? 0.057 ? 2.0 ; ? 27 ; ? ? : ? ? gate-to-source forward leakage ? gate-to-source reverse leakage total gate charge gate-to-source charge gate-to-drain ("miller") charge turn-on delay time rise time turn-off delay time fall time internal drain inductance internal source inductance input capacitance output capacitance reverse transfer capacitance ? ? ? ? ? -- ^j ? ? ? ? ? ? ? ? ? ? ? ? ? 12 120 42 95 4.5 7.5 1800 960 160 max. ? ? 0.024 4.0 ? 25 250 100 -100 66 21 25 ? ? ? ? ? ? ? ? ? units v v/c 1 v s ha na nc ns nh pf test conditions vgs=ov, |d= 250ua reference to 25c, lo= 1ma vgs=10v, b=32a ? vds=vgs, b= 250|aa vds=25v, id=32a ? vds=50v, vgs=ov vds=48v, vcs=ov, tj=150c vgs=20v vgs=-20v b=54a vds=48v vgs=10v see fig. 6 and 13 ? vdd=28v id=54a rg=9.1q ro=0.49i see figure 10 ? between lead, p 6 mm (0.25in.) /t~~t\m package jj j*i ?) and center of vzi die contact s vgs=ov vds=25v /=1 .0mhz see figure 5 source-drain ratings and characteristics is ism vsd trr qrr ton parameter continuous source current (body diode) pulsed source current (body diode) ? diode forward voltage reverse recovery time reverse recovery charge forward turn -on time min. ? ? ?? ? ? typ. ? ? ? 66 0.17 max. 50* 220 2.5 99 0.31 units a v ns uc test conditions mosfet symbol ^_^ showing the /t1 ? ~ integral reverse gaj pl, p-n junction diode. d ;> s tj=25c, is=54a, vgs=ov ? tj=25c, if=54a di/dt=100a/fis ? intrinsic turn-on time is neglegible (turn-on is dominated by ls+ld) notes: ? repetitive rating; pulse width limited by max. junction temperature (see figure 11) ? vdd=25v, starting tj=25c, l=34^h rg=25o, las=54a (see figure 12) * current limited by the package, (die current =54a) , di/dt<250a/ns, tj<175c pulse width < 300 (is; duty cycle <2%.


▲Up To Search▲   

 
Price & Availability of IRFZ46

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X