for product data sheets, visit www .cooperbussmann.com/products/datasheet.asp 45 low voltage supplementary fuses low voltage supplementary fuses specifications class: supplemental description: time-delay supplementary fuse. dimensions: 13 ? 32 x 1 1 ? 2 (10.3 x 38.1mm). construction: fiber tube. ratings: volts 250vac (or less) amps 1 ? 10 -30a ir 35a ( 1 ? 10 -1a @ 250vac) 100a (1 1 ? 8 -3 1 ? 2 a @ 250vac) 200a (4-10a @ 250vac) 10,000a ( 1 ? 10 -15a @ 125vac) n/a (20-30a @ 32vac) note: for 250v applications from 12-30a use fnw. agency information: ce, std. 248-14, ul listed, 0-10/250v; 12-15/125v; file e19180, guide jdyx, csa certified, 1-10/250v; class 1422-01, 12-15/125v; file 53787. features and benefits ? low cost supplemental protection of 125v and 250v inductive circuits. typical applications ? general purpose circuits ? lighting circuit protection ? meter circuits ? upgrading to lp-cc product will reduce sku investment and minimize potential for misapplying fuse. catalog numbers (amps) fnm- 1 10 fnm- 1 2 fnm-1 1 2 fnm-3k fnm-6 fnm-15 fnm- 1 8 fnm- 6 10 fnm-1 6 10 fnm-3 2 10 fnm-6 1 4 fnm-20 fnm- 15 100 fnm- 3 4 fnm-1 8 10 fnm-3 1 2 fnm-7 fnm-25 fnm- 2 10 fnm-1 fnm-2 fnm-4 fnm-8 fnm-30 fnm- 1 4 fnm-1 1 8 fnm-2 1 4 fnm-4 1 2 fnm-9 fnm- 3 10 fnm-1 1 4 fnm-2 1 2 fnm-5 fnm-10 fnm- 4 10 fnm-1 4 10 fnm-2 8 10 fnm-5 6 10 fnm-12 specifications class: supplemental description: time-delay supplementary fuse. dimensions: 13 ? 32 x 1 1 ? 2 (10.3 x 38.1mm). construction: fiber tube. ratings: volts 500vac (or less) amps 1 ? 10 -30a ir 10,000a rms sym. agency information: ce, std. 248-14, ul listed, guide jdyx, file e19180 csa certified, class 1422-01, file 53787. features and benefits ? low cost supplemental protection of transformers and relays at 500v or less. typical applications ? control transformer 480v primary protection ? lighting circuit protection ? meter circuits catalog numbers (amps) fnq- 1 10 fnq- 4 10 fnq-1 1 2 fnq-3 1 2 fnq-7 fnq-20 fnq- 1 8 fnq- 1 2 fnq-1 6 10 FNQ-4 fnq-8 fnq-25 fnq- 15 100 fnq- 6 10 fnq-2 FNQ-4 1 2 fnq-9 fnq-30 fnq- 3 16 fnq- 8 10 fnq-2 1 4 fnq-5 fnq-10 fnq- 2 10 fnq-1 fnq-2 1 2 fnq-5 6 10 fnq-12 fnq- 1 4 fnq-1 1 8 fnq-3 fnq-6 fnq-14 fnq- 3 10 fnq-1 1 4 fnq-3 2 10 fnq-6 1 4 fnq-15 13 32 ? 1 1 2 time-delay fuses data sheet: 2028 data sheet: 1012 for superior electrical protection, cooper bussmann recommends upgrading fnm and fnq fuse applications to low-peak lp-cc fuses see page 19. recommended fuse blocks and fuse holders for 13 32 ? 1 1 2 fuses ? see page 40 fnm fnq
|