Part Number Hot Search : 
01J100 WRB1215 CM3501 2SK3488 10009 2SK3488 M74HC157 IH4812S
Product Description
Full Text Search
 

To Download CZRW4691-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd zener diode v oltage: 1.8 to 43 v olts power: 350mw rohs device page 1 rev :c czr w4678-g thru. czr w4717-g qw -bz027 features - for surface mounted applications. - small package size for high density applications. mechanical data - esd rating of class 3(>16kv) per human body model. pa ra m et er sy m bo l v al ue un it maximum rating (@t =25c unless otherwise specified) a mw 335 50 0 p d 35 7 thermal resistance, junction to ambient air r ja c/w ju nc tio n t em pe rat ure ra ng e -65 to +1 50 t j c sto rag e t em pe rat ure ra ng e -65 to +1 50 t stg ma xim um po we r d iss ipa tio n 2 no tes : d ev ice m ou nte d o n c era mi c p cb ; 5 .0m m* 7.0 mm w ith pa d a rea s 3 5m m . - t erminals: solder plated,solderable per mil-std-750,method 2026. - polarity: cathode band. - w eight: 0.01 grams(approx.). - case: sod-123 , v oid-free, transfer-molded, thermosetting plastic case. - finish: corrosion resistant finish, easily solderable. - maximum case temperature for soldering purposes: 260c for 10 seconds 0.9 maximum forward voltage v f v - wide zener reverse voltage range. c circuit diagram comchip t echnology co., l td. @ if=10ma c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e . 0 . 1 5 2 ( 3 . 8 5 ) 0 . 1 4 0 ( 3 . 5 5 ) 0 . 0 4 9 ( 1 . 2 5 ) 0 . 0 4 1 ( 1 . 0 5 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) s o d - 1 2 3 0 . 0 2 0 ( 0 . 5 0 ) r e f 0 . 0 0 4 ( 0 . 1 0 ) m a x . 0 . 11 0 ( 2 . 8 0 ) 0 . 1 0 2 ( 2 . 6 0 ) 0 . 0 6 7 ( 1 . 7 0 ) 0 . 0 5 9 ( 1 . 5 0 ) 0 . 0 2 6 ( 0 . 6 5 ) 0 . 0 1 8 ( 0 . 4 5 ) 0 . 0 0 6 ( 0 . 1 5 ) 0 . 0 0 3 ( 0 . 0 8 )
smd zener diode page 2 rev :c qw -bz027 comchip t echnology co., l td. c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e . electrical characteristics ( at t a = 25c unless otherwise noted) max @i zt a a i r @v r czr w4678-g 1.71 1.8 1.89 50 7.5 1 leakage current v olts part number zener v oltage (note 1) min nom v z (v olts) no te s: 1 . n om ina l z en er v olt ag e is m ea su re d wi th th e de vic e jun ct ion in th er m al eq uil ibr ium a t t l =3 0 c 1 c cc marking code czr w4679-g 1.90 2.0 2.10 50 5 1 cd czr w4680-g 2.09 2.2 2.31 50 4 1 ce czr w4681-g 2.28 2.4 2.52 50 2 1 cf czr w4682-g 2.565 2.7 2.835 50 1 1 ch czr w4683-g 2.85 3.0 3.15 50 0.8 1 cj czr w4684-g 3.13 3.3 3.47 50 7.5 1.5 ck czr w4685-g 3.42 3.6 3.78 50 7.5 2 cm czr w4686-g 3.70 3.9 4.10 50 5 2 cn czr w4687-g 4.09 4.3 4.52 50 4 2 cp czr w4688-g 4.47 4.7 4.94 50 10 3 ct czr w4689-g 4.85 5.1 5.36 50 10 3 cu czr w4690-g 5.32 5.6 5.88 50 10 4 cv czr w4691-g 5.89 6.2 6.51 50 10 5 ca czr w4692-g 6.46 6.8 7.14 50 10 5.1 cx czr w4693-g 7.13 7.5 7.88 50 10 5.7 cy czr w4694-g 7.79 8.2 8.61 50 1 6.2 cz czr w4695-g 8.27 8.7 9.14 50 1 6.6 dc czr w4696-g 8.65 9.1 9.56 50 1 6.9 dd czr w4697-g 9.50 10 10.50 50 1 7.6 de czr w4698-g 10.45 1 1 1 1.55 50 0.05 8.4 df czr w4699-g 1 1.40 12 12.60 50 0.05 9.1 dh czr w4700-g 12.35 13 13.65 50 0.05 9.8 dj czr w4701-g 13.30 14 14.70 50 0.05 10.6 dk czr w4702-g 14.25 15 15.75 50 0.05 1 1.4 dm czr w4703-g 15.20 16 16.80 50 0.05 12.1 dn czr w4704-g 16.15 17 17.85 50 0.05 12.9 dp czr w4705-g 17.10 18 18.90 50 0.05 13.6 dt czr w4706-g 18.05 19 19.95 50 0.05 14.4 du czr w4707-g 19.00 20 21.00 50 0.01 15.2 dv czr w4708-g 20.90 22 23.10 50 0.01 16.7 da czr w4709-g 22.80 24 25.20 50 0.01 18.2 dx czr w4710-g 23.75 25 26.25 50 0.01 19.0 dy czr w471 1-g 25.65 27 28.35 50 0.01 20.4 ea czr w4712-g 26.60 28 29.40 50 0.01 21.2 ec czr w4713-g 28.50 30 31.50 50 0.01 22.8 ed czr w4714-g 31.35 33 34.65 50 0.01 25.0 ee czr w4715-g 34.20 36 37.80 50 0.01 27.3 ef czr w4716-g 37.05 39 40.95 50 0.01 29.6 eh czr w4717-g 40.85 43 45.15 50 0.01 32.6 ej
smd zener diode page 3 rev :c qw -bz027 comchip t echnology co., l td. 0 1 . 5 3 . 0 0 . 3 1 . 5 c a p a c i t a n c e b e t w e e n t e r m i n a l s , ( p f ) r e v e r s e v o l t a g e , ( v ) f i g . 3 - c a p a c i t a n c e b e t w e e n t e r m i n a l s c h a r a c t e r i s t i c s 0 .0 0 0 1 0 .0 1 0 0 1 .0 1 .5 3 .0 1 .0 0 0 0 0 .1 0 0 0 r e v e r s e v o l t a g e , ( v ) f i g . 2 - c h a r a c t e r i s t i c r e v e r s e r e v e r s e c u r r e n t , ( u a ) 0 .4 0 .0 1 .0 0 0 .8 0 .1 0 1 0 .0 0 f o r w a r d c u r r e n t , ( m a ) f o r w a r d v o l t a g e , ( v ) f i g . 1 - f o r w a r d c h a r a c t e r i s t i c s 0 0 .1 0 .2 0 .3 0 .4 0 .5 o a m b i e n t t e m p e r a t u r e , ( c ) f o r w a r d c u r r e n t , ( a ) f i g . 4 - p o w e r d e r a t i n g 0 . 6 0 . 9 0 .0 0 1 0 1 0 ,0 0 0 0 1 0 0 .0 0 1 . 2 1 .2 ra ting and characteristic cur ves ( czr w4678-g thru. czr w4717-g ) 0 .6 2 5 5 0 7 5 1 2 5 1 0 0 4 . 5 f = 1 m h z t a = 2 5 c o 5 0 c o 7 5 c o 1 2 5 c o 1 0 0 c o 2 5 c 2 .0 2 .5 o 2 5 c o 5 0 c o 7 5 c o 1 0 0 c o 1 2 5 c c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e .
page 4 reel t aping specification comchip t echnology co., l td. smd zener diode qw -bz027 rev :c b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 8 5 0 . 0 5 3 . 9 4 0 . 0 5 1 . 5 5 0 . 1 0 1 . 5 7 0 . 0 5 o 1 2 0 d 1 d 2 d w 1 4 . 0 0 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 s y m b o l ( m m ) ( i n c h ) 0 . 0 . 0 0 4 1 5 7 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 1 0 0 . 1 3 8 0 . 0 0 4 s o d - 1 2 3 1 2 . 3 0 1 . 0 0 . 4 8 4 0 . 0 3 9 8 . 0 0 0 . 3 0 / + C 0 . 1 0 0 . 3 1 5 0 . 0 1 2 / + C 0 . 0 0 4 t c x x 0 . 0 6 2 0 . 0 0 2 0 . 1 5 5 0 . 0 0 2 0 . 0 7 3 0 . 0 0 2 0 . 0 6 1 0 . 0 0 4 7 . 0 0 8 0 . 0 7 9 1 7 8 2 . 0 0 5 4 . 4 0 1 . 0 0 2 . 1 4 2 0 . 0 3 9 1 3 . 0 0 1 . 0 0 0 . 5 1 2 0 . 0 3 9 s o d - 1 2 3 c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e .
page 5 rev :c qw -bz027 comchip t echnology co., l td. suggested p ad layout size (inch) 0.128 (mm) 3.24 0.80 1.00 0.031 0.039 sod-123 4.04 0.159 e 2.44 0.096 a b c d a c b e d xx smd zener diode standard packaging c a s e t y p e s o d - 1 2 3 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k c o m p a n y r e s e r v e s t h e r i g h t t o i m p r o v e p r o d u c t d e s i g n , f u n c t i o n s a n d r e l i a b i l i t y w i t h o u t n o t i c e . marking code 1. xxx : marking code (see page.2) xx part number marking code czr w4678-g thru. czr w4717-g series 2. : cathod band


▲Up To Search▲   

 
Price & Availability of CZRW4691-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X