Part Number Hot Search : 
4731A KT521205 10076 2SB123 X086A 0TFI023 80C196KC UE01H
Product Description
Full Text Search
 

To Download CT1210KXXG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  117 04/02 construction multilayer technology termination: nickel barrier (ct series) or silver palladium (cn series) or silver platinum (only for cn0402 k2) no plastic or epoxy encapsulation assures better than ul 94 v-0 flammability rating features sizes 0402 2220 suitable for esd protection surge currents up to 1200 a bidirectional clamping operating temperatures up to 125  c types with controlled capacitance available good solderability pspice models taping supply on 8/12-mm tape, for tape dimensions see pages 154/155, for reel dimensions and packing units see page 157, chapter ? smd varistors: taping ? type designation detailed description of coding system on page 39, chapter ? general technical information ? general technical data 1) for mounted parts (storage conditions for unused parts on reel see page 38, chapter ? general technical information ? ) climatic category lct uct damp heat, steady state (93 % r.h., 40  c) 55/125/56 (55/85/56) 55  c + 85  c (ct/cn0402 0603) + 125  c (ct/cn0805 2220) 56 days in acc. with iec 60068-1 in acc. with iec 60068-2-3 operating temperature 55 + 85  c ct/cn0402 0603 in acc. with cecc 42 000 55 + 125  c ct/cn0805 2220 in acc. with cecc 42 000 storage temperature 1) 55 + 150  c ct/cn0805 2220 55 + 125  c ct/cn0402 0603 response time < 0,5 ns solderability 235  c, 2 s in acc. with iec 60068-2-58 resistance to soldering heat 260  c, 10 s in acc. with iec 60068-2-58 siov-ct 0603 m 4 g epcos metal oxide varistor design size (nominal) taping mode max. ac operating voltage tolerance of varistor voltage smd varistors mlv; standard series
118 04/02 maximum ratings (0402 0603: t a = 85  c; 0805 2220: t a = 125  c) type siov- ordering code v rms v v dc v i max 8/20  s a w max (2 ms) j p max w ct0603m4g b72500t0040m060 4 5,5 30 0,1 0,003 ct0805m4g b72510t0040m062 4 5,5 100 0,1 0,005 ct1206m4g b72520t0040m062 4 5,5 150 0,3 0,008 ct1210m4g b72530t0040m062 4 5,5 250 0,4 0,010 ct1812m4g b72580t0040m062 4 5,5 500 0,8 0,015 ct2220m4g b72540t0040m062 4 5,5 1000 1,4 0,020 ct0603m6g b72500t0060m060 6 8 30 0,1 0,003 ct0805m6g b72510t0060m062 6 8 120 0,2 0,005 ct0805m6ccg b72510t5060m062 6 8 120 0,2 0,005 ct1206m6g b72520t0060m062 6 8 200 0,4 0,008 ct1210m6g b72530t0060m062 6 8 300 0,7 0,010 ct1812m6g b72580t0060m062 6 8 500 1,0 0,015 ct2220m6g b72540t0060m062 6 8 1200 3,6 0,020 ct0603m7g b72500t0070m060 7 9 30 0,1 0,003 ct0603l8g b72500t0080l060 8 11 30 0,1 0,003 ct0805l8g b72510t0080l062 8 11 120 0,2 0,005 ct1206l8g b72520t0080l062 8 11 200 0,5 0,008 ct1210l8g b72530t0080l062 8 11 400 1,0 0,010 ct1812l8g b72580t0080l062 8 11 800 1,8 0,015 ct2220l8g b72540t0080l062 8 11 1200 4,2 0,020 ct0603k11g b72500t0110k060 11 14 30 0,2 0,003 ct0805k11g b72510t0110k062 11 14 120 0,2 0,005 ct1206k11g b72520t0110k062 11 14 200 0,5 0,008 ct1210k11g b72530t0110k062 11 14 400 1,2 0,010 ct1812k11g b72580t0110k062 11 14 800 1,9 0,015 ct2220k11g b72540t0110k062 11 14 1200 5,4 0,020 ct0402l14g b72590t0140l060 14 16 10 0,01 0,003 ct0603k14g b72500t0140k060 14 18 30 0,2 0,003 ct0805k14g b72510t0140k062 14 18 120 0,3 0,005 ct1206k14g b72520t0140k062 14 18 200 0,5 0,008 ct1210k14g b72530t0140k062 14 18 400 1,5 0,010 ct1812k14g b72580t0140k062 14 18 800 2,3 0,015 ct2220k14g b72540t0140k062 14 18 1200 5,8 0,020 a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? nickel barrier termination (available upon request) smd varistors
119 04/02 characteristics ( t a = 25  c) type siov- v v (1 ma) v  v v (1 ma) % max. clamping voltage c typ (1 khz) pf l typ nh derating curve page v / i char- acteristic page v v i a ct0603m4g 8  20 19 1,0 200 1,0 238 266 ct0805m4g 8  20 19 1,0 700 1,5 238 267 ct1206m4g 8  20 17 1,0 1500 1,8 240 268 ct1210m4g 8  20 17 2,5 5000 1,8 241 269 ct1812m4g 8  20 17 5,0 10000 2,5 242 270 ct2220m4g 8  20 17 10,0 24000 3,0 245 271 ct0603m6g 11  20 27 1,0 200 1,0 238 266 ct0805m6g 11  20 27 1,0 600 1,5 239 267 ct0805m6ccg 11  20 27 1,0 1500 1) 1,5 239 267 ct1206m6g 11  20 25 1,0 1200 1,8 240 268 ct1210m6g 11  20 25 2,5 4000 1,8 241 269 ct1812m6g 11  20 25 5,0 8000 2,5 242 270 ct2220m6g 11  20 25 10,0 20000 3,0 245 271 ct0603m7g 12,5  20 30 1,0 200 1,0 238 266 ct0603l8g 15  15 33 1,0 150 1,0 238 266 ct0805l8g 15  15 33 1,0 500 1,5 239 267 ct1206l8g 15  15 30 1,0 1000 1,8 240 268 ct1210l8g 15  15 30 2,5 3000 1,8 242 269 ct1812l8g 15  15 30 5,0 6000 2,5 244 270 ct2220l8g 15  15 30 10,0 16000 3,0 245 271 ct0603k11g 18  10 35 1,0 100 1,0 238 266 ct0805k11g 18  10 35 1,0 400 1,5 239 267 ct1206k11g 18  10 33 1,0 800 1,8 240 268 ct1210k11g 18  10 33 2,5 2400 1,8 242 269 ct1812k11g 18  10 33 5,0 5000 2,5 244 270 ct2220k11g 18  10 33 10,0 12000 3,0 245 271 ct0402l14g 23,5  15 46 1,0 60 2) 0,8 237 265 ct0603k14g 22  10 40 1,0 100 1,0 238 266 ct0805k14g 22  10 40 1,0 350 1,5 239 267 ct1206k14g 22  10 38 1,0 700 1,8 240 268 ct1210k14g 22  10 38 2,5 2000 1,8 242 269 ct1812k14g 22  10 38 5,0 4500 2,5 244 270 ct2220k14g 22  10 38 10,0 10000 3,0 245 271 1) c (1 mhz);  20%; 2) c typ (1 mhz) a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? nickel barrier termination (available upon request) smd varistors
120 04/02 ct0603k17g b72500t0170k060 17 22 30 0,2 0,003 ct0603k17lcg b72500t2170k060 17 22 10 0,1 0,001 ct0805k17g b72510t0170k062 17 22 120 0,3 0,005 ct0805k17lcg b72510t2170k062 17 22 30 0,1 0,004 ct1206k17g b72520t0170k062 17 22 200 0,6 0,008 ct1210k17g b72530t0170k062 17 22 400 1,7 0,010 ct1812k17g b72580t0170k062 17 22 800 2,7 0,015 ct2220k17g b72540t0170k062 17 22 1200 7,2 0,020 ct0603k20g b72500t0200k060 20 26 30 0,2 0,003 ct0805k20g b72510t0200k062 20 26 80 0,3 0,005 ct1206k20g b72520t0200k062 20 26 200 0,7 0,008 ct1210k20g b72530t0200k062 20 26 400 1,9 0,010 ct1812k20g b72580t0200k062 20 26 800 3,0 0,015 ct2220k20g b72540t0200k062 20 26 1200 7,8 0,020 ct0603k25g b72500t0250k060 25 31 30 0,3 0,003 ct0805k25g b72510t0250k062 25 31 80 0,3 0,005 ct1206k25g b72520t0250k062 25 31 200 1,0 0,008 ct1210k25g b72530t0250k062 25 31 300 1,7 0,010 ct1812k25g b72580t0250k062 25 31 800 3,7 0,015 ct2220k25g b72540t0250k062 25 31 1200 9,6 0,020 ct0805k30g b72510t0300k062 30 38 80 0,3 0,005 ct1206k30g b72520t0300k062 30 38 200 1,1 0,008 ct1210k30g b72530t0300k062 30 38 300 2,0 0,010 ct1812k30g b72580t0300k062 30 38 800 4,2 0,015 ct2220k30g b72540t0300k062 30 38 1200 12,0 0,020 ct1206k35g b72520t0350k062 35 45 100 0,4 0,008 ct1210k35g b72530t0350k062 35 45 250 2,0 0,010 ct1812k35g b72580t0350k062 35 45 500 4,0 0,015 ct2220k35g b72540t0350k062 35 45 1000 7,7 0,020 ct1206k40g b72520t0400k062 40 56 100 0,5 0,008 ct1210k40g b72530t0400k062 40 56 250 2,3 0,010 ct1812k40g b72580t0400k062 40 56 500 4,8 0,015 ct2220k40g b72540t0400k062 40 56 1000 9,0 0,020 maximum ratings (0402 0603: t a = 85  c; 0805 2220: t a = 125  c) type siov- ordering code v rms v v dc v i max 8/20  s a w max (2 ms) j p max w a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? nickel barrier termination (available upon request) smd varistors
121 04/02 ct0603k17g 27  10 46 1,0 100 1,0 238 266 ct0603k17lcg 27  10 50 1,0 < 50 1,0 237 266 ct0805k17g 27  10 46 1,0 400 1,5 239 267 ct0805k17lcg 27 +22/ 8 1) 50 1,0 < 100 1,0 238 267 ct1206k17g 27  10 44 1,0 650 1,8 240 268 ct1210k17g 27  10 44 2,5 1800 1,8 242 269 ct1812k17g 27  10 44 5,0 4000 2,5 244 270 ct2220k17g 27  10 44 10,0 9000 3,0 245 271 ct0603k20g 33  10 56 1,0 90 1,0 238 266 ct0805k20g 33  10 56 1,0 300 1,5 239 267 ct1206k20g 33  10 54 1,0 600 1,8 240 268 ct1210k20g 33  10 54 2,5 1500 1,8 242 269 ct1812k20g 33  10 54 5,0 3000 2,5 244 270 ct2220k20g 33  10 54 10,0 7000 3,0 245 271 ct0603k25g 39  10 67 1,0 90 2) 1,0 238 266 ct0805k25g 39  10 67 1,0 250 1,5 239 267 ct1206k25g 39  10 65 1,0 550 1,8 240 268 ct1210k25g 39  10 65 2,5 1200 1,8 241 269 ct1812k25g 39  10 65 5,0 2500 2,5 244 270 ct2220k25g 39  10 65 10,0 5000 3,0 245 271 ct0805k30g 47  10 77 1,0 200 1,0 239 267 ct1206k30g 47  10 77 1,0 500 1,8 240 268 ct1210k30g 47  10 77 2,5 1000 1,8 241 269 ct1812k30g 47  10 77 5,0 2000 2,5 244 270 ct2220k30g 47  10 77 10,0 4000 3,0 245 271 ct1206k35g 56  10 90 1,0 200 1,8 238 268 ct1210k35g 56  10 90 2,5 600 1,8 241 269 ct1812k35g 56  10 90 5,0 1200 2,5 242 270 ct2220k35g 56  10 90 10,0 2500 3,0 245 271 ct1206k40g 68  10 110 1,0 250 1,8 238 268 ct1210k40g 68  10 110 2,5 500 1,8 241 269 ct1812k40g 68  10 110 5,0 1000 2,5 242 270 ct2220k40g 68  10 110 10,0 2000 3,0 245 271 characteristics ( t a = 25  c) type siov- v v (1 ma) v  v v (1 ma) % max. clamping voltage c typ (1 khz) pf l typ nh derating curve page v / i char- acteristic page v v i a 1) c (1 mhz);  20%; 2) c typ (1 mhz) a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? nickel barrier termination (available upon request) smd varistors 1) tolerance differs from standard; 2) c typ (1 mhz)
122 04/02 ct1206k50g b72520t0500k062 50 65 100 0,6 0,008 ct1210k50g b72530t0500k062 50 65 200 1,6 0,010 ct1812k50g b72580t0500k062 50 65 400 4,5 0,015 ct2220k50g b72540t0500k062 50 65 800 5,6 0,020 ct1206k60g b72520t0600k062 60 85 100 0,7 0,008 ct1210k60g b72530t0600k062 60 85 200 2,0 0,010 ct1812k60g b72580t0600k062 60 85 400 5,8 0,015 ct2220k60g b72540t0600k062 60 85 800 6,8 0,020 maximum ratings (0402 0603: t a = 85  c; 0805 2220: t a = 125  c) type siov- ordering code v rms v v dc v i max 8/20  s a w max (2 ms) j p max w a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? nickel barrier termination (available upon request) smd varistors
123 04/02 ct1206k50g 82  10 135 1,0 120 1,8 238 268 ct1210k50g 82  10 135 2,5 250 1,8 240 269 ct1812k50g 82  10 135 5,0 500 2,5 242 270 ct2220k50g 82  10 135 10,0 1000 3,0 244 271 ct1206k60g 100  10 165 1,0 100 1,8 238 268 ct1210k60g 100  10 165 2,5 200 1,8 240 269 ct1812k60g 100  10 165 5,0 400 2,5 242 270 ct2220k60g 100  10 165 10,0 800 3,0 244 271 characteristics ( t a = 25  c) type siov- v v (1 ma) v  v v (1 ma) % max. clamping voltage c typ (1 khz) pf l typ nh derating curve page v / i char- acteristic page v v i a 1) c (1 mhz);  20%; 2) c typ (1 mhz) a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? nickel barrier termination (available upon request) smd varistors
124 04/02 maximum ratings (0402 0603: t a = 85  c; 0805 2220: t a = 125  c) type siov- ordering code v rms v v dc v i max 8/20  s a w max (2 ms) j p max w cn0603m4g b72500v0040m060 4 5,5 30 0,1 0,003 cn0805m4g b72510v0040m062 4 5,5 100 0,1 0,005 cn1206m4g b72520v0040m062 4 5,5 150 0,3 0,008 cn1210m4g b72530v0040m062 4 5,5 250 0,4 0,010 cn1812m4g b72580v0040m062 4 5,5 500 0,8 0,015 cn2220m4g b72540v0040m062 4 5,5 1000 1,4 0,020 cn0603m6g b72500v0060m060 6 8 30 0,1 0,003 cn0805m6g b72510v0060m062 6 8 120 0,2 0,005 cn0805m6ccg b72510v5060m062 6 8 120 0,2 0,005 cn1206m6g b72520v0060m062 6 8 200 0,4 0,008 cn1210m6g b72530v0060m062 6 8 300 0,7 0,010 cn1812m6g b72580v0060m062 6 8 500 1,0 0,015 cn2220m6g b72540v0060m062 6 8 1200 3,6 0,020 cn0603m7g b72500v0070m060 7 9 30 0,1 0,003 cn0603l8g b72500v0080l060 8 11 30 0,1 0,003 cn0805l8g b72510v0080l062 8 11 120 0,2 0,005 cn1206l8g b72520v0080l062 8 11 200 0,5 0,008 cn1210l8g b72530v0080l062 8 11 400 1,0 0,010 cn1812l8g b72580v0080l062 8 11 800 1,8 0,015 cn2220l8g b72540v0080l062 8 11 1200 4,2 0,020 cn0603k11g b72500v0110k060 11 14 30 0,2 0,003 cn0805k11g b72510v0110k062 11 14 120 0,2 0,005 cn1206k11g b72520v0110k062 11 14 200 0,5 0,008 cn1210k11g b72530v0110k062 11 14 400 1,2 0,010 cn1812k11g b72580v0110k062 11 14 800 1,9 0,015 cn2220k11g b72540v0110k062 11 14 1200 5,4 0,020 cn0402l14gk2 b72592v0140l060 14 16 10 0,01 0,003 cn0603k14g b72500v0140k060 14 18 30 0,2 0,003 cn0805k14g b72510v0140k062 14 18 120 0,3 0,005 cn1206k14g b72520v0140k062 14 18 200 0,5 0,008 cn1210k14g b72530v0140k062 14 18 400 1,5 0,010 cn1812k14g b72580v0140k062 14 18 800 2,3 0,015 cn2220k14g b72540v0140k062 14 18 1200 5,8 0,020 a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? silver palladium termination (0402: silver platinum) smd varistors
125 04/02 characteristics ( t a = 25  c) type siov- v v (1 ma) v  v v (1 ma) % max. clamping voltage c typ (1 khz) pf l typ nh derating curve page v / i char- acteristic page v v i a cn0603m4g 8  20 19 1,0 200 1,0 238 266 cn0805m4g 8  20 19 1,0 700 1,5 238 267 cn1206m4g 8  20 17 1,0 1500 1,8 240 268 cn1210m4g 8  20 17 2,5 5000 1,8 241 269 cn1812m4g 8  20 17 5,0 10000 2,5 242 270 cn2220m4g 8  20 17 10,0 24000 3,0 245 271 cn0603m6g 11  20 27 1,0 200 1,0 238 266 cn0805m6g 11  20 27 1,0 600 1,5 239 267 cn0805m6ccg 11  20 27 1,0 1500 1) 1,5 239 267 cn1206m6g 11  20 25 1,0 1200 1,8 240 268 cn1210m6g 11  20 25 2,5 4000 1,8 241 269 cn1812m6g 11  20 25 5,0 8000 2,5 242 270 cn2220m6g 11  20 25 10,0 20000 3,0 245 271 cn0603m7g 12,5  20 30 1,0 200 1,0 238 266 cn0603l8g 15  15 33 1,0 150 1,0 238 266 cn0805l8g 15  15 33 1,0 500 1,5 239 267 cn1206l8g 15  15 30 1,0 1000 1,8 240 268 cn1210l8g 15  15 30 2,5 3000 1,8 242 269 cn1812l8g 15  15 30 5,0 6000 2,5 244 270 cn2220l8g 15  15 30 10,0 16000 3,0 245 271 cn0603k11g 18  10 35 1,0 100 1,0 238 266 cn0805k11g 18  10 35 1,0 400 1,5 239 267 cn1206k11g 18  10 33 1,0 800 1,8 240 268 cn1210k11g 18  10 33 2,5 2400 1,8 242 269 cn1812k11g 18  10 33 5,0 5000 2,5 244 270 cn2220k11g 18  10 33 10,0 12000 3,0 245 271 cn0402l14gk2 23,5  15 46 1,0 60 2) 0,8 237 265 cn0603k14g 22  10 40 1,0 100 1,0 238 266 cn0805k14g 22  10 40 1,0 350 1,5 239 267 cn1206k14g 22  10 38 1,0 700 1,8 240 268 cn1210k14g 22  10 38 2,5 2000 1,8 242 269 cn1812k14g 22  10 38 5,0 4500 2,5 244 270 cn2220k14g 22  10 38 10,0 10000 3,0 245 271 1) c (1 mhz);  20%; 2) c typ (1 mhz) a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? silver palladium termination (0402: silver platinum) smd varistors
126 04/02 cn0603k17g b72500v0170k060 17 22 30 0,2 0,003 cn0603k17lcg b72500v2170k060 17 22 10 0,1 0,001 cn0805k17g b72510v0170k062 17 22 120 0,3 0,005 cn0805k17lcg b72510v2170k062 17 22 30 0,1 0,004 cn1206k17g b72520v0170k062 17 22 200 0,6 0,008 cn1210k17g b72530v0170k062 17 22 400 1,7 0,010 cn1812k17g b72580v0170k062 17 22 800 2,7 0,015 cn2220k17g b72540v0170k062 17 22 1200 7,2 0,020 cn0603k20g b72500v0200k060 20 26 30 0,3 0,003 cn0805k20g b72510v0200k062 20 26 80 0,3 0,005 cn1206k20g b72520v0200k062 20 26 200 0,7 0,008 cn1210k20g b72530v0200k062 20 26 400 1,9 0,010 cn1812k20g b72580v0200k062 20 26 800 3,0 0,015 cn2220k20g b72540v0200k062 20 26 1200 7,8 0,020 cn0603k25g b72500v0250k060 25 31 30 0,3 0,003 cn0805k25g b72510v0250k062 25 31 80 0,3 0,005 cn1206k25g b72520v0250k062 25 31 200 1,0 0,008 cn1210k25g b72530v0250k062 25 31 300 1,7 0,010 cn1812k25g b72580v0250k062 25 31 800 3,7 0,015 cn2220k25g b72540v0250k062 25 31 1200 9,6 0,020 cn0805k30g b72510v0300k062 30 38 80 0,3 0,005 cn1206k30g b72520v0300k062 30 38 200 1,1 0,008 cn1210k30g b72530v0300k062 30 38 300 2,0 0,010 cn1812k30g b72580v0300k062 30 38 800 4,2 0,015 cn2220k30g b72540v0300k062 30 38 1200 12,0 0,020 cn1206k35g b72520v0350k062 35 45 100 0,4 0,008 cn1210k35g b72530v0350k062 35 45 250 2,0 0,010 cn1812k35g b72580v0350k062 35 45 500 4,0 0,015 cn2220k35g b72540v0350k062 35 45 1000 7,7 0,020 cn1206k40g b72520v0400k062 40 56 100 0,5 0,008 cn1210k40g b72530v0400k062 40 56 250 2,3 0,010 cn1812k40g b72580v0400k062 40 56 500 4,8 0,015 cn2220k40g b72540v0400k062 40 56 1000 9,0 0,020 maximum ratings (0402 0603: t a = 85  c; 0805 2220: t a = 125  c) type siov- ordering code v rms v v dc v i max 8/20  s a w max (2 ms) j p max w a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? silver palladium termination (0402: silver platinum) smd varistors
127 04/02 cn0603k17g 27  10 46 1,0 100 1,0 238 266 cn0603k17lcg 27  10 50 1,0 < 50 1,0 237 266 cn0805k17g 27  10 46 1,0 400 1,5 239 267 cn0805k17lcg 27 +22/ 8 1) 50 1,0 < 100 1,0 238 267 cn1206k17g 27  10 44 1,0 650 1,8 240 268 cn1210k17g 27  10 44 2,5 1800 1,8 242 269 cn1812k17g 27  10 44 5,0 4000 2,5 244 270 cn2220k17g 27  10 44 10,0 9000 3,0 245 271 cn0603k20g 33  10 56 1,0 90 1,0 238 266 cn0805k20g 33  10 56 1,0 300 1,5 239 267 cn1206k20g 33  10 54 1,0 600 1,8 240 268 cn1210k20g 33  10 54 2,5 1500 1,8 242 269 cn1812k20g 33  10 54 5,0 3000 2,5 244 270 cn2220k20g 33  10 54 10,0 7000 3,0 245 271 cn0603k25g 39  10 67 1,0 90 2) 1,0 238 266 cn0805k25g 39  10 67 1,0 250 1,5 239 267 cn1206k25g 39  10 65 1,0 550 1,8 240 268 cn1210k25g 39  10 65 2,5 1200 1,8 241 269 cn1812k25g 39  10 65 5,0 2500 2,5 244 270 cn2220k25g 39  10 65 10,0 5000 3,0 245 271 cn0805k30g 47  10 77 1,0 200 1,0 239 267 cn1206k30g 47  10 77 1,0 500 1,8 240 268 cn1210k30g 47  10 77 2,5 1000 1,8 241 269 cn1812k30g 47  10 77 5,0 2000 2,5 244 270 cn2220k30g 47  10 77 10,0 4000 3,0 245 271 cn1206k35g 56  10 90 1,0 200 1,8 238 268 cn1210k35g 56  10 90 2,5 600 1,8 241 269 cn1812k35g 56  10 90 5,0 1200 2,5 242 270 cn2220k35g 56  10 90 10,0 2500 3,0 245 271 cn1206k40g 68  10 110 1,0 250 1,8 238 268 cn1210k40g 68  10 110 2,5 500 1,8 241 269 cn1812k40g 68  10 110 5,0 1000 2,5 242 270 cn2220k40g 68  10 110 10,0 2000 3,0 245 271 characteristics ( t a = 25  c) type siov- v v (1 ma) v  v v (1 ma) % max. clamping voltage c typ (1 khz) pf l typ nh derating curve page v / i char- acteristic page v v i a 1) c (1 mhz);  20%; 2) c typ (1 mhz) a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? silver palladium termination (0402: silver platinum) smd varistors 1) tolerance differs from standard; 2) c typ (1 mhz)
128 04/02 cn1206k50g b72520v0500k062 50 65 100 0,6 0,008 cn1210k50g b72530v0500k062 50 65 200 1,6 0,010 cn1812k50g b72580v0500k062 50 65 400 4,5 0,015 cn2220k50g b72540v0500k062 50 65 800 5,6 0,020 cn1206k60g b72520v0600k062 60 85 100 0,7 0,008 cn1210k60g b72530v0600k062 60 85 200 2,0 0,010 cn1812k60g b72580v0600k062 60 85 400 5,8 0,015 cn2220k60g b72540v0600k062 60 85 800 6,8 0,020 maximum ratings (0402 0603: t a = 85  c; 0805 2220: t a = 125  c) type siov- ordering code v rms v v dc v i max 8/20  s a w max (2 ms) j p max w a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? silver palladium termination (0402: silver platinum) smd varistors
129 04/02 cn1206k50g 82  10 135 1,0 120 1,8 238 268 cn1210k50g 82  10 135 2,5 250 1,8 240 269 cn1812k50g 82  10 135 5,0 500 2,5 242 270 cn2220k50g 82  10 135 10,0 1000 3,0 244 271 cn1206k60g 100  10 165 1,0 100 1,8 238 268 cn1210k60g 100  10 165 2,5 200 1,8 240 269 cn1812k60g 100  10 165 5,0 400 2,5 242 270 cn2220k60g 100  10 165 10,0 800 3,0 244 271 characteristics ( t a = 25  c) type siov- v v (1 ma) v  v v (1 ma) % max. clamping voltage c typ (1 khz) pf l typ nh derating curve page v / i char- acteristic page v v i a 1) c (1 mhz);  20%; 2) c typ (1 mhz) a wide range of hc, cc and lc types are available upon request (see 3.3.6, chapter ? applications ? ). standard ? silver palladium termination (0402: silver platinum) smd varistors
130 04/02 mlv; standard series smd varistors dimensions termination: nickel barrier (ct) or silver palladium (cn) type i mm b mm h mm k mm siov-ct/cn0402 1,0  0,15 0,50  0,10 0,6 max. 0,1 0,3 siov-ct/cn0603 1,6  0,15 0,80  0,10 0,9 max. 0,1 0,4 siov-ct/cn0805 2,0  0,20 1,25  0,15 1,4 max. 0,13 0,75 siov-ct/cn1206 3,2  0,30 1,60  0,20 1,7 max. 0,25 0,75 siov-ct/cn1210 3,2  0,30 2,50  0,25 1,7 max. 0,25 0,75 siov-ct/cn1812 4,5  0,40 3,20  0,30 2,5 max. 0,25 1,0 siov-ct/cn2220 5,7  0,40 5,00  0,40 2,5 max. 0,25 1,0 recommended solder pad layout type a mm b mm c mm d mm siov-ct/cn0402 0,6 0,6 0,5 1,7 siov-ct/cn0603 1,0 1,0 1,0 3,0 siov-ct/cn0805 1,4 1,2 1,0 3,4 siov-ct/cn1206 1,8 1,2 2,1 4,5 siov-ct/cn1210 2,8 1,2 2,1 4,5 siov-ct/cn1812 3,6 1,5 3,0 6,0 siov-ct/cn2220 5,5 1,5 4,2 7,2 var0406-m b h k weight: < 0,2 g termination acc. cecc 32101-801 var0391-d b b c d a a
herausgegeben von epcos ag unternehmenskommunikation, postfach 80 17 09, 81617 mnchen, deutschland  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. vervielf?ltigung, ver?ffentlichung, verbreitung und verwertung dieser broschre und ihres inhalts ohne aus- drckliche genehmigung der epcos ag nicht gestattet. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen fr erzeugnisse und leistungen der elek- troindustrie, soweit nichts anderes vereinbart wird. diese broschre ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm?glichkeiten rich ten sie bitte an den ihnen n?chstgelegenen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k?nnen aufgrund technischer erfordernisse gefahrstoffe ent- halten. ausknfte darber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust?ndige vertriebsgesellschaft ein - zuholen. published by epcos ag corporate communications, p.o. box 80 17 09, 81617 munich, germany  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. reproduction, publication and dissemination of this brochure and the information contained therein without epcos? prior express consent is prohibited. purchase orders are subject to the general conditions for the s upply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and el ectronic manufacturers? associ ation), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representa- tives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of CT1210KXXG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X