CSS500 series 3055 del sol blvd ? san diego, ca 92154 ? 1-800-526-2324 29 ? high efficiency ? uses less energy ? current share and oring fet ? use in redundant applications ? dual input fuses ? easier system compliance feature benefit medical test and measurement ? 360w convection rating ? high efficiency ? iec60601-1 or iec60950-1 certifications ? oring fet & current share key market segments & applications features and benefits 500w ac-dc medical or industrial power supplies CSS500 items input voltage range - 90 - 264vac (47 - 63hz) inrush current a <50a maximum at 230vac input, 25c ambient cold start input current (115/230vac) a 6 / 3a power factor correction - meets en61000-3-2, >0.9 leakage current a <300a 264vac 63hz hold up time (typ) ms 20ms at 115vac input, 360w loading temperature coefficient - 0.04%/c voltage accuracy % 1% at 60% load adjustment range % none total regulation - 5% ripple & noise % 1% peak to peak (5vsb also) overcurrent protection - 110 - 150% overvoltage protection v 110 - 130% of nominal (cycle input power or use remote on/off to reset) overtemperature protection - yes (cycle input power or use remote on/off to reset) remote on/off - unit on: floating or high 3.5 - 5.25v, unit off: low or <0 - 0.5v efficiency % 87% to 92%, model & input dependant standby voltage - 5v 1a (5v 0.25a when convection cooled or when inhibit is activated) fan output - 12v 1a current share - single wire, up to 4 units can be shared within 10% accuracy at full load dc good & fan fail signals - both low on fail oring fet - yes, for redundant operation operating temperature c convection (u channel): 0 to +70c, derate linearly to 35% load from 40 to 70c forced air (or internal fan): 0 to +70c, derate linearly to 50% load from 50 to 70c storage temperature c -10 to +85c humidity (non condensing) % 10 - 95% rh cooling - convection or forced air (30cfm or 3.1m/s). internal fan is temperature controlled withstand voltage (1) - input to ground 1.5kvac, input to output 4kvac(1), output to ground 500vac for 1 min. isolation resistance - >20m at 25c & 70%rh, output to ground 500vdc vibration (non operating) - 19.6m/s 2 (10~55hz:2g constant, x,y,z 60min each.) shock - < 196.1 m/s 2 (20g) safety agency approvals - medical version: ul60601-1, iec60601-1, industrial version: ul60950-1, en60601-1, ce mark conducted & radiated emi - medical version: en55011-b, fcc class b, industrial: en55022, fcc class b immunity - medical version: en60601-1-2, industrial: en55024 mtbf - >68,695 (mil-217f-hdbk) weight (typ) g 340g (u channel) size (wxlxh) in u channel: 8 x 4.7 x 1.51", end fan (/s) 9 x 4.7 x 1.63", top fan (/t) 8 x 4.7 x 2.85" warranty yr two years specifications note (1) industrial version (i suffix): 3kvac
CSS500 series 3055 del sol blvd ? san diego, ca 92154 ? 1-800-526-2324 30 model selector CSS500-12 12v 30a 360w 41.67a 500w CSS500-24 24v 15a 360w 20.84a 500w CSS500-30 30v 12a 360w 16.67a 500w CSS500-36 36v 10a 360w 13.89a 500w CSS500-48 48v 7.5a 360w 10.42a 500w CSS500-54 54v 6.67a 360w 9.26a 500w CSS500-57 57v 6.32a 360w 8.78a 500w output maximum maximum maximum maximum model voltage (v) curr. conv. (a) power conv. (w) curr. forced air pwr forced air blank yes - - yes - /s - yes - yes - /t - - yes yes - i yes - - - yes /si - yes - - yes / t i - - ye s - ye s mechanical safety certifications suffix u channel end fan top fan medical industrial revision a3: apr 2011 for additional information, please visit us.tdk-lambda.com/lp/products/css-series.htm km 15 - 40w pcb mount medical css65, 150 40 - 150w open frame nv175 175 - 200w 1-4 outputs nv300 300w 1-4 outputs other medical ac-dc products fan1 cn5 8.25 50.85 8.25 26.75 cn1 cn4 power good gnd gnd fan fault fan full speed cn5 p2.54-2*3p molex p/n:90122-0123 or equivalent cn3 p2.5-6p (option) molex p/n:48152-0610 or equivalent pin1 pin2 pin3 pin4 pin5 pin6 gnd current share inhibit 5vsb -sensor +sensor cn2 p2.5-2p molex p/n:48152-0210 or equivalent pin1 pin2 5vsb gnd fan1 p2.5-2p molex p/n:48153-0210 or equivalent 12v fan + 12v fan - pin1 pin2 fan2 p2.5-2p (with speed control) molex p/n:48152-0210 or equivalent fan + fan - pin1 pin2 1 acn acl fc n.c v+ v+ v+ v- v- v- 203.2 12.7 8.9 12.7 8.9 12.7 8.4 12.7 8.9 19.0 8.9 8.9 19.0 93.1 185.4 185.4 19.0 12.0 4-m3p0.5 2-m3p0.5 cn4 fan2 cn2 cn3 cn1 recommended direction for force airflow 38.5 118.5 t2 q2 q7 q6 outline drawings options
|