Part Number Hot Search : 
MAX12528 SR1200 LBN70A26 2082JP I2SK3564 0M75J ET104 3033CTRU
Product Description
Full Text Search
 

To Download C512T-WNS-CW0Z0151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cld-ct1117.001 product family data sheet cree ? 5mm round led c512t-wns/wnn www.cree.com/hb copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. product description round leds offer superior light out - put for excellent readability in sun - light and dependable performance. they provide extremely stable light output over long periods of time. these lamps are made with an advanced optical grade epoxy offering superior high temperature and high moisture resistance performance in lighting and illumination applications. features ? size (mm): 5 ? color temperatures: cool white : min . (4600k) / typical (9000k) ? luminous intensity (mcd) c512t-wns/wnn (3000-12000) ? viewing angle: 25 degree ? lead-free ? rohs compliant cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 www.cree.com/xlamp copyright ? 2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 applications ? torch ? light strip ? channel letter ? retail display lighting
copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. 2 copyright ? 2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 2 cree 5-mm round led c512t-wns/wnn absolute maximum ratings (t a = 25c) items symbol absolute maximum rating unit forward current i f 25 ma peak forward current note i fp 100 ma reverse voltage v r 5 v power dissipation p d 100 mw operation temperature t opr -40 ~ +95 c storage temperature t stg -40 ~ +100 c lead soldering temperature t sol max. 260c for 3 sec. max. (3 mm from the base of the epoxy bulb) note: pulse width 0.1 msec, duty 1/10. typical electrical & optical characteristics (t a = 25c) characteristics color symbol condition unit minimum typical maximum forward voltage wns/wnn v f i f = 20 ma v 3.4 4.0 forward voltage wns/wnn v f i f = 1.0 a v 1.7 2.5 reverse current wns/wnn i r v r = 5 v a 100 luminous intensity wns/wnn i v i f = 20 ma mcd 3000 7200 chromaticity coordinates wns/wnn x i f = 20 ma 0.2895 y i f = 20 ma 0.2905 50% power angle wns/wnn 2? i f = 20 ma deg 25
copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. 3 copyright ? 2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 3 cree 5-mm round led c512t-wns/wnn ? tolerance of measurement of luminous intensity is 15% cool white(c512t-wns/wnn) bin code min.(mcd) max.(mcd) w0 3000 4180 x0 4180 5860 y0 5860 8200 z0 8200 12000 bin code sub- bin x y w1 wa 0.2545 0.2480 0.2633 0.2410 0.2545 0.2245 0.2450 0.2290 wb 0.2633 0.2410 0.2720 0.2340 0.2640 0.2200 0.2545 0.2245 wc 0.2545 0.2480 0.2640 0.2670 0.2720 0.2575 0.2633 0.2410 wd 0.2633 0.2410 0.2720 0.2575 0.2800 0.2480 0.2720 0.2340 w2 we 0.2640 0.2670 0.2735 0.2860 0.2808 0.2740 0.2720 0.2575 wf 0.2720 0.2575 0.2808 0.2740 0.2880 0.2620 0.2800 0.2480 wg 0.2735 0.2860 0.2830 0.3050 0.2895 0.2905 0.2808 0.2740 wh 0.2808 0.2740 0.2895 0.2905 0.2960 0.2760 0.2880 0.2620 bin code sub- bin x y w3 wj 0.2830 0.3050 0.2950 0.3210 0.2998 0.3028 0.2895 0.2905 wk 0.2895 0.2905 0.2998 0.3028 0.3045 0.2865 0.2960 0.2760 wm 0.2950 0.3210 0.3070 0.3370 0.3100 0.3150 0.2998 0.3028 wn 0.2998 0.3028 0.3100 0.3150 0.3130 0.2970 0.3045 0.2865 w4 wp 0.3070 0.3370 0.3185 0.3485 0.3200 0.3270 0.3100 0.3150 wq 0.3100 0.3150 0.3200 0.3270 0.3215 0.3075 0.3130 0.2970 wr 0.3185 0.3485 0.3300 0.3600 0.3300 0.3390 0.3200 0.3270 ws 0.3200 0.3270 0.3300 0.3390 0.3300 0.3180 0.3215 0.3075 bin code sub- bin x y w5 wt 0.3300 0.3600 0.3455 0.3725 0.3443 0.3535 0.3300 0.3390 wu 0.3300 0.3390 0.3443 0.3535 0.3430 0.3345 0.3300 0.3180 wv 0.3455 0.3725 0.3610 0.3850 0.3585 0.3680 0.3443 0.3535 ww 0.3443 0.3535 0.3585 0.3680 0.3560 0.3510 0.3430 0.3345 ? tolerance of measurement of the color coordinates is 0.01. intensity bin limit (i f = 20 ma ) color bin limit (i f = 20 ma )
copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. 4 copyright ? 2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 4 cree 5-mm round led c512t-wns/wnn cie chromaticity diagram w a w b w d w c w e w f w g w h w j w k w m w n w p w q w s w r 0 . 2 3 0 0 0 . 2 7 0 0 0 . 3 1 0 0 0 . 3 5 0 0 0 . 3 9 0 0 0 . 1 9 0 0 0 . 2 3 0 0 0 . 2 7 0 0 0 . 3 1 0 0 0 . 3 5 0 0 0 . 3 9 0 0 w 2 w 3 w 4 x y w w w v w u w t w 5 w 1 8 0 0 0 k 7 0 0 0 k 9 0 0 0 k 6 0 0 0 k 5 0 0 0 k 1 0 0 0 0 k
copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. 5 copyright ? 2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 5 cree 5-mm round led c512t-wns/wnn order code table* color kit number viewing angle luminous intensity (mcd) color bin code standoff min. max. cool white C512T-WNS-CW0Z0151 25 3000 12000 w1,w2,w3,w4,w5 yes cool white c512t-wnn-cw0z0151 25 3000 12000 w1,w2,w3,w4,w5 no notes: 1. the above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. only one intensity-bin code and one color-bin code will be shipped on each bulk. single intensity-bin code and single color-bin codes will not be orderable. 2. please refer to the cree led lamp reliability test standards document for reliability test conditions. 3. please refer to the cree led lamp soldering & handling document for information about how to use this led product safely.
copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. 6 copyright ? 2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 6 cree 5-mm round led c512t-wns/wnn graphs the above data are collected from statistical fgures that do not necessarily correspond to the actual parameters of each single led. hence, these data will be changed without further notice. ?
copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. 7 copyright ? 2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 7 cree 5-mm round led c512t-wns/wnn mechanical dimensions all dimensions are in mm. tolerance is 0.25 mm unless otherwise noted. an epoxy meniscus may extend about 1.5 mm down the leads. burr around bottom of epoxy may be 0.5 mm max. c512t-wns: c512t-wnn: ? ? ? ? ? ? ? ? ? ? ? notes rohs compliance the levels of environmentally sensitive, persistent biologically toxic (pbt), persistent organic pollutants (pop), or other - wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with eu directive 2002/95/ ec on the restriction of the use of certain hazardous substances in electrical and electronic equipment (rohs), as amended through april 21, 2006. vision advisory claim users should be cautioned not to stare at the light of this led product. the bright light can damage the eye.
copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. 8 copyright ? 2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 8 cree 5-mm round led c512t-wns/wnn kit number system all dimensions in mm. cree led lamps are tested and sorted into performance bins. a bin is specifed by ranges of color, forward voltage, and brightness. sorted leds are packaged for shipping in various convenient options. please refer to the cree led lamp packaging standard document for more information about shipping and packaging options. cree leds are sold by order codes in combinations of bins called kits. order codes are confgured in the following man - ner:
copyright ? 2010 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo and xlamp are registered trademarks of cree, inc. 9 copyright ? 2011 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks of cree, inc. 9 cree 5-mm round led c512t-wns/wnn packaging features: ? the leds are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. ? cardboard boxes will be used to protect the leds from mechanical shock during transportation. ? the boxes are not water resistant, and they must be kept away from water and moisture. ? the bulk pack types of packaging. ? max 500 pcs per bag. 2 0 b a gs / ca r to n lab el c o l o r l ed l a mp j ow axxxxx -xx-xxx ax x xxxx x xxxx (a n ti- e le c tr o s t a t ic b a g) h ue t ype q ty r a nk lot iv xxx xxx vf ( ) xx ( ) l xx x xxx x x - x xx p cs x ( ) xx r


▲Up To Search▲   

 
Price & Availability of C512T-WNS-CW0Z0151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X