Part Number Hot Search : 
T15CA TMP86 U2505 BF720T3G MBR104 MAX3232 L3380 IRF7380
Product Description
Full Text Search
 

To Download BTB1236AJ3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c315j3 issued date : 2010.12.31 revised date : page no. : 1/6 BTB1236AJ3 cystek product specification silicon pnp epitaxial planar transistor BTB1236AJ3 description ? high bv ceo ? high current capability ? rohs compliant package symbol outline to-252(dpak) BTB1236AJ3 b base c collector e emitter bv ceo -160v i c -1.5a r cesat(max) 600m b c e absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo -180 v collector-emitter voltage v ceo -160 v emitter-base voltage v ebo -5 v collector current (dc) i c -1.5 a collector current (pulse) i cp -3 (note) a 1 w power dissipation p d 10 w operating junction temperature range tj -55~+150 c storage temperature range tstg -55~+150 c note : single pulse pw Q 350 s, duty Q 2%.
cystech electronics corp. spec. no. : c315j3 issued date : 2010.12.31 revised date : page no. : 2/6 BTB1236AJ3 cystek product specification thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 12.5 c/w thermal resistance, junction-to-ambient, max r th,j-a 125 c/w characteristics (ta=25 c) symbol min. typ. max. unit test conditions bv cbo -180 - - v i c =-50 a, i e =0 bv ceo -160 - - v i c =-1ma, i b =0 bv ebo -5 - - v i e =-50 a, i c =0 i cbo - - -1 a v cb =-160v, i e =0 i ebo - - -1 a v eb =-4v, i c =0 *v ce(sat) - - -0.6 v i c =-1a, i b =-100ma *v be(on) - - -1.5 v v ce =-5v, i c =-150ma h fe 1 180 - 390 - v ce =-5v, i c =-100ma h fe 2 30 - - - v ce =-5v, i c =-500ma f t - 140 - mhz v ce =-5v, i c =-150ma cob - 27 - pf v cb =-10v, i e =0, f=1mhz *pulse test: pulse width 380s, duty cycle 2% ordering information device package shipping BTB1236AJ3-0-t3-g to-252 (pb-free lead plating an d halogen-free package) 2500 pcs / tape & reel
cystech electronics corp. spec. no. : c315j3 issued date : 2010.12.31 revised date : page no. : 3/6 BTB1236AJ3 cystek product specification typical characteristics current gain vs collector current 1 10 100 1000 1 10 100 1000 10000 collector current---ic(ma) current gain--- hfe vce=5v saturation voltage vs collector current 10 100 1000 1 10 100 1000 10000 collector current---ic(ma) saturation voltage-(mv) vce(sat)@ic=10ib on voltage vs collector current 100 1000 10000 1 10 100 1000 10000 collector current---ic(ma) on voltage---(mv) vbe(on)@vce=5v power derating curve 0 0.2 0.4 0.6 0.8 1 1.2 0 50 100 150 200 ambient temperature---ta() power dissipation---pd(w) power derating curve 0 2 4 6 8 10 12 0 50 100 150 200 case temperature---tc() power dissipation---pd(w)
cystech electronics corp. spec. no. : c315j3 issued date : 2010.12.31 revised date : page no. : 4/6 BTB1236AJ3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c315j3 issued date : 2010.12.31 revised date : page no. : 5/6 BTB1236AJ3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c315j3 issued date : 2010.12.31 revised date : page no. : 6/6 BTB1236AJ3 cystek product specification to-252 dimension marking: style: pin 1.base 2.collector 3.emitter 4.collector 3-lead to-252 plastic surface mount package cystek package code: j3 device name date code b1236a 1 2 3 4 inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.087 0.094 2.200 2.400 e 0.086 0.094 2.186 2.386 a1 0.000 0.005 0.000 0.127 e1 0.172 0.188 4.372 4.772 b 0.039 0.048 0.990 1.210 h 0.163 ref 4.140 ref b 0.026 0.034 0.660 0.860 k 0.190 ref 4.830 ref b1 0.026 0.034 0.660 0.860 l 0.386 0.409 9.800 10.400 c 0.018 0.023 0.460 0.580 l1 0.114 ref 2.900 ref c1 0.018 0.023 0.460 0.580 l2 0.055 0.067 1.400 1.700 d 0.256 0.264 6.500 6.700 l3 0.024 0.039 0.600 1.000 d1 0.201 0.215 5.100 5.460 p 0.026 ref 0.650 ref e 0.236 0.244 6.000 6.200 v 0.211 ref 5.350 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead : pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of BTB1236AJ3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X