Part Number Hot Search : 
LM750 MC14557B ST13003 PLVA650 B380C 15KP43 IR600 LM80C312
Product Description
Full Text Search
 

To Download BT132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description quick reference data glass passivated, sensitive gate symbol parameter max. max. unit triacs in a plastic envelope, intended for use in general purpose BT132- 500d 600d bidirectional switching and phase v drm repetitive peak off-state voltages 500 600 v control applications. these devices i t(rms) rms on-state current 1 1 a are intended to be interfaced directly i tsm non-repetitive peak on-state current 16 16 a to microcontrollers, logic integrated circuits and other low power gate trigger circuits. pinning - to92 pin configuration symbol pin description 1 main terminal 2 2 gate 3 main terminal 1 limiting values limiting values in accordance with the absolute maximum system (iec 134). symbol parameter conditions min. max. unit -500 -600 v drm repetitive peak off-state - 500 1 600 1 v voltages i t(rms) rms on-state current full sine wave; t lead 51 ?c - 1 a i tsm non-repetitive peak full sine wave; t j = 25 ?c prior to on-state current surge t = 20 ms - 16 a t = 16.7 ms - 17.6 a i 2 ti 2 t for fusing t = 10 ms - 1.28 a 2 s di t /dt repetitive rate of rise of i tm = 1.5 a; i g = 0.2 a; on-state current after di g /dt = 0.2 a/ s triggering t2+ g+ - 50 a/ s t2+ g- - 50 a/ s t2- g- - 50 a/ s t2- g+ - 10 a/ s i gm peak gate current - 2 a v gm peak gate voltage - 5 v p gm peak gate power - 5 w p g(av) average gate power over any 20 ms period - 0.5 w t stg storage temperature -40 150 ?c t j operating junction - 125 ?c temperature t1 t2 g 321 1 of 5 product specification 4008-318-123 sales@twtysemi.com http://www.twtysemi.com BT132
thermal resistances symbol parameter conditions min. typ. max. unit r th j-lead thermal resistance full cycle - - 60 k/w junction to lead half cycle - - 80 k/w r th j-a thermal resistance pcb mounted;lead length = 4mm - 150 - k/w junction to ambient static characteristics t j = 25 ?c unless otherwise stated symbol parameter conditions min. typ. max. unit i gt gate trigger current v d = 12 v; i t = 0.1 a t2+ g+ - 2.0 5 ma t2+ g- - 2.5 5 ma t2- g- - 2.5 5 ma t2- g+ - 5.0 10 ma i l latching current v d = 12 v; i gt = 0.1 a t2+ g+ - 1.6 10 ma t2+ g- - 4.5 15 ma t2- g- - 1.2 10 ma t2- g+ - 2.2 15 ma i h holding current v d = 12 v; i gt = 0.1 a - 1.2 10 ma v t on-state voltage i t = 5 a - 1.4 1.70 v v gt gate trigger voltage v d = 12 v; i t = 0.1 a - 0.7 1.5 v v d = 400 v; i t = 0.1 a; t j = 125 ?c 0.25 0.4 - v i d off-state leakage current v d = v drm(max) ; t j = 125 ?c - 0.1 0.5 ma dynamic characteristics t j = 25 ?c unless otherwise stated symbol parameter conditions min. typ. max. unit dv d /dt critical rate of rise of v dm = 67% v drm(max) ; t j = 125 ?c; - 5 - v/ s off-state voltage exponential waveform; r gk = 1 k t gt gate controlled turn-on i tm = 6 a; v d = v drm(max) ; i g = 0.1 a; - 2 - s time di g /dt = 5 a/ s 2 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification BT132
fig.1. maximum on-state dissipation, p tot , versus rms on-state current, i t(rms) , where = conduction angle. fig.2. maximum permissible non-repetitive peak on-state current i tsm , versus pulse width t p , for sinusoidal currents, t p 20ms. fig.3. maximum permissible non-repetitive peak on-state current i tsm , versus number of cycles, for sinusoidal currents, f = 50 hz. fig.4. maximum permissible rms current i t(rms) , versus lead temperature t lead . fig.5. maximum permissible repetitive rms on-state current i t(rms) , versus surge duration, for sinusoidal currents, f = 50 hz; t lead 51?c. fig.6. normalised gate trigger voltage v gt (t j )/ v gt (25?c), versus junction temperature t j . 0 0.2 0.4 0.6 0.8 1 1.2 0 0.2 0.4 0.6 0.8 1 1.2 1.4 =180 120 90 60 30 BT132d 0 0 it(rms) / a ptot / w tmb(max) / c 125 1 113 101 89 77 65 53 41 -50 0 50 100 150 0 0.2 0.4 0.6 0.8 1 1.2 BT132d 51 c tmb / c it(rms) / a 10us 100us 1ms 10ms 100ms 10 100 1000 BT132d t / s itsm / a t i tsm time i tj initial = 25 c max t t2- g+ quadrant di /dt limit t 0.01 0.1 1 10 0 0.5 1 1.5 24 2.5 3 BT132d surge duration / s it(rms) / a 10 100 1000 0 bt136 number of cycles at 50hz itsm / a t i tsm time i tj initial = 25 c max t 5 10 15 20 -50 0 50 100 150 0.4 0.6 0.8 1 1.2 1.4 1.6 bt136 tj / c vgt(tj) vgt(25 c) 3 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification BT132
fig.7. normalised gate trigger current i gt (t j )/ i gt (25?c), versus junction temperature t j . fig.8. normalised latching current i l (t j )/ i l (25?c), versus junction temperature t j . fig.9. normalised holding current i h (t j )/ i h (25?c), versus junction temperature t j . fig.10. typical and maximum on-state characteristic. fig.11. transient thermal impedance z th j-lead , versus pulse width t p . fig.12. typical, critical rate of rise of off-state voltage, dv d /dt versus junction temperature t j . -50 0 50 100 150 0 0.5 1 1.5 2 2.5 3 bt136d tj / c t2+ g+ t2+ g- t2- g- t2- g+ igt(tj) igt(25 c) 0 0.5 1 1.5 2 2.5 3 0 2 4 6 8 10 12 bt136 vt / v it / a tj = 125 c tj = 25 c typ max vo = 1.27 v rs = 0.091 ohms -50 0 50 100 150 0 0.5 1 1.5 2 2.5 3 triac tj / c il(tj) il(25 c) 10us 0.1ms 1ms 10ms 0.1s 1s 10s tp / s 0.01 0.1 1 10 zth j-sp (k/w) 100 t p p t d unidirectional bidirectional bt134w -50 0 50 100 150 0 0.5 1 1.5 2 2.5 3 triac tj / c ih(tj) ih(25c) 0 50 100 150 1 10 100 1000 tj / c dvd/dt (v/us) 4 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification BT132
mechanical data dimensions in mm net mass: 0.2 g fig.13. to92 variant; plastic envelope. notes 1. epoxy meets ul94 v0 at 1/8". 0.48 0.40 0.40 min 12.7 min 5.2 max 4.8 max 4.2 max 1.6 2.54 0.66 0.56 123 5 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification BT132


▲Up To Search▲   

 
Price & Availability of BT132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X