bc personal 450va tower standby 120v ups with usb port model number: BCPERS450 description tripp lite's BCPERS450 standby ups offers ac surge suppression and long lasting battery support for desktop pcs, network workstations and a wide variety of consumer and professional electronics. uninterruptible power supply / ups circuits switch to battery backup mode within milliseconds to keep connected equipment running without interruption or data loss during power failures, brownouts and overvoltages. ac surge suppression prevents connected equipment damage. usb communications port supports built-in power management and auto-shutdown features of windows and mac os x or full featured monitoring and data-saving auto-shutdown options using tripp lite's free poweralert monitoring software. features BCPERS450 small tower 120v standby ups offers ac power protection from blackouts, brownouts, overvoltages and transient surges 450va / 280 watt ups output capacity uninterruptible power supply / ups operation maintains battery-derived ac output during blackouts, brownouts and overvoltages to prevent data loss and system downtime for connected equipment built-in usb port enables data-saving unattended shutdown when used with tripp lite's poweralert software, available via free download from www.tripplite.com hid-compliant usb port also enables integration with built-in power management and auto shutdown features of windows and mac os x 4.6 minutes runtime at 100% load (280 watts), 15 minutes runtime at 50% load (140 watts) 30 minutes runtime for a desktop computer system consuming 80 watts continuous 3 built-in nema 5-15r ups supported outlets nema 5-15p input connection with 6ft / 1.8m line cord network grade ac surge and lightning protection is available from all outlets supports tripp lite's watchdog system service to restore operation to locked equipment through soft reboot of application/os or hard power off/on reboot of connected equipment, ideal for unattended kiosk applications front panel leds indicate line / battery mode and battery replace status; audible alarm with alarm cancel / self-test button hot swappable user battery replacement optional pdub15 bypass pdu enable hot-swappable ups replacement with no disruption to connected equipment small tower housing supports desk or floor placement highlights 450va tower 120v standby ups maintains ac output during power failures usb port, status leds nema 5-15p input plug and 3 nema 5-15r outlets package includes BCPERS450 ups system instruction manual 1 / 4
specifications output output volt amp capacity (va) 450 output watt capacity (watts) 280 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 3 5-15r outlet(s) hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 3.1a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery full load runtime (min.) 4.6 min. (280w) half load runtime (min.) 15 min. (140w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 3.6 hours from 10% to 90% internal ups replacement battery cartridge rbc51 battery access battery access door battery replacement description hot-swappable, user replaceable batteries upc assignment unit carton upc# 037332033116 2 / 4
leds alarms & switches led indicators 3 leds indicate line power, battery power and battery low/replace status audible alarm audible alarm indicates power-failure and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 252 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 8.5 x 5.2 x 7 ups power module dimensions (hwd, cm) 21.6 x 13.3 x 17.8 ups power module weight (lbs.) 12 ups power module weight (kg) 5.4 ups shipping dimensions (hwd / in.) 12 x 8.2 x 10 ups shipping dimensions (hwd / cm) 30.5 x 21 x 25.4 shipping weight (lbs.) 13 shipping weight (kg) 5.9 ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 60.8 battery mode btu / hr. (full load) 334.5 3 / 4
ac mode efficiency rating (100% load) 94% communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb cable is user supplied watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications network ups tools compatibility nut compatible. see the full list of tripp lite nut compatible ups systems at http://www.networkupstools.org/stable-hcl.html?manufacturer=tripp lite line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 99v (adjustable to 83v via potentiometer) high voltage transfer to battery power (setpoint) 176 (adjustable to 147 via potentiometer) special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $100,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4
|