Part Number Hot Search : 
MP8714 BCR3PM 102M35 R5F56 04522 7C109V33 MPS3638A ISL6144
Product Description
Full Text Search
 

To Download BAV300-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay bav300 / 301 / 302 / 303 document number 85545 rev. 1.8, 14-may-04 vishay semiconductors www.vishay.com 1 9612315 small signal switching diodes, high voltage features ? silicon epitaxial planar diodes  saving space  hermetic sealed parts  fits onto sod-323 / sot-23 footprints  electrical data identical with the devices bav100...bav103 / bav200...bav203 applications general purposes mechanical data case: micromelf glass case weight: approx. 12 mg cathode band color: black packaging codes/options: gs18 / 10 k per 13" reel (8 mm tape), 10 k/box gs08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box parts table absolute maximum ratings t amb = 25 c, unless otherwise specified part type differentiation ordering code remarks bav300 v rrm = 60 v bav300-gs18 or BAV300-GS08 tape and reel bav301 v rrm = 120 v bav301-gs18 or bav301-gs08 tape and reel bav302 v rrm = 200 v bav302-gs18 or bav302-gs08 tape and reel bav303 v rrm = 250 v bav303-gs18 or bav303-gs08 tape and reel parameter test condition part symbol value unit peak reverse voltage bav300 v rrm 60 v bav301 v rrm 120 v bav302 v rrm 200 v bav303 v rrm 250 v reverse voltage bav300 v r 50 v bav301 v r 100 v bav302 v r 150 v bav303 v r 200 v forward current i f 250 ma peak forward surge current t p = 1 s, t j = 25 c i fsm 1a forward peak current f = 50 hz i fm 625 ma
www.vishay.com 2 document number 85545 rev. 1.8, 14-may-04 vishay bav300 / 301 / 302 / 303 vishay semiconductors thermal characteristics t amb = 25 c, unless otherwise specified electrical characteristics t amb = 25 c, unless otherwise specified parameter test condition symbol value unit junction ambient mounted on epoxy-glass hard tissue, fig. 4 35 m copper clad, 0.9 mm 2 copper area per electrode r thja 500 k/w junction temperature t j 175 c storage temperature range t stg - 65 to + 175 c parameter test condition part symbol min ty p. max unit forward voltage i f = 100 ma v f 1v reverse current v r = 50 v bav300 i r 100 na v r = 100 v bav301 i r 100 na v r = 150 v bav302 i r 100 na v r = 200 v bav303 i r 100 na t j = 100 c, v r = 50 v bav300 i r 15 a t j = 100 c, v r = 100 v bav301 i r 15 a t j = 100 c, v r = 150v bav302 i r 15 a t j = 100 c, v r = 200v bav303 i r 15 a breakdown voltage i r = 100 a, t p /t = 0.01, t p = 0.3 ms bav300 v (br) 60 v i r = 100 a, t p /t = 0.01, t p = 0.3 ms bav301 v (br) 120 v bav302 v (br) 200 v bav303 v (br) 250 v diode capacitance v r = 0, f = 1 mhz c d 1.5 pf differential forward resistance i f = 10 ma r f 5 ? reverse recovery time i f = i r = 30 ma, i r = 3 ma, r l = 100 ? t rr 50 ns
vishay bav300 / 301 / 302 / 303 document number 85545 rev. 1.8, 14-may-04 vishay semiconductors www.vishay.com 3 typical characteristics (t amb = 25 c unless otherwise specified) fig. 1 reverse current vs. junction temperature fig. 2 forward current vs. forward voltage fig. 3 differential forward resistance vs. forward current 0 40 80 120 160 0.01 0.1 1 10 1000 i - reverse current ( a ) r t j - junction temperature ( c) 200 94 9084 100 scattering limit v r =v rrm 0 0.4 0.8 1.2 1.6 0.1 1 10 100 1000 i - forward current ( ma ) f v f - forward voltage ( v ) 2.0 94 9085 scattering limit t j =25 c 0.1 1 10 1 10 100 1000 r - differential forward resistance ( ) f i f - forward current ( ma ) 100 94 9089 ? t j =25 c fig. 4 board for r thja definition (in mm) 25 2.5 10 0.71 1.3 1.27 9.9 24 0.152 0.355 95 10329
www.vishay.com 4 document number 85545 rev. 1.8, 14-may-04 vishay bav300 / 301 / 302 / 303 vishay semiconductors package dimensions in mm (inches) iso method e 9612072 1.2 (0.047) 2.4 (0.094) 2.8 (0.109) 0.8 (0.031) 0.8 (0.031) 0.9 (0.035) 0.9 (0.035) reflow soldering wave soldering 0.8 (0.031) 1.0 (0.039) 1.4 (0.055)
vishay bav300 / 301 / 302 / 303 document number 85545 rev. 1.8, 14-may-04 vishay semiconductors www.vishay.com 5 ozone depleting substa nces policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of BAV300-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X