Part Number Hot Search : 
40HR308 S4806CBI RFR3806 P6KE10 28128 JAN4N49 RN498 1855MF9
Product Description
Full Text Search
 

To Download AX1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 / 8 axelite confidential materials, do not copy or distribute without written consent . rev. 1. 2 may . 31 , 20 1 1 ax 1 00 6 400ma low dropout linear regulator ? general description AX1006 is a low dropout positive adjustable or fixed - mode regulator with minimum of 400ma output current capability. the product is specifically designed to provide well - regulated supply for low volta ge ic applications such as high - speed bus termination and low current 3.3v logic supply. AX1006 is also well suited for other applications such as vga cards. AX1006 is g uaranteed to have lower than 1. 2 v dropout at full load current making it ideal to provi de well - regulated outputs of 1.25 to 5.0 with vout+1.2 v to 1 2 v input supply voltage . ? features - 1. 2 v maximum dropout at full load current - fast transient response - output current limiting - built - in thermal shutdown - good noise rejection - mlcc capacitors are avai lable . - 3 - terminal adjustable or fixed 1.2v, 1.5v, 1.8v, 2.5v, 3.3v, 5.0v - package: sot - 23 - 3l . ? application circuit fixed output adj output v i n = 5 v v o u t = 3 . 3 v c 2 0 . 2 u f a x 1 0 0 6 - 3 3 g n d v o u t v i n c 1 0 . 2 u f v i n = 5 v v o u t = 3 . 3 v c 2 0 . 2 u f a x 1 0 0 6 - a d j a d j v o u t v i n c 1 0 . 2 u f r 1 2 4 0 r 2 3 9 0 v v r r v v ref ref out 250 . 1 ); 1 2 1 ( ? ? ? ?
2 / 8 axelite confidential materials, do not copy or distribute without written consent . rev. 1. 2 may . 31 , 20 1 1 ax 1 00 6 ? pin assignment the package of AX1006 is sot - 23 - 3l ; the pin assignment is given by : name description adj (gnd) a resistor divider fro m this pin to the v out pin and ground sets the output voltage. (ground only for fixed - mode) v out the output of the regulator. (note 1,2 ) v in the input pin of regulator. typically a large storage capacitor is connected from this pin to ground to insure tha t the input voltage does not sag below the minimum dropout voltage during the load transient response. this pin must always be 1.5v higher than v out in order for the device to regulate properly. (note 1 ) note 1 : to prevent oscillation, a 0.2uf minimum x7 r or x5r dielectric is strongly recommended if ceramics are used as output capacitors. note 2 : a minimum of 3.3uf el capacitor to 100uf (10m esr 1 ) must be connected from this pin to ground to insure stability. 1 s o t - 2 3 - 3 l a x 1 0 0 6 2 3 v o u t ( t o p v i e w ) g n d v i n
3 / 8 axelite confidential materials, do not copy or distribute without written consent . rev. 1. 2 may . 31 , 20 1 1 ax 1 00 6 ? b lock d iagram ? order/marking information order information top marking ? a bsolute m a ximum r atings characteristics symbol rating unit dc supply voltage v in - 0.3 to 1 5 v operating junction temperature range top - 4 0 to +125 c maximum junction temperature t mj 150 c power dissipation , t a =25 o c, t j =125 o c p d ( t j - t a ) / ja mw storage tem perature t st - 65 to 1 50 c thermal resistance junction - to - ambient (note) jc 180 c /w thermal resistance junction - to - case ja 250 c /w note : tab is connected to the multi - layer pcb cupper area 5mm*5mm. 3 thermal shutdown 1 2 v out adj 1 . 25 v + + current limit v in - + - + 1 gnd ( fixed ) a x 1 0 0 6 x x x x p a c k a g e v o u t r : s o t - 2 3 - 3 l b l a n k : a d j 1 2 : 1 . 2 v 1 5 : 1 . 5 v 1 8 : 1 . 8 v 2 5 : 2 . 5 v 3 3 : 3 . 3 v 5 0 : 5 . 0 v p a c k i n g b l a n k : b a g a : t a p i n g o u t p u t t y p e : d e : a d j d f : 1 . 2 v d g : 1 . 5 v d h : 1 . 8 v d i : 2 . 5 v d j : 3 . 3 v d k : 5 . 0 v l l y w w w : 0 1 ~ 2 6 ( a ~ z ) 2 7 ~ 5 2 ( a ~ z ) y e a r : a = 2 0 1 0 1 = 2 0 1 1 x i d c o d e : i n t e r n a l
4 / 8 axelite confidential materials, do not copy or distribute without written consent . rev. 1. 2 may . 31 , 20 1 1 ax 1 00 6 ? e lectrical c haracteristics ( t a =2 5 c, u nder operating conditions) characteristics conditions min typ max units operation input voltage 2.7 - 1 2 v reference voltage AX1006 - adj i out = 10ma, t j =25 c , (v in - out )=1.5v 1.225 1.250 1.275 v output voltage AX1006 - 1.2 i out = 10ma ,t j = 25 c , 2.7 v Q in Q out = 10ma ,t j = 25 c , 3v Q in Q out = 10ma,t j = 25 c , 3.3v Q in Q out = 10ma,t j = 25 c , 4v Q in Q out = 10ma,t j = 25 c , 4.8v Q in Q out = 10ma,t j = 25 c , 6.5v Q in Q out =10ma, v out + 1.5vAX1006 - adj v in = 2.7 v, 10 ma Q out Q j =25 c (note 1,2) - 0.4 1 % AX1006 - 1. 2 v in = 2.7 v, 10 ma Q out Q j =25 c (note 1,2) - 10 12 mv AX1006 - 1.5 v in =3v, 10 ma Q out Q j =25 c (note 1,2) - 12 15 mv AX1006 - 1.8 v in =3.3v, 1 0 ma Q out Q j =25 c (note 1,2) - 15 18 mv AX1006 - 2.5 v in =4v, 10 ma Q o ut Q j =25 c (note 1,2) - 20 25 mv AX1006 - 3.3 v in =5v, 10 ma Q out Q j =25 c (note 1,2) - 26 33 mv AX1006 - 5.0 v in =6.5v, 10 ma Q out Q j =25 c (note 1,2) - 40 50 mv dropout voltage (v in - v out ) AX1006 - adj / 1.2/ 1.5/1.8 /2.5/3.3/5.0 i out = 400ma , ? out =1%v out - 1.0 1. 2 v
5 / 8 axelite confidential materials, do not copy or distribute without written consent . rev. 1. 2 may . 31 , 20 1 1 ax 1 00 6 ? electrical characteristics ( continu e d ) current limit AX1006 - adj/ 1.5/1.8/2.5/3.3/5.0 (v in - v out ) = 1.5v 450 - - m a minimum load current AX1006 - xxx 0 c Q tj Q 125 c - 5 10 ma adjust pin current AX1006 - adj (v in - v out ) = 1.5v , i out = 1 0ma - 50 100 ua ripple rejection f=120hz,c out =10uf AX1006 - xx, (v in - v out ) = 1.5 v - 60 70 db temperature stability i o ut =10ma - 0.5 - % note1: see thermal regulation specifications for changes in output voltage due to heating effects. line and load regulat ion are measured at a constant junction temperature by low duty cycle pulse testing. load regulation is measured at the output lead = 1/18 from the package. note2: line and load regulation are guaranteed up to the maximum power dissipation of 5 w . power di ssipation is determined by the difference between input and output differential and the output current. guaranteed maximum power dissipation will not be available over the full input/output range. note3: quiescent current is defined as the minimum output c urrent required in maintaining regulation. at 12v input/output differential the device is guaranteed to regulate if the output current is greater than 10ma.
6 / 8 axelite confidential materials, do not copy or distribute without written consent . rev. 1. 2 may . 31 , 20 1 1 ax 1 00 6 ? typical characteristics
7 / 8 axelite confidential materials, do not copy or distribute without written consent . rev. 1. 2 may . 31 , 20 1 1 ax 1 00 6 ? typical characte ristics ( continu e d ) 53.3v (i out =100ma) 53.3v (i out =100ma) v in =5v, v out =3.3v, i out = 0 ma~ 400m a, c in =0.1u, c out =0.2u mlcc v in =5v, v out =3.3v, i out =100ma~ 400m a, c in =0.1u, c out =0.2u mlcc
8 / 8 axelite confidential materials, do not copy or distribute without written consent . rev. 1. 2 may . 31 , 20 1 1 ax 1 00 6 ? package outlines symbol dimensions in millimeters dimensions in inches min. nom. max. min. nom. max. a - - 1.45 - - 0.057 a1 0.00 0.08 0.15 - - 0.006 a2 0.90 1.10 1.30 0.035 0.043 0.051 b 0.30 0.40 0.50 0.012 0.016 0.020 c 0.08 0.15 0.22 0.003 0.006 0.009 d 2.70 2.90 3.10 0.106 0.114 0.122 e 2.60 2.80 3.00 0.102 0.110 0.118 e1 1.40 1.60 1.80 0.055 0.063 0.071 l 0.30 0.45 0.60 0.012 0.018 0.024 l1 0.50 0.60 0.70 0.020 0.024 0.028 e 1.9 bsc 0.075 bsc e1 0.95 bsc 0.037 bsc 0 o 4 o 8 o 0 o 4 o 8 o jedec ou tline: na l e e 1 e d a 2 a 1 b a view c l 1 e 1 gauge plane c see view c


▲Up To Search▲   

 
Price & Availability of AX1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X