Part Number Hot Search : 
GMA1505 AKD5383 DZ950N P6SMB16 FMY4A 1V221M AR709LT ATMEGA
Product Description
Full Text Search
 

To Download AV2040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  an a g vision an a g vision a v2040 mec hanical da ta absolute maxim um r a ting electr onical char acteristics 20x4 char acter an a g vision pin assignment no . symbol function 1 vss gnd, 0v 2 vdd +5v (opt. 3v) 3 v ee l cd driv e 4 rs function select 5 r/w r ead/w rite 6 e ena b le signal 7-14 db0-db7 da ta bus line item standar d v alue unit module siz e 98.0 x 60.0 mm v ie wing ar ea 77.0 x 25.2 mm dot siz e 0.55 x 0.55 mm char acter siz e 2.95 x 4.75 mm standar d v alue item symbol min. typ . max. unit v -module vdd-vss -0.3 - - - 7.0 v v -input vi -0.3 - - - vdd v vss=0v , vdd=5.0v standar d v alue item symbol condit. min. typ . max. unit input v olta g e vdd vdd=+5v 4.7 5.0 5.3 v supply cur ent idd vdd=+5v 2.7 1.6 3.6 ma -20 c - - - - - - - - - 0 c 4.6 4.8 5.2 25 c 4.1 4.5 4.7 50 c 3.9 4.2 4.5 recommended lc driving voltage for standard temp. modules vdd-v0 70 c - - - - - - - - - v led f orw ar d v olta g e vf 25 c - - - 4.2 4.6 v led f orw ar d cur r ent if 25 c - - - 280 420 ma el p ow er supply cur r ent iel vel=110v ac;400hz - - - - - - 5.0 ma 15 a 16 k 4.2v f or led p ow er supply f or led 0v vdd=+3v 3.0 3.3 - - - tel.: +49 89 89979764 email: info@dst-gmbh.de fax: +49 89 89979765 internet: www.dst-gmbh.de 5x7 dots with cur sor 1/16 duty contr oller (ks0066 or equviv alent) b uilt in +5v sing le supply (+3v also a v aila b le) b/l driv en b y pin1 and 2 or 15 and 16 or a,k do t size display position dd ram address line1 dd ram address line2 dd ram address line3 dd ram address line4


▲Up To Search▲   

 
Price & Availability of AV2040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X