Part Number Hot Search : 
0015453 M61556FP MRF957 HSBD140 14100 0262F8 FAN7393M GS3020
Product Description
Full Text Search
 

To Download 74HC4017BQ-Q100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc4017-q100; 74hct4017-q100 is a 5-stage johnson decade counter with 10 decoded outputs (q0 to q9). it has an output from the most significant flip-flop (q 5-9), two clock inputs (cp0 and cp 1) and an overriding asynchronous master reset input (mr). either a low-to-high transition at cp0 while cp 1 is low, or a high-to-low transition at cp 1 while cp0 is high, advances the counter. the q 5-9 output is low while the counter is in states 5, 6, 7, 8 and 9. when ca scading counters, it can be used to drive the cp0 input of the next counte r. a high on mr resets the counter to zero (q0 = q 5-9 = high; q1 to q9 = low) independent of the clock inputs (cp0 and cp 1). an internal circuit: following any illegal code the counter re turns to a proper count ing mode within 11 clock pulses provides automatic code correction of the counter. inputs include clamp diodes that enable the use of current limiting re sistors to interface inputs to voltages in excess of v cc . this product has been qualified to the automotive electronics council (aec) standard q100 (grade 1) and is suitable for use in automotive applications. 2. features and benefits ? automotive product qualif ication in accordance with aec-q100 (grade 1) ? specified from ? 40 ? c to +85 ? c and from ? 40 ? c to +125 ? c ? wide supply voltage range from 2.0 v to 6.0 v ? input levels: ? for 74hc4017-q100: cmos level ? for 74hct4017-q100: ttl level ? complies with jedec standard no. 7 a ? esd protection: ? mil-std-883, method 3015 exceeds 2000 v ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v (c = 200 pf, r = 0 ? ) ? multiple package options 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs rev. 1 ? 24 march 2014 product data sheet
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 2 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 3. ordering information 4. functional diagram table 1. ordering information type number package temperature range name description version 74hc4017-q100 74hc4017d-q100 ? 40 ? c to +125 ? c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74hc4017pw-q100 ? 40 ? c to +125 ? c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74HC4017BQ-Q100 ? 40 ? c to +125 ? c dhvqfn16 plastic dual in-line compatible thermal-enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 ? 3.5 ? 0.85 mm sot763-1 74hct4017-q100 74hct4017d-q100 ? 40 ? c to +125 ? c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74hct4017bq-q100 ? 40 ? c to +125 ? c dhvqfn16 plastic dual in-line compatible thermal-enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 ? 3.5 ? 0.85 mm sot763-1 fig 1. functional diagram 001aah242 decoding and output circuitry 5-stage johnson counter q0 cp0 mr 15 14 13 cp1 3 q1 2 q2 4 q3 7 q4 10 q5 1 q6 5 q7 6 q8 9 q9 q5-9 11 12
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 3 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs fig 2. logic symbol fig 3. iec logic symbol q9 q5-9 11 12 q8 9 mr 15 14 13 cp0 cp1 q7 6 q6 q5 1 5 q4 q3 7 10 q2 4 q1 2 q0 3 001aah239 9 ct5 11 12 8 9 ct = 0 ctrdiv10/dec 15 13 14 7 6 6 5 1 5 4 3 7 10 2 4 1 2 0 3 001aah240 & fig 4. logic diagram 001aah243 ff 1 d cp rd q q ff 2 d cp rd q q ff 3 d cp rd q q ff 4 d cp rd q q ff 5 d cp rd q q q0 cp1 cp0 mr q1 q2 q3 q4 q5 q6 q7 q8 q9 q5-9
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 4 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs fig 5. timing diagram 001aah244 cp0 input cp1 input mr input q0 output q1 output q2 output q3 output q4 output q5 output q6 output q7 output q8 output q9 output q5-9 output
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 5 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 5. pinning information 5.1 pinning 5.2 pin description (1) this is not a supply pin. the substrate is attached to this pad using conductive die atta ch material. there is no electrical or mechanical requi rement to solder this pad. however, if it is soldered, the solder land should remain floating or be connected to gnd. fig 6. pin configuration so16 and tssop16 fig 7. pin configuration dhvqfn16 +&4 +&74 4  9 && 4  05 4  &3 4  &3 4  4 4  4 4  4 *1' 4 ddd                 ddd +&4 +&74 4 4 4 4 4 4 4 &3 4 &3 4 05 *1' 4 4 9 && 7udqvsduhqwwrsylhz                 whuplqdo lqgh[duhd *1'  table 2. pin description symbol pin description q[0:9] 3, 2, 4, 7, 10, 1, 5, 6, 9, 11 decoded output gnd 8 ground (0 v) q 5-9 12 carry output (active low) cp 1 13 clock input (high-to-low edge-triggered) cp0 14 clock input (low-to-high edge-triggered) mr 15 master reset input (active high) v cc 16 supply voltage
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 6 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 6. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; ? = low-to-high transition; ? = high-to-low transition; 7. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] p tot derates linearly with 8 mw/k above 70 ? c. [3] p tot derates linearly with 5.5 mw/k above 60 ? c. [4] p tot derates linearly with 4.5 mw/k above 60 ? c. table 3. function table [1] mr cp0 cp 1 operation hxxq0 = q 5-9 = high; q1 to q9 = low lh ? counter advances l ? l counter advances l l x no change l x h no change lh ? no change l ? l no change table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +7 v i ik input clamping current v i < ? 0.5 v or v i >v cc +0.5 v [1] - ? 20 ma i ok output clamping current v o < ? 0.5 v or v o >v cc +0.5v [1] - ? 20 ma i o output current ? 0.5 v < v o < v cc +0.5v - ? 25 ma i cc supply current - 50 ma i gnd ground current ? 50 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +125 ?c so16 package [2] - 500 mw tssop16 package [3] - 500 mw dhvqfn16 package [4] - 500 mw
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 7 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 8. recommended operating conditions 9. static characteristics table 5. recommended operating conditions symbol parameter conditions min typ max unit 74hc4017-q100 v cc supply voltage 2.0 5.0 6.0 v v i input voltage 0 - v cc v v o output voltage 0 - v cc v ? t/ ? v input transition rise and fall rate v cc = 2.0 v - - 625 ns/v v cc = 4.5 v - 1.67 139 ns/v v cc = 6.0 v - - 83 ns/v t amb ambient temperature ? 40 - +125 ?c 74hct4017-q100 v cc supply voltage 4.5 5.0 5.5 v v i input voltage 0 - v cc v v o output voltage 0 - v cc v ? t/ ? v input transition rise and fall rate v cc = 4.5 v - 1.67 139 ns/v t amb ambient temperature ? 40 - +125 ?c table 6. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 ?c ? 40 ?c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max 74hc4017-q100 v ih high-level input voltage v cc = 2.0 v 1.5 1.2 - 1.5 - 1.5 - v v cc = 4.5 v 3.15 2.4 - 3.15 - 3.15 - v v cc = 6.0 v 4.2 3.2 - 4.2 - 4.2 - v v il low-level input voltage v cc = 2.0 v - 0.8 0.5 - 0.5 - 0.5 v v cc = 4.5 v - 2.1 1.35 - 1.35 - 1.35 v v cc = 6.0 v - 2.8 1.8 - 1.8 - 1.8 v v oh high-level output voltage v i =v ih or v il i o = ? 20 ? a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 20 ? a; v cc = 6.0 v 5.9 6.0 - 5.9 - 5.9 - v i o = ? 4.0 ma; v cc = 4.5 v 3.98 4.32 - 3.84 - 3.7 - v i o = ? 5.2 ma; v cc = 6.0 v 5.48 5.81 - 5.34 - 5.2 - v
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 8 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs v ol low-level output voltage v i =v ih or v il i o =20 ? a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 6.0 v - 0 0.1 - 0.1 - 0.1 v i o =4.0ma; v cc = 4.5 v - 0.15 0.26 - 0.33 - 0.4 v i o =5.2ma; v cc = 6.0 v - 0.16 0.26 - 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc =6.0v -- ? 0.1 - ? 1.0 - ? 1.0 ? a i cc supply current v i =v cc or gnd; i o =0a; v cc =6.0v - - 8.0 - 80 - 160 ? a c i input capacitance -3.5 - - - - - pf 74hct4017-q100 v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 1.6 - 2.0 - 2.0 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - 1.2 0.8 - 0.8 - 0.8 v v oh high-level output voltage v i =v ih or v il ; v cc =4.5v i o = ? 20 ? a 4.4 4.5 - 4.4 - 4.4 - v i o = ? 4 ma 3.98 4.32 - 3.84 - 3.7 - v v ol low-level output voltage v i =v ih or v il ; v cc =4.5v i o =20 ? a - 0 0.1 - 0.1 - 0.1 v i o = 4.0 ma - 0.15 0.26 - 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc =5.5v -- ? 0.1 - ? 1.0 - ? 1.0 ? a i cc supply current v i =v cc or gnd; v cc =5.5v; i o =0a - - 8.0 - 80 - 160 ? a ? i cc additional supply current per input pin; v i =v cc ? 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v; i o =0a cp0 input - 25 90 - 113 - 123 ? a cp 1 input - 40 144 - 180 - 196 ? a mr input - 50 180 - 225 - 245 ? a c i input capacitance -3.5 - - - - - pf table 6. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 ?c ? 40 ?c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 9 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 10. dynamic characteristics table 7. dynamic characteristics gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; see figure 11 . symbol parameter conditions 25 ?c ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max 74hc4017-q100 t pd propagation delay cp0 to qn; cp0 to q 5-9; see figure 10 [1] v cc = 2.0 v - 63 230 - 290 - 345 ns v cc = 4.5 v - 23 46 - 58 - 69 ns v cc = 5.0 v; c l =15pf -20- - - - -ns v cc = 6.0 v - 18 39 - 49 - 59 ns cp 1 to qn; cp 1 to q 5-9; see figure 10 v cc = 2.0 v - 61 250 - 315 - 375 ns v cc = 4.5 v - 22 50 - 63 - 75 ns v cc = 5.0 v; c l =15pf -20- - - - -ns v cc = 6.0 v - 18 43 - 54 - 64 ns t phl high to low propagation delay mr to q[1:9]; see figure 10 v cc = 2.0 v - 52 230 - 290 - 345 ns v cc = 4.5 v - 19 46 - 58 - 69 ns v cc = 6.0 v - 15 39 - 49 - 59 ns t plh low to high propagation delay mr to q 5-9, q0; see figure 10 v cc = 2.0 v - 55 230 - 290 - 345 ns v cc = 4.5 v - 20 46 - 58 - 69 ns v cc = 6.0 v - 16 39 - 49 - 59 ns t t transition time see figure 10 [2] v cc = 2.0 v - 19 75 - 95 - 110 ns v cc = 4.5 v - 7 15 - 19 - 22 ns v cc = 6.0 v - 6 13 - 16 - 19 ns t w pulse width cp0 and cp 1 (high or low); see figure 9 v cc = 2.0 v 80 17 - 100 - 120 - ns v cc = 4.5 v 16 6 - 20 - 24 - ns v cc = 6.0 v 14 5 - 17 - 20 - ns mr (high); see figure 9 v cc = 2.0 v 80 19 - 100 - 120 - ns v cc = 4.5 v 16 7 - 20 - 24 - ns v cc = 6.0 v 14 6 - 17 - 20 - ns
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 10 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs t su set-up time cp 1tocp0; cp0 to cp 1; see figure 8 v cc = 2.0 v 50 ? 8 - 65 - 75 - ns v cc = 4.5 v 10 ? 3 - 13 - 15 - ns v cc = 6.0 v 9 ? 2- 11 - 13 - ns t h hold time cp 1tocp0; cp0 to cp 1; see figure 8 v cc = 2.0 v 50 17 - 65 - 75 - ns v cc = 4.5 v 10 6 - 13 - 15 - ns v cc = 6.0 v 9 5 - 11 - 13 - ns t rec recovery time mr to cp0 and mr to cp 1; see figure 9 v cc = 2.0 v 5 ? 17 - 5 - 5 - ns v cc = 4.5 v 5 ? 6- 5 - 5 - ns v cc = 6.0 v 5 ? 5- 5 - 5 - ns f max maximum frequency cp0 or cp 1; see figure 9 v cc = 2.0 v 6.0 23 - 4.8 - 4.0 - mhz v cc = 4.5 v 30 70 - 24 - 20 - mhz v cc = 5.0 v; c l =15pf -77- - - - -mhz v cc = 6.0 v 25 83 - 28 - 24 - mhz c pd power dissipation capacitance v i = gnd to v cc ; v cc =5v; f i =1mhz [3] -35- - - - -pf 74hct4017-q100 t pd propagation delay cp0 to qn; cp0 to q 5-9; see figure 10 [1] v cc = 4.5 v - 25 46 - 58 - 69 ns v cc = 5.0 v; c l =15pf -21- - - - -ns cp 1 to qn; cp 1 to q 5-9; see figure 10 v cc = 4.5 v - 25 50 - 63 - 75 ns v cc = 5.0 v; c l =15pf -21- - - - -ns t phl high to low propagation delay mr to q[1:9]; see figure 10 v cc = 4.5 v - 22 46 - 58 - 69 ns t plh low to high propagation delay mr to q 5-9, q0; see figure 10 v cc = 4.5 v - 20 46 - 58 - 69 ns table 7. dynamic characteristics ?continued gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; see figure 11 . symbol parameter conditions 25 ?c ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 11 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs [1] t pd is the same as t phl and t plh . [2] t t is the same as t thl and t tlh . [3] c pd is used to determine the dynamic power dissipation (p d in ? w): p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of outputs. t t transition time see figure 10 [2] v cc = 4.5 v - 7 15 - 19 - 22 ns t w pulse width cp0 and cp 1 (high or low); see figure 9 v cc = 4.5 v 16 7 - 20 - 24 - ns mr (high); see figure 9 v cc = 4.5 v 16 4 - 20 - 24 - ns t su set-up time cp 1tocp0; cp0 to cp 1; see figure 8 v cc = 4.5 v 10 ? 3 - 13 - 15 - ns t h hold time cp 1tocp0; cp0 to cp 1; see figure 8 v cc = 4.5 v 10 6 - 13 - 15 - ns t rec recovery time mr to cp0 and mr to cp 1; see figure 9 v cc = 4.5 v 5 ? 5- 5 - 5 - ns f max maximum frequency cp0 or cp 1; see figure 9 v cc = 4.5 v 30 61 - 24 - 20 - mhz v cc = 5.0 v; c l =15pf -67- - - - -mhz c pd power dissipation capacitance v i = gnd to v cc ? 1.5 v; v cc =5v; f i =1mhz [3] -36- - - - -pf table 7. dynamic characteristics ?continued gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; see figure 11 . symbol parameter conditions 25 ?c ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 12 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 11. waveforms measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 8. waveforms showin g the set-up and hold times for cp0 to cp 1 and cp 1 to cp0 t h t su cp0 input gnd gnd cp1 input v m v i v i t h t su v m 001aah245 measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 9. waveforms showing minimum puls e widths, maximum cp input frequencies, recovery times and output propagation delays cp0 input v i gnd v i gnd v i gnd v oh v ol v oh v ol q1 - q9 output mr input cp1 input v m v m 1/f max t w t w t rec v m 1/f max t w t plh t phl v m v m 001aah246 q0, q5 - q9 output
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 13 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. conditions: cp 1 = low while cp0 is triggered on a low- to-high transition and cp0 = high, while cp 1 is triggered on a high-to-low transition. fig 10. waveforms showing propagation delays for cp to qn outputs and output transition times cp0 input v i gnd v i gnd v oh v ol v oh v ol q1 - q9 output cp1 input v m v m t plh t phl t plh t phl v m t tlh t thl v m 001aah247 q0, q5 - q9 output table 8. measurement points type input output v m v m 74hc4017-q100 0.5 ? v cc 0.5 ? v cc 74hct4017-q100 1.3 v 1.3 v
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 14 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 12. application information some examples of applications for the 74hc4017-q100; 74hct4017-q100 are: ? decade counter with decimal decoding ? 1 out of n decoding counter (when cascaded) ? sequential controller ? timer figure 12 shows a technique for extending the number of decoded output states for the 74hc4017-q100; 74hct4017-q100. decoded ou tputs are sequential within each stage and from stage to stage, with no dead time (except propagation delay). test data is given in table 9 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistance. s1 = test selection switch. fig 11. load circuitry for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aad983 dut v cc v cc v i v o r t r l s1 c l open g table 9. test data type input load s1 position v i t r , t f c l r l t phl , t plh t pzh , t phz t pzl , t plz 74hc4017-q100 v cc 6ns 15pf, 50 pf 1k ? open gnd v cc 74hct4017-q100 3 v 6 ns 15 pf, 50 pf 1 k ? open gnd v cc
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 15 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs remark: do not enable the counter on cp 1 when cp0 is high, or on cp0 when cp 1 is low. it causes an extra count. figure 13 shows an example of a divide-by 2 through divide-by 10 circuit using one 74hc4017-q100; 74hct4017-q100. since the 74hc4017-q100; 74hct4017-q100 has an asynchronous reset, the output pulse wi dths are narrow (minimum expected pulse width is 6 ns). the output pulse widths can be enlarged by inserting an rc network at the mr input. fig 12. counter expansion fig 13. divide-by 2 through divide-by 10 ddd ghfrghg rxwsxwv ghfrghg rxwsxwv &3 &3 4 4 4 4 +&4 +&74 +&4 +&74 +&4 +&74  &3 &3 4 4 4 4  &3 &3 4 4 4  05 forfn iluvwvwdjh odvwvwdjh lqwhuphgldwhvwdjhv 05 05 ghfrghg rxwsxwv 4 4 *1' glylghe\ glylghe\ 4 glylghe\ 4 glylghe\ 4 glylghe\ 4 glylghe\ 4 glylghe\ 4 4 4 glylghe\ 4 glylghe\ &3 &3 ilq irxw 05 9 && 9 && ddd +&4 +&74
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 16 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 13. package outline fig 14. package outline sot109-1 (so16) x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale so16: plastic small outline package; 16 leads; body width 3.9 mm sot109-1
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 17 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs fig 15. package outline sot403-1 (tssop16) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.40 0.06 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot403-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 18 16 9 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 a max. 1.1 pin 1 index
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 18 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs fig 16. package outline sot763-1 (dhvqfn16) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.6 3.4 d h 2.15 1.85 y 1 2.6 2.4 1.15 0.85 e 1 2.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot763-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot763-1 dhvqfn16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 x 3.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 27 15 10 9 8 1 16 x d e c b a terminal 1 index area ac c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) 02-10-17 03-01-27
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 19 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 14. abbreviations 15. revision history table 10. abbreviations acronym description cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model mil military ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice supersedes 74hc_hct4017_q100 v.1 20140324 product data sheet - -
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 20 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 16.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 16.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qualified for use in automotive applications. unless otherwise agreed in writing, the product is not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74hc_hct4017_q100 all information provided in this document is subject to legal disclaimers. ? nxp semiconductors n.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 march 2014 21 of 22 nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 16.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 17. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74hc4017-q100; 74hct4017-q100 johnson decade counter with 10 decoded outputs ? nxp semiconductors n.v. 2014. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 24 march 2014 document identifier: 74hc_hct4017_q100 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 5 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 6 functional description . . . . . . . . . . . . . . . . . . . 6 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 8 recommended operating conditions. . . . . . . . 7 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 12 application information. . . . . . . . . . . . . . . . . . 14 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 16 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 19 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 19 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 20 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 20 16.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 16.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 21 17 contact information. . . . . . . . . . . . . . . . . . . . . 21 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22


▲Up To Search▲   

 
Price & Availability of 74HC4017BQ-Q100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X