Part Number Hot Search : 
V602ME38 CMC7106Y U4056B1 4LVTH1 MCR8DCN TMP89 100166F UML500
Product Description
Full Text Search
 

To Download 74AHCT04D-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74ahc04; 74ahct04 is a high-speed si-g ate cmos device and is pin compatible with low-power schottky ttl (lsttl). it is s pecified in compliance with jedec standard no. 7-a. the 74ahc04; 74ahct04 provides six inverting buffers. 2. features and benefits ? balanced propagation delays ? inputs accept voltages higher than v cc ? input levels: ? for 74ahc04: cmos level ? for 74ahct04: ttl level ? esd protection: ? hbm eia/jesd22-a114f exceeds 2000 v ? mm eia/jesd22-a1 15-a exceeds 200 v ? cdm eia/jesd22-c101c exceeds 1000 v ? multiple package options ? specified from ? 40 c to +85 c and from ? 40 c to +125 c 3. ordering information 74ahc04; 74ahct04 hex inverter rev. 5 ? 11 april 2011 product data sheet table 1. ordering information type number package temperature range name description version 74ahc04 74ahc04d ? 40 c to +125 c so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 74ahc04pw ? 40 c to +125 c tssop14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 74ahc04bq ? 40 c to +125 c dhvqfn14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 3 0.85 mm sot762-1
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 2 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter 4. functional diagram 74ahct04 74ahct04d ? 40 c to +125 c so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 74ahct04pw ? 40 c to +125 c tssop14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 74ahct04bq ? 40 c to +125 c dhvqfn14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 3 0.85 mm sot762-1 table 1. ordering information ?continued type number package temperature range name description version fig 1. logic symbol fig 2. iec logic symbol mna342 1a 1y 1 2 2a 2y 3 4 3a 3y 5 6 4a 4y 9 8 5a 5y 11 10 6a 6y 13 12 1 1 2 mna343 3 1 4 5 1 6 9 1 8 11 1 10 13 1 12 fig 3. logic diagram (one inverter) mna34 1 a y
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 3 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter 5. pinning information 5.1 pinning 5.2 pin description 6. functional description [1] h = high voltage level; l = low voltage level. (1) the die substrate is attached to the exposed die pad using conductive die attach material. it can not be used as a supply pin or input. fig 4. pin configuration so14 and tssop14 fig 5. pin configuration dhvqfn14 04 1a v cc 1y 6a 2a 6y 2y 5a 3a 5y 3y 4a gnd 4y 001aac441 1 2 3 4 5 6 7 8 10 9 12 11 14 13 001aac44 2 04 gnd (1) transparent top view 3y 4a 3a 5y 2y 5a 2a 6y 1y 6a gnd 4y 1a v cc 6 9 5 10 4 11 3 12 2 13 7 8 1 14 terminal 1 index area table 2. pin description symbol pin description 1a, 2a, 3a, 4a, 5a, 6a 1, 3, 5, 9, 11, 13 data input 1y, 2y, 3y, 4y, 5y, 6y 2, 4, 6, 8, 10, 12 data output gnd 7 ground (0 v) v cc 14 supply voltage table 3. function table [1] input na output ny lh hl
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 4 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter 7. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for so14 packages: above 70 c the value of p tot derates linearly at 8 mw/k. for tssop14 packages: above 60 c the value of p tot derates linearly at 5.5 mw/k. for dhvqfn14 packages: above 60 c the value of p tot derates linearly at 4.5 mw/k. 8. recommended operating conditions table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +7.0 v v i input voltage ? 0.5 +7.0 v i ik input clamping current v i < ? 0.5 v [1] ? 20 - ma i ok output clamping current v o < ? 0.5 v or v o > v cc + 0.5 v [1] ? 20 +20 ma i o output current v o = ? 0.5 v to (v cc + 0.5 v) ? 25 +25 ma i cc supply current - +75 ma i gnd ground current ? 75 - ma t stg storage temperature ? 65 +150 c p tot total power dissipation t amb = ? 40 cto+125 c [2] - 500 mw table 5. operating conditions symbol parameter conditions min typ max unit 74ahc04 v cc supply voltage 2.0 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature ? 40 +25 +125 c t/ v input transition rise and fall rate v cc = 3.0 v to 3.6 v - - 100 ns/v v cc = 4.5 v to 5.5 v - - 20 ns/v 74ahct04 v cc supply voltage 4.5 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature ? 40 +25 +125 c t/ v input transition rise and fall rate v cc = 4.5 v to 5.5 v - - 20 ns/v
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 5 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter 9. static characteristics table 6. static characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). symbol parameter conditions 25 c ? 40 cto+85 c ? 40 cto+125 c unit min typ max min max min max 74ahc04 v ih high-level input voltage v cc =2.0v 1.5 - - 1.5 - 1.5 - v v cc =3.0v 2.1 - - 2.1 - 2.1 - v v cc = 5.5 v 3.85 - - 3.85 - 3.85 - v v il low-level input voltage v cc = 2.0 v - - 0.5 - 0.5 - 0.5 v v cc = 3.0 v - - 0.9 - 0.9 - 0.9 v v cc = 5.5 v - - 1.65 - 1.65 - 1.65 v v oh high-level output voltage v i =v ih or v il i o = ? 50 a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = ? 50 a; v cc = 3.0 v 2.9 3.0 - 2.9 - 2.9 - v i o = ? 50 a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 4.0 ma; v cc = 3.0 v 2.58 - - 2.48 - 2.40 - v i o = ? 8.0 ma; v cc = 4.5 v 3.94 - - 3.80 - 3.70 - v v ol low-level output voltage v i =v ih or v il i o =50 a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o =50 a; v cc = 3.0 v - 0 0.1 - 0.1 - 0.1 v i o =50 a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o =4.0ma; v cc = 3.0 v - - 0.36 - 0.44 - 0.55 v i o =8.0ma; v cc = 4.5 v - - 0.36 - 0.44 - 0.55 v i i input leakage current v i = 5.5 v or gnd; v cc =0vto5.5v - - 0.1 - 1.0 - 2.0 a i cc supply current v i =v cc or gnd; i o =0a; v cc =5.5v - - 2.0 - 20 - 40 a c i input capacitance v i =v cc or gnd - 3 10 - 10 - 10 pf 74ahct04 v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - 2.0 - 2.0 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 - 0.8 - 0.8 v v oh high-level output voltage v i =v ih or v il ; v cc =4.5v i o = ? 50 a 4.4 4.5 - 4.4 - 4.4 - v i o = ? 8.0 ma 3.94 - - 3.80 - 3.70 - v v ol low-level output voltage v i =v ih or v il ; v cc =4.5v i o =50 a - 0 0.1 - 0.1 - 0.1 v i o = 8.0 ma - - 0.36 - 0.44 - 0.55 v i i input leakage current v i = 5.5 v or gnd; v cc =0vto5.5v - - 0.1 - 1.0 - 2.0 a
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 6 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter 10. dynamic characteristics i cc supply current v i =v cc or gnd; i o =0a; v cc =5.5v - - 2.0 - 20 - 40 a i cc additional supply current per input pin; v i =v cc ? 2.1 v; other pins at v cc or gnd; i o =0a; v cc = 4.5 v to 5.5 v - - 1.35 - 1.5 - 1.5 ma c i input capacitance v i =v cc or gnd - 3 10 - 10 - 10 pf table 6. static characteristics ?continued at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). symbol parameter conditions 25 c ? 40 cto+85 c ? 40 cto+125 c unit min typ max min max min max table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 7 . symbol parameter conditions 25 c ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max min max 74ahc04 t pd propagation delay na to ny; see figure 6 [2] v cc = 3.0 v to 3.6 v c l = 15 pf - 4.0 8.5 1.0 10.5 1.0 11.0 ns c l = 50 pf - 6.0 11.4 1.0 13 1.0 14.5 ns v cc = 4.5 v to 5.5 v c l = 15 pf - 3.0 5.5 1.0 6.5 1.0 7.0 ns c l = 50 pf - 4.5 7.5 1.0 8.5 1.0 9.5 ns c pd power dissipation capacitance f i = 1 mhz; v i =gndtov cc [3] - 13.5 - - - - - pf
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 7 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter [1] typical values are measured at nominal supply voltage (v cc = 3.3 v and v cc =5.0v). [2] t pd is the same as t plh and t phl . [3] c pd is used to determine the dynamic power dissipation (p d in w). p d =c pd v cc 2 f i n+ (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; (c l v cc 2 f o ) = sum of the outputs. 11. waveforms 74ahct04; v cc = 4.5 v to 5.5 v t pd propagation delay na to ny; see figure 6 [2] c l = 15 pf - 3.0 6.7 1.0 7.5 1.0 8.5 ns c l = 50 pf - 4.5 7.7 1.0 8.5 1.0 10.0 ns c pd power dissipation capacitance f i = 1 mhz; v i =gndtov cc [3] - 13.9 - - - - - pf table 7. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 7 . symbol parameter conditions 25 c ? 40 c to +85 c ? 40 c to +125 c unit min typ [1] max min max min max measurement points are given in table 8 . v oh and v ol are typical output voltage drop that occur with the output load. fig 6. input to output propagation delay mna34 4 t phl t plh v m v m v m v m na input ny output gnd v i v oh v ol table 8. measurement points type input output v m v m 74ahc04 0.5 v cc 0.5 v cc 74ahct04 1.5 v 0.5 v cc
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 8 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter test data is given in table 9 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. fig 7. load circuitry for measuring switching times 001aah7 68 t w t w t r t r t f v m v i negative pulse gnd v i positive pulse gnd 10 % 90 % 90 % 10 % v m v m v m t f v cc dut r t v i v o c l g table 9. test data type input load test v i t r , t f c l 74ahc04 v cc 3.0ns 15pf, 50pf t plh , t phl 74ahct04 3.0 v 3.0ns 15pf, 50pf t plh , t phl
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 9 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter 12. package outline fig 8. package outline sot108-1 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 7 8 1 14 y 076e06 ms-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale s o14: plastic small outline package; 14 leads; body width 3.9 mm sot108 -1
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 10 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter fig 9. package outline sot402-1 (tssop14) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot402-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 17 14 8 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402 -1 a max. 1.1 pin 1 index
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 11 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter fig 10. package outline sot762-1 (dhvqfn14) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.1 2.9 d h 1.65 1.35 y 1 2.6 2.4 1.15 0.85 e 1 2 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot762-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot762- 1 d hvqfn14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 1 4 terminals; body 2.5 x 3 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 26 13 9 8 7 1 14 x d e c b a 02-10-17 03-01-27 terminal 1 index area a c c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1)
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 12 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter 13. abbreviations 14. revision history table 10. abbreviations acronym description cdm charged device model cmos complementary metal-oxide semiconductor dut device under test esd electrostatic discharge hbm human body model lsttl low-power schottky transistor-transistor logic mm machine model table 11. revision history document id release date data sheet status change notice supersedes 74ahc_ahct04 v.5 20110411 product data sheet - 74ahc_ahct04 v.4 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? i cc limits corrected (errata). 74ahc_ahct04 v.4 20080514 product data sheet - 74ahc_ahct04 v.3 74ahc_ahct04 v.3 20050207 product data sheet - 74ahc_ahct04 v.2 74ahc_ahct04 v.3 19990927 product specification - 74ahc_ahct04 v.1 74ahc_ahct04 v.1 19990225 product specification - -
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 13 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
74ahc_ahct04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 5 ? 11 april 2011 14 of 15 nxp semiconductors 74ahc04; 74ahct04 hex inverter export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74ahc04; 74ahct04 hex inverter ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 11 april 2011 document identifier: 74ahc_ahct04 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 functional description . . . . . . . . . . . . . . . . . . . 3 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 recommended operating conditions. . . . . . . . 4 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 12 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 12 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 13 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 13 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16 contact information. . . . . . . . . . . . . . . . . . . . . 14 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


▲Up To Search▲   

 
Price & Availability of 74AHCT04D-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X