Part Number Hot Search : 
ICS840 SC802A 15DAS1 2SA1649 PC236 IDT7005 70400 BDY26C07
Product Description
Full Text Search
 

To Download 3290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features multiturn/ wirewound / industrial / sealed listed on the qpl for style rt24 per mil-r-27208 and rtr24 per high-rel mil-r-39015 panel mount option available rohs compliant* for trimmer applications/processing guidelines, click here 3290 - 3/8 ? square trimpot ? trimming potentiometer *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. ?trimpot? is a registered trademark of bourns, inc. ??fluorinert? is a registered trademark of 3m co. speci? cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. users should verify actual device performance in their speci? c applications. electrical characteristics standard resistance range .................................. 10 to 50k ohms (see standard resistance table) resistance tolerance ............. 5 % std. (tighter tolerance available) absolute minimum resistance .......................... 0.1 % or 1 ohm max. (whichever is greater) noise .....................100 ohms enr max. resolution ...........(see standard resistance table) insulation resistance ............... 500 vdc. 1,000 megohms min. dielectric strength sea level............................. 1,000 vac 80,000 feet ............................ 350 vac adjustment travel .............25 turns nom. environmental characteristics power rating @ 85 c ............... 1.0 watt power rating @ 150 c ................ 0 watt temperature range ... -65 c to +150 c temperature coe? cient ..... 50 ppm/c seal test ...................... 85 c fluorinert ? humidity .......mil-std-202 method 106 96 hours (2 % tr; 100 megohms ir) vibration ......................................... 30 g (1 % tr; 0.5 % + resolution vr) shock ........................................... 100 g (1 % tr; 0.5 % + resolution vr) load life ..1,000 hours 1.0 watt @ 85 c (2 % tr; 500 ohms enr) rotational life .......................200 cycles (2 % tr; 500 ohms enr) physical characteristics torque ............................. 5.0 oz-in. max. mechanical stops ................. wiper idles terminals solderable printed circuit pins weight ..................................... 0.025 oz. marking .........manufacturers trademark, resistance code, wiring diagram, date code, manufacturers model number and style wiper ............... 50 % (actual tr) 10 % flammability ..........................u.l. 94v-0 standard packaging .....50 pcs. per tube adjustment tool ..............................h-90 product dimensions 1 3 cw clockwise ccw 2 wiper how to order 3290 h - 1 - 103 m model style standard or modi? ed product indicator -1 = standard product resistance code optional su? x letter m = panel mount (factory installed) consult factory for other available options. rev. 12/13 tolerances: 0.25 except where noted (.010) dimensions: mm (inches) 3290h common dimensions 3 2 1 1 2 3 4.75 (.187) 2.54 (.100) 4.75 (.187) 2.54 (.100) 2.54 (.100) 2.54 (.100) 2.54 (.100) 1.91 (.075) 3.81 (.150) 1.27** (.050) 1.52** (.060) 1.91 (.075) 1.02 (.040) 9.53 .38** (.375 .015) 3 2 1 2.54 (.100) 4.75 (.187) 9.53 .38** (.375 .015) 2.54 (.100) 8.00 .38 (.315 .015) typ.** .51 .03 (.020 .001) dia. typ.** adj. slot 1.52 (.060) .51 (.020) .64 (.025) wide x x deep dia. 3290p 3290w standard resistance table nominal resistance resistance resolution (ohms) code (percent) 10 100 1.11 20 200 0.93 50 500 0.62 100 101 0.60 200 201 0.54 500 501 0.42 1,000 102 0.33 2,000 202 0.26 5,000 502 0.20 10,000 103 0.17 20,000 203 0.14 25,000 253 0.13 50,000 503 0.11 popular values listed in boldface. special resistances available. **common dimensions *rohs compliant


▲Up To Search▲   

 
Price & Availability of 3290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X