Part Number Hot Search : 
104KE 4HC40 CONTROLS DP65N06 01N60 XXXCB 2SC2230 UPC251G
Product Description
Full Text Search
 

To Download 100202250001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2,9 abspulrichtung - reel off direction 330 verpackungseinheit: 220 stck verpackt in gurtverpackung tape on reel packaging packaging unit: 220 pcs mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet 0,1 mm index mspeed copyright by erni gmbh contact one of the erni companies proprietary notice pursuant to iso 16016 to be obse rved. a3 class j male 10mm smd, 50 contacts messerleiste10mm smd, 50 polig 100202250001 5:1 k 22.04.2013 www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date einzelheit x m 20:1 signaling contact 0,05 ansaughaube hood 26 8,95 0,6 26,95 16,07 0,5 0,65 13,8 a25 b1 a1 b25 24 24 x 1 = 1 1,5 x 15,42 3,675 4,6 0,8 1,62 5,85 drill tool 1.) leiterplatten-layout vorschlag / pcb-layout proposal 1.) durchmesser des bohrers / 1.) 1 26 0,03 0,5 8 x 3 = 24 3 0,8 0,7 0,03 0,65 0,85 0,9 0,03 4,45 1,5 24 x 1 = 24 1 0,7 0,85 a1 44 16


▲Up To Search▲   

 
Price & Availability of 100202250001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X