Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download UPG2183T6C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  caution although this device is designed to be as robust as possible, esd (electrostatic discharge) can damage this device. this device must be protected at all times from esd. static charges may easily produce potentials of several kilov olts on the human body or equipment, which can discharge without detection. industry - standard esd precautions must be employed at all times. 4 w high power sp 4 t switch gaas integrated circuit ? pg2 183 t 6c document no. pg10 762 ej0 1 v0ds ( 1st edition) date published may 200 9 ns description the ? pg 2 183 t 6c is a gaas mmic sp 4 t ( s ingle p ole f o ur t hrow) switch which was d esigned for digital cellular phone application. this device can operate frequency from 0.5 to 2 . 5 ghz, having the low insertion loss and high isolation. this device is housed in a 1 6 - pin plastic qfn ( q uad f lat n on - leaded) ( t6c ) package. and this package is able to high - density surface mounting. features ? supply voltage : v bat = 2.9 to 3.2 v (3.0 v typ.) ? standby m ode voltage : v dd (h) = 1.7 to v bat v ( 2.65 v typ.) : v dd (l) = 0 to +0. 05 v (0 v typ.) ? switch control voltage : v cont (h) = 1.7 to v bat v ( 2 . 65 v typ.) : v cont (l) = 0 to +0. 05 v (0 v typ.) ? operating frequency : f = 0.5 to 2.5 ghz ? low insertion loss : l ins 1 = 0. 4 db typ. @ f = 0.5 to 1 . 0 ghz, v b at = 3.0 v, v dd = v cont (h) = 2.65 v, v cont (l) = 0 v : l ins 2 = 0. 5 5 db typ. @ f = 1 . 0 to 2 .0 ghz , v bat = 3.0 v, v dd = v cont (h) = 2.65 v, v cont (l) = 0 v : l ins 3 = 0. 7 db typ. @ f = 2 .0 to 2. 5 ghz , v bat = 3.0 v, v dd = v cont (h) = 2.65 v, v cont (l) = 0 v ? high isolation : isl 1 = 24 db typ. @ f = 0.5 to 1 . 0 ghz , v bat = 3.0 v, v dd = v cont (h) = 2.65 v, v cont (l) = 0 v : isl 2 = 19 db typ. @ f = 1 . 0 to 2 .0 ghz , v bat = 3.0 v, v dd = v cont (h) = 2.65 v, v cont (l) = 0 v : isl 3 = 17 db typ. @ f = 2 .0 to 2. 5 ghz , v bat = 3.0 v, v dd = v cont (h) = 2.65 v, v cont (l) = 0 v ? h andling power : p in ( 0. 1 db) = + 3 7 . 5 dbm typ. @ f = 0. 9 ghz , v bat = 3.0 v, v dd = v cont (h) = 2.65 v, v cont (l) = 0 v : p in ( 0. 1 db) = + 35 .0 dbm typ. @ f = 1.8 ghz , v bat = 3.0 v, v dd = v cont (h) = 2.65 v, v cont (l) = 0 v ? high - density surface mounting : 1 6 - pin plastic qfn (t6c) package ( 3 . 0 ? 3 . 0 ? 0. 7 5 mm) applications ? d igital cellular phone etc. ordering information part number order number package marking supplying form ? pg2183t6c - e2 ? pg2183t6c - e2 - a 16 - pin plastic qfn (t6c) (pb - f ree) 2183 ? embossed tape 12 mm wide ? pin 13, 14, 15 and 16 face the perforation side of the tape ? qty 3 kpcs/reel remark to order evaluation samples, please contact your nearby sales office. part number for sample order: ? pg2 183 t 6c - a
data sheet pg10 762 ej0 1 v0ds 2 ? pg21 83 t 6c pin connections and internal block diagram pin no. pin name 1 gnd ( n.c. ) 2 v dd 3 v cont 2 4 v cont 1 5 gnd 6 rf4 7 gnd (n.c.) 8 rf3 9 gnd (n.c.) 10 gnd (n.c.) 11 ant 12 gnd (n.c.) 13 rf1 14 g nd (n.c.) 15 rf2 16 v bat remark exposed pad : gnd sw truth table v bat v dd v cont 1 v cont 2 rf path mode high high low low ant - rf1 active mode high high low high ant - rf2 active mode high high high low ant - rf3 active mode high high high high ant - rf 4 active mode high low low low ant - rf1 standby mode high low low high ant - rf2 standby mode high low high low ant - rf3 standby mode high low high high ant - rf4 standby mode
data sheet pg10 762 ej0 1 v0ds 3 ? pg21 83 t 6c absolute maximum ratings (t a = +25 ? parameter symbol ratings unit battery voltage v bat + 4.2 v s tandby mode voltage v dd + 4.2 v switch control voltage v cont + 4.2 v input power p in +3 8 dbm operating ambient temperature t a ? 45 to +85 ? c storage temperature t stg ? 55 to +150 ? c recommended operatin g range (t a = +25 ? parameter symbol min. typ. max. unit battery voltage v bat 2.9 3.0 3.2 v standby mode voltage (h) v dd (h) 1. 7 2.65 v bat v standby mode voltage (l) v dd (l) 0 0 0. 05 v switch control voltage (h) v cont (h) 1. 7 2.65 v bat v switch control voltage (l) v cont (l) 0 0 0. 05 v
data sheet pg10 762 ej0 1 v0ds 4 ? pg21 83 t 6c electrical characteristics (t a = +25 ? bat = 3.0 v, v dd = 2.65 v, v cont (h) = 2.65 v, v cont (l) = 0 v, zo = 50 ? parameter symbol test conditions min. typ. max. unit insertion loss 1 l ins 1 f = 0.5 to 1 . 0 ghz ? 0. 4 0. 5 5 db insertion loss 2 l ins 2 f = 1 .0 to 2. 0 ghz ? 0. 55 0. 8 db insertion loss 3 l ins 3 f = 2.0 to 2.5 ghz ? 0. 7 0. 9 5 db isolation 1 isl 1 f = 0.5 to 1.0 ghz 2 2 24 ? db isolation 2 isl 2 f = 1.0 to 2.0 ghz 17 19 ? db isolation 3 isl 3 f = 2.0 to 2.5 ghz 15 17 ? db input return loss rl in f = 0.5 to 2 .5 ghz 15 19 ? db output return loss rl out f = 0.5 to 2 .5 ghz 15 19 ? db 0.1 db loss compression p in (0.1 db) 1 f = 0.9 ghz + 37 . 0 + 37 . 5 ? dbm input power 1 note 0.1 db loss compression p in (0.1 db) 2 f = 1 . 8 ghz +3 4 .0 +3 5 . 0 ? dbm input power 2 note harmonics 1 2f 0 f = 0.9 ghz, p i n = 34.5 dbm ? ? 7 5 ? 65 dbc 3f0 ? ? 7 5 ? 65 dbc harmonics 2 2f0 f = 1.8 ghz, p in = 31.5 dbm ? ? 72 ? 62 dbc 3f0 ? ? 7 5 ? 62 dbc battery current 1 i bat 1 active mode, no rf ? 0.55 1.5 ma battery current 2 i bat 2 standby mode, no rf ? ? 10 ? a switched suppl y current 1 i dd 1 v dd : high, no rf ? 0 0.1 ma switched supply current 2 i dd 2 v dd : low, no rf ? 0 0.1 ma control current 1 - 1 i cont 1 - 1 v cont 1 : high, no rf ? 100 0 100 ? a control current 1 - 2 i cont 1 - 2 v cont 1 : low, no rf ? 100 0 100 ? a control current 2 - 1 i cont 2 - 1 v cont 2 : high, no rf ? 100 0 100 ? a control current 2 - 2 i cont 2 - 2 v cont 2 : low, no rf ? 100 0 10 0 ? a switch control speed t sw 50% ctl to 90/10% ? 0.5 5.0 ? s startup time ? time for the switch to be operational from that the switched supply volt age (v dd ) goes high. ? ? 100 ? s note p in ( 0. 1 db) is measured the input power level when the insertion loss increases more 0. 1 db than that of linear range. caution this device is used it is necessary to use dc blocking capacitors. the value of dc bloc king capacitors should be chosen to accommodate the frequency of operation, bandwidth, switching speed and the condition with actual board of your system. the range of recommended dc blocking capacitor value is less than 56 pf.
data sheet pg10 762 ej0 1 v0ds 5 ? pg21 83 t 6c evaluation circuit the application circuits and their parameters are for reference only and are not intended for use in actual design - ins. application information ? l esd provides a means to increase the esd protection on a specific rf port, typically the port attached to the antenna. ? the value may be tailored to provide specific electrical responses. ? the rf ground connections sho uld be kept as short as possible and connected to directly to a good rf ground for best performance.
data sheet pg10 762 ej0 1 v0ds 6 ? pg21 83 t 6c performance data (t a = +25 ? bat = 3.0 v, v dd = 2.65 v, v cont (h) = 2.65 v, v cont (l) = 0 v, dc blocking capacitors = 56 pf, unless otherwise spec ified) remark the graphs indicate nominal characteristics.
data sheet pg10 762 ej0 1 v0ds 7 ? pg21 83 t 6c remark the graphs indicate nominal characteristics.
data sheet pg10 762 ej0 1 v0ds 8 ? pg21 83 t 6c reference data (t a = +25 ? dd = 1 . 8 v, v cont (h) = 1 . 8 v, v cont (l) = 0 v, dc blocking capacitors = 56 pf, unless otherwise specifi ed) remark the graph s indicate nominal characteristics.
data sheet pg10 762 ej0 1 v0ds 9 ? pg21 83 t 6c remark the graphs indicate nominal characteristics.
data sheet pg10 762 ej0 1 v0ds 10 ? pg21 83 t 6c mounting pad layout dimensions 16 - pin plastic qfn (t6c) (unit: mm) remark the mounting pad layout in this document is for refere nce only. when designing pcb, please consider workability of mounting, solder joint reliability, prevention of solder bridge and so on, in order to optimize the design.
data sheet pg10 762 ej0 1 v0ds 11 ? pg21 83 t 6c package dimensions 1 6 - pin plastic qfn ( t6c ) (unit: mm)
data sheet pg10 762 ej0 1 v0ds 12 ? pg21 83 t 6c recommended solder ing conditions this product should be soldered and mounted under the following recommended conditions. for soldering methods and conditions other than those recommended below, contact your nearby sales office. soldering method soldering conditions condi tion symbol infrared reflow peak temperature (package surface temperature) : 260 ? c or below time at peak temperature : 10 seconds or less time at temperature of 220 ? c or higher : 60 seconds or less preheating time at 120 to 180 ? c : 120 ? 30 seconds maximum number of reflow processes : 3 times maximum chlorine content of rosin flux (% mass) : 0.2%(wt.) or below ir260 partial heating peak temperature (pin temperature) : 350 ? c or below soldering time (per side of device) : 3 seconds or less maximum chlorine co ntent of rosin flux (% mass) : 0.2%(wt.) or below hs350 caution do not use different soldering methods together (except for partial heating).
data sheet pg10 762 ej0 1 v0ds 13 ? pg21 83 t 6c caution gaas products this product uses gallium arsenide (gaas). gaas vapor and powder are hazardo us to human health if inhaled or ingested, so please observe the following points. ? follow related laws and ordinances when disposing of the product. if there are no applicable laws and/or ordinances, dispose of the product as recommended below. 1. commis sion a disposal company able to (with a license to) collect, transport and dispose of materials that contain arsenic and other such industrial waste materials. 2. exclude the product from general industrial waste and household garbage, and ensure that the product is controlled (as industrial waste subject to special control) up until final disposal. ? do not burn, destroy, cut, crush, or chemically dissolve the product. ? do not lick the product or in any way allow it to enter the mouth.


▲Up To Search▲   

 
Price & Availability of UPG2183T6C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X