Part Number Hot Search : 
CE82C 40031AIL 10C221 LC758 1N5742C 4148SE 1N5742C AN4474
Product Description
Full Text Search
 

To Download TR37WW8001812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  apem www.apem.com d-5 d tr series tiny washable rocker switches distinctive features and specifications materials ?case : pbt ?actuator : polyamide ?contacts and terminals : 0 : brass, gold plated 1 : brass, silver plated 3 : brass, gold plated (1,27 micron gold) 8 : contact brass, gold plated + tin plated terminals 9 : contact brass, gold plated (1,27 micron gold) + tin plated terminals ?terminal seal : epoxy general specifications ?strength of terminals : pull-out force - 10n max. ?operating temperature : -30? to +85? ?moisture : 21 days 95 % (nfc 20-603 - iec 68-2-3) ?cleaning : solvents or water + detergent ?wave soldering : 260? - 5 sec. electrical specifications ?max. current/voltage rating with resistive load : - gold plated contacts : 0,4va 20v max. ac or dc - silver plated contacts : 0,5a 48v max. ac or dc ?minimum load : 10ma 50mv - 10? 5vdc ?contact resistance : 20 m max. ?insulation resistance : 1.000 m min. at 500vdc ?dielectric strength : 1.000 vrms 50 hz min. between terminals and frame 500 vrms 50 hz min. between terminals ?electrical life at full load : contacts gold plated silver plated 60.000 30.000 20.000 10.000 number of cycles 2 positions 3 positions ? ? sealed ?single piece case ?o-ring seal between actuator and bushing ?epoxy sealed terminals ? ? wide variety of contact materials ? ? same pcb layout as tiny toggle (tl), pushbutton (tp) and slide switches (tg)
d-6 apem www.apem.com d tr series tiny washable rocker switches overview tr series number of poles 3 single pole 4 double pole electrical functions 6 on - on 9 on off on 7 mom off mom 8 on off mom 2 on - mom terminals p0 straight pc y0 bracket mounting w0 right angle, horizontal mounting ww right angle, vertical mounting mw wire-wrap about this series on the following pages, you will find successively : - model structure of switches - options in the same order as in above chart dimensions : first dimensions are in mm while inches are shown as bracketted numbers. notice : please note that not all combinations of above numbers are available. refer to the following pages for further information. 00 contacts and terminal materials 0 brass, gold plated 1 brass, silver plated 3 brass, gold plated (1,27 micron gold) 8 contact brass, gold plated + tin plated terminals 9 contact brass, gold plated (1,27 micron gold) + tin plated terminals (sp only) case colour 00 blue rockers 10 small 20 large special options 00 no special requirement 07 trimmed terminals - length 3,2 (.125) 08 extended terminals 18 switch without ground plate 20 ground plate with 2 pins 25 trimmed terminals - length 5 (.196) 30 wire-wrap on bracket mounting models 50 crimped ground plate pins packaging unit : 50 pieces.
apem www.apem.com d-7 d tr series tiny washable rocker switches right angle terminals - horizontal mounting : tr..w0 straight terminals - bracket mounting : tr..y0 straight pc terminals : tr..p0 model structure iii ii i single pole double pole tr36p0 tr46p0 on - on tr39p0 tr49p0 on off on tr37p0 tr47p0 mom off mom tr38p0 tr48p0 on off mom tr32p0 tr42p0 on - mom ?straight pc, right angle or wire-wrap terminals ?1 and 2 pole configurations iii ii i single pole double pole tr36y0 tr46y0 on - on tr39y0 tr49y0 on off on tr37y0 tr47y0 mom off mom tr38y0 tr48y0 on off mom tr32y0 tr42y0 on - mom iii ii i single pole double pole tr36w0 tr46w0 on - on tr39w0 tr49w0 on off on tr37w0 tr47w0 mom off mom tr38w0 tr48w0 on off mom tr32w0 tr42w0 on - mom shown with small rocker (code 10) 1 23 (.027) (.129) 3.30 0.70 (.598) (.027) 15.20 0.70 2.54 5.08 5.08 3.50 0.70 ?1.10 2.54 5.08 2.54 ?1.10 3.30 9 .60 8.10 0.50 3.30 5.55 (.043 dia) (.200) (.100) (.043 dia) (.100) (.100) (.200) (.200) (.12 9 ) (.027) (.218) (.137) (.377) (.01 9 ) (.318) (.12 9 ) (.22 9 ) (.437) (.350) 5.84 11.10 8. 9 0 24 5.08 (.200) 2.54 (.100) 2.54 (.100) 14.75 (.580) iiiiii 321 (.120) 3.05 (.1 9 8) 5.05 654 3 6 (.027) 0.70 3.30 8.60 1.00 5.08 ?1.10 10.16 2.54 ?1.10 10.16 2.54 9.10 0.50 10.16 5.00 0.40 (.196) (.129) (.338) (.019) (.400) (.015) (.039) (.358) (.043 dia) (.400) (.100) (.200) (.043 dia) (.400) (.100) (.437) (.350) (.229) 11.10 8.90 5.84 24? (.200) 5.08 (.580) 14.75 (.100) 2.54 iii ii i 123 456 14 24? 5.84 (.229) (.100) (.043 dia) (.200) (.100) (.043 dia) (.027) (.358) (.039) (.019) (.129) (.196) 5.00 0.50 0.70 9.10 2.54 ?1.10 2.54 ?1.10 5.08 1.00 3.30 0.70 (.027) (.366) (.452) (.318) 2.54 (.100) (.200) 5.08 9.30 8.10 11.50 14.75 (.580) iii ii i 123 456 14
d-8 apem www.apem.com d tr series tiny washable rocker switches wire-wrap terminals : tr..mw right angle terminals - vertical mounting : tr..ww iii ii i single pole double pole tr36ww tr46ww on - on tr39ww tr49ww on off on tr37ww tr47ww mom off mom tr38ww* tr48ww* on off mom tr32ww* tr42ww* on - mom iii ii i single pole double pole tr36mw tr46mw on - on tr39mw tr49mw on off on tr37mw tr47mw mom off mom tr38mw tr48mw on off mom tr32mw tr42mw on - mom * functions 2 and 8 : reversed connection available . consult factory. panel cut - out with small with large rocker rocker pcb mounting (.452) (.366) (.027) 0.70 1.00 5.08 ?1.10 2.54 ?1.10 2.54 9.10 0.70 0.50 5.00 (.196) (.019) (.039) (.358) (.027) (.043 dia) (.100) (.200) (.043 dia) (.100) (.229) 5.84 24? (.318) (.598) (.318) (.100) (.200) 15.20 8.10 9.30 11.50 8.10 2.54 5.08 14.75 (.580) iii ii i 3 2 1 456 14 0.50 5.08 3.50 5.08 5.08 2.54 5.08 5.08 5.08 5.08 8.65 3.30 0.70 (.043 dia) ?1.10 (.043 dia) ?1.10 (.100) (.200) (.200) (.200) (.019) (.027) (.137) (.200) (.200) (.340) (.200) (.200) (.129) (.358) 9.10 (.196) 5.00 (.437) (.350) (.229) 11.10 8.90 5.84 (.100) 2.54 24? (.580) 14.75 iii ii i 1 2 3 6 5 4 63 (.582) (.259) (.582) (.330) 6.60 8.40 14.80 14.80 9.60 (.377) (.196) 5.00 8.65 4.60 5.55 3.05 (.181) (.340) (.218) (.120) (.775) (.775) 19.70 19.70 contact and terminal materials 0 brass, gold plated 1 brass, silver plated 3 brass, gold plated (1,27 micron gold) 8 contact brass, gold plated + tin plated terminals 9 contact brass, gold plated (1,27 micron gold) + tin plated terminals (single pole only) 00 blue case colour 00
apem www.apem.com d-9 d tr series tiny washable rocker switches 30 special options rockers 07 trimmed terminals - length 3,2 mm (.125) for tr..ww models only 00 no special requirement 08 extended terminals for tr..w0 models only 18 switch without ground plate for tr..ww models only 07 08 18 25 trimmed terminals - length 5 mm (.196) for all models, except tr..ww 25 50 crimping of ground plate pins . retains switch on pcb during handling and wave soldering. for models tr..w0, tr..ww and tr..y0 single and double pole. 50 10 20 20 ground plate with 2 pins for tr..ww models only 20 30 wire-wrap terminals on models with mounting bracket small large rocker colours replace "0" by number 1 blue 1/4 dark blue 2 black 3 green 4 grey 5 yellow 6 red 7 ivory 7/1 white 9 orange marking on rocker : consult factory. (.125) 3.20 (.196) 5.00 2.70 (.106) 10.16 (.400) (.598) 15.20 (.492) 12.50 (.229) (.437) (.350) 24? (.580) 11.10 8.90 5.84 14.75 (.437) (.350) (.580) 24? (.300) 11.10 8.90 7.62 14.75


▲Up To Search▲   

 
Price & Availability of TR37WW8001812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X