Part Number Hot Search : 
3638A 2220A FH22NJ CMZ5342 5310F STLC5465 MPC83 KSZ8995X
Product Description
Full Text Search
 

To Download TK80X04K3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TK80X04K3 2009-04-21 1 toshiba field effect transistor silicon n chann el mos type (u-mos ) TK80X04K3 switching regulator, dc-dc converter applications motor drive applications ? low drain-source on-resistance: r ds (on) = 2.7 m ? (typ.) ? high forward transfer admittance: |y fs | = 150 s (typ.) ? low leakage current: i dss = 10 a (max) (v ds = 40 v) ? enhancement mode: v th = 3.0 to 4.0 v (v ds = 10 v, i d = 1 ma) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v dss 40 v drain-gate voltage (r gs = 20 k ) v dgr 40 v gate-source voltage v gss 20 v dc (note 1) i d 80 drain current pulse (note 1) i dp 320 a drain power dissipation (tc = 25c) p d 125 w single pulse avalanche energy (note 2) e as 123 mj avalanche current i ar 80 a repetitive avalanche energy (note 3) e ar 12.5 mj channel temperature (note 4) t ch 175 c storage temperature range (note 4) t stg ? 55 to 175 c thermal characteristics characteristics symbol max unit thermal resistance, channel to case r th (ch-c) 1.2 c/w note 1: ensure that the channel temperature does not exceed 175c. note 2: v dd = 25 v, t ch = 25c (initial), l = 20 h, i ar = 80 a, r g = 25 note 3: repetitive rating: pulse width limited by maximum channel temperature note 4: the definitions of the absolute maximum chan nel temperature and storage te mperatures are based on aec-q101. note 5: using continuously under heavy loads (e.g. t he application of high temperat ure/current/voltage and the significant change in temperature, etc.) may cause this product to decr ease in the reliability significantly even if the operating conditions (i.e . operating temperature/current/volta ge, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). this transistor is an electrostatic-sensitive device. handle with care. unit: mm 0.7 max. 9.2 max. 0.8 max. 3.0 max. 1.0 0.2 1.0 0.2 3.6 0.2 0.4 0.1 2.0 1.5 2.0 2.5 7.0 0.2 0.4 0.1 9.2 max. 1 2 3 4 jedec ? jeita sc-97 toshiba 2-9f1c weight: 0.74 g (typ.) 1. gate 2. n.c. 3. sourse 4. drain g s d 1 3 4
TK80X04K3 2009-04-21 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs = 20 v, v ds = 0 v ? ? 10 a drain cut-off current i dss v ds = 40 v, v gs = 0 v ? ? 10 a v (br) dss i d = 10 ma, v gs = 0 v 40 ? ? v drain-source breakdown voltage v (br) dsx i d = 10 ma, v gs = ?20 v 20 ? ? v gate threshold voltage v th v ds = 10 v, i d = 1 ma 3.0 ? 4.0 v drain-source on-resistance r ds (on) v gs = 10 v, i d = 40 a ? 2.7 3.5 m forward transfer admittance |y fs | v ds = 10 v, i d = 40 a 75 150 ? s input capacitance c iss ? 4600 ? reverse transfer capacitance c rss ? 850 ? output capacitance c oss v ds = 10 v, v gs = 0 v, f = 1 mhz ? 1150 ? pf rise time t r ? 28 ? turn-on time t on ? 60 ? fall time t f ? 35 ? switching time turn-off time t off duty 1%, t w = 10 s ? 90 ? ns total gate charge (gate-source plus gate-drain) q g ? 100 ? gate-source charge q gs ? 60 ? gate-drain (?miller?) charge q gd v dd 32 v, v gs = 10 v, i d = 80 a ? 40 ? nc source-drain ratings and characteristics (ta = 25c) characteristics symbol test condition min typ. max unit continuous drain reverse current (note 1) i dr ? ? ? 80 a pulse drain reverse current (note 1) i drp ? ? ? 320 a forward voltage (diode) v dsf i dr = 80 a, v gs = 0 v ? ? ?1.5 v reverse recovery time t rr ? 80 ? ns reverse recovery charge q rr i dr = 80 a, v gs = 0 v, di dr /dt = 30 a/ s ? 60 ? nc marking note 6: a line under a lot no. ident ifies the indication of product labels [[g]]/rohs compatible or [[g]]/rohs [[pb]] please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. the rohs is directive 2002/95/e c of the european parliament and of the council of 27 january 2003 on the restriction of the use of certain hazardous substances in elec trical and electronic equipment r l = 0.5 v dd 20 v 0 v v gs 10 v 4.7 i d = 40 a v out lot no. part no. (or abbreviation code) note 6 k80x04k 3
TK80X04K3 2009-04-21 3 1 10 100 10 100 1 v gs = 15v 1000 10 25 1 1000 10 100 tc = ? 55c 100 1 1000 100 10 0 1.0 0.2 0.6 0.4 0.8 04 20 8 12 16 20 40 i d = 80 a 0 200 40 120 80 160 2 0 10 4 6 8 tc = ? 55c 25 100 10 8 7 0 200 40 120 80 160 1 0 5 23 4 6 5.75 5.5 5.25 v gs = 5 v 0 100 20 60 40 80 0.1 0 0.5 0.2 0.3 0.4 v gs = 5 v 6 5.5 5.25 5.75 8 10 7 drain-source voltage v ds (v) gate-source voltage v gs (v) v ds ? v gs common source tc = 25 pulse test drain current i d (a) r ds (on) ? i d drain-source on-resistance r ds (on) (m ) common source tc = 25 pulse test drain-source voltage v ds (v) i d ? v ds drain current i d (a) common source tc = 25 pulse test drain-source voltage v ds (v) i d ? v ds drain current i d (a) common source tc = 25 pulse test gate-source voltage v gs (v) i d ? v gs drain current i d (a) common source v ds = 10 v pulse test drain current i d (a) ? y fs ? ? i d forward transfer admittance ? y fs ? (s) common source v ds = 10 v pulse test
TK80X04K3 2009-04-21 4 40 10 20 30 0 0 16 4 8 12 0 v dd = 32 v 16 v gs v ds 80 120 40 8 160 5 1 3 2 4 0 ? 80 0 40 80 120 160 ? 40 6 200 100 10000 1000 1 0.1 100 10 c iss c oss c rss 1 1000 ? 0.2 0 ? 1.2 ? 0.6 ? 0.4 ? 0.8 100 10 10 3 1 v gs = 0, ? 1 v 5 ? 1.0 0 2 6 4 8 ? 40 ? 80 200 0 40 120 160 80 drain power dissipation p d (w) case temperature tc (c) p d ? tc drain-source voltage v ds (v) i dr ? v ds drain reverse current i dr (a) common source tc = 25 pulse test drain-source voltage v ds (v) capacitance ? v ds capacitance c (pf) common source v gs = 0 v f = 1 mhz tc = 25c gate threshold voltage v th (v) case temperature t c (c) v th ? tc common source v ds = 10 v i d = 1 ma pulse test gate-source voltage v gs (v) dynamic input/output characteristics total gate charge q g (nc) drain-source voltage v ds (v) common source i d = 80 a tc = 25 pulse test r ds (on) ? tc drain? source on-resistance r ds (on) (m ) case temperature tc (c) common source v gs = 10 v pulse test 40 120 80 160 0 0 80 120 160 40 200 i d = 20,40,80 a
TK80X04K3 2009-04-21 5 0.1 1000 1 10 100 v dss max 100 0.01 10 1 00 s * 1 1 ms * 0.1 0.02 0.2 0.1 0.05 0.01 0.00001 0.1 0.0001 0.01 0.1 0.001 1 10 1 10 t p dm t duty = t/t r th (ch-c) = 1.2c/w duty = 0.5 0.01 0.03 0.3 3 r th ? t w pulse width t w (s) normalized transient thermal impedance r th (t) /r th (ch-c) single pulse e as ? t ch channel temperature (initial) tch (c) avalanche energy e as (mj) r g = 25 v dd = 25 v, l = 20 h ? ? ? ? ? ? ? ? ? ???= v dd b vdss b vdss 2 il 2 1 as test circuit wave form i ar b vdss v dd v ds 0 v 15 v safe operating area drain-source voltage v ds (v) drain current i d (a) i d max (continuous) i d max (pulsed) * dc operation tc = 25c *: single nonrepetitive pulse tc = 25c curves must be derated linearly with increase in temperature. e 0 25 40 80 120 200 160 50 75 100 125 150 175
TK80X04K3 2009-04-21 6 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba?s written permission, reproducti on is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situat ions in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corrupti on. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) the instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expres sly stated in this document. product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, us e, stockpiling or manufacturing of nuclear , chemical, or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applic able export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TK80X04K3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X