Part Number Hot Search : 
HX100 MI945 DBA150 AK4384ET SUR536H N5534 2SK40 2N6505
Product Description
Full Text Search
 

To Download TC7SH08FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  please design the appropriate reliability upon reviewing the ty semiconductor reliability handbook tc7sh08f, TC7SH08FU features ? high speed operation : t pd = 4.3ns (typ.) at v cc = 5v, 15pf ? low power dissipation : i cc = 2 a (max) at ta = 25c ? high noise immunity : v nih = v nil = 28% v cc (min) ? 5.5-v tolerant inputs ? wide operating voltage range : v cc = 2 to 5.5 v marking absolute maximum ratings (ta = 25c) characteristics symbol rating unit supply voltage v cc ? 0.5 to 7 v dc input voltage v in ? 0.5 to 7 v dc output voltage v out ? 0.5 to v cc + 0.5 v input diode current i ik ? 20 ma output diode current i ok 20 (note1) ma dc output current i out 25 ma dc v cc /ground current i cc 50 ma power dissipation p d 200 mw storage temperature t stg ? 65 to 150 c lead temperature (10 s) t l 260 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, et c.) are within the absolute maximum ratings and the operating ranges. (?handling precautions?/?derating conc ept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note1: v out < gnd, v out > v cc tc7sh08f (smv) TC7SH08FU (usv) weight ssop5-p-0.95 : 0.016 g (typ.) ssop5-p-0.65a : 0.006 g (typ.) pin assignment (top view) product name h 2 5 v cc 4 out y in a 2 gnd 3 in b 1 product specification 1 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
iec logic symbol truth table a b y l l l l h l h l l h h h operating ranges characteristics symbol rating unit supply voltage v cc 2.0 to 5.5 v input voltage v in 0 to 5.5 v output voltage v out 0 to v cc v operating temperature t opr ? 40 to 85 c 0 to 100 (v cc = 3.3 0.3v) input rise and fall time dt/dv 0 to 20 (v cc = 5.0 0.5v) ns/v in a & in b out y tc7sh08f, TC7SH08FU product specification 2 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics dc characteristics ta = 25c ta = ? 40 to 85c characteristics symbol test condition v cc (v) min typ. max min max unit 2.0 1.5 ? ? 1.5 ? high-level input voltage v ih ? 3.0 to 5.5 v cc 0.7 ? ? v cc 0.7 ? 2.0 ? ? 0.5 ? 0.5 low-level input voltage v il ? 3.0 to 5.5 ? ? v cc 0.3 ? v cc 0.3 v 2.0 1.9 2.0 ? 1.9 ? 3.0 2.9 3.0 ? 2.9 ? i oh = ? 50 a 4.5 4.4 4.5 ? 4.4 ? i oh = ? 4 ma 3.0 2.58 ? ? 2.48 ? high-level output voltage v oh v in = v ih i oh = ? 8 ma 4.5 3.94 ? ? 3.80 ? 2.0 ? 0 0.10 ? 0.10 3.0 ? 0 0.10 ? 0.10 i ol = 50 a 4.5 ? 0 0.10 ? 0.10 i ol = 4ma 3.0 ? ? 0.36 ? 0.44 low-level output voltage v ol v in = v ih or v il i ol = 8 ma 4.5 ? ? 0.36 ? 0.44 v input leakage current i in v in = 5.5 v or gnd 0 to 5.5 ? ? 0.1 ? 1.0 a quiescent supply current i cc v in = v cc or gnd 5.5 ? ? 2.0 ? 20.0 a tc7sh08f, TC7SH08FU product specification 3 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
ac characteristics (unless otherwise specified, input: t r = t f = 3 ns) test condition ta = 25c ta = ? 40 to 85c characteristics symbol v cc (v) c l (pf) min typ. max min max unit 15 ? 6.2 8.8 1.0 10.5 3.3 0.3 50 ? 8.7 12.3 1.0 14.0 15 ? 4.3 5.9 1.0 7.0 propagation delay time t plh t phl 5.0 0.5 50 ? 5.8 7.9 1.0 9.0 ns input capacitance c in ? ? 4 10 ? 10 pf power dissipation capacitance c pd (note 2) ? 14 ? ? ? pf note 2: c pd is defined as the value of the internal equivalent capacitance which is ca lculated from the operating current consumption without load. average operating current can be obtained by the equation: i cc (opr.) = c pd ? v cc ? f in + i cc tc7sh08f, TC7SH08FU product specification 4 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
package dimensions weight: 0.016 g (typ.) tc7sh08f, TC7SH08FU product specification 5 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
package dimensions weight: 0.006 g (typ.) tc7sh08f, TC7SH08FU product specification 6 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of TC7SH08FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X