Part Number Hot Search : 
FR101 CS400F4 K1322 1N1830 15KE75 K1322 EPS13D2 XN5601
Product Description
Full Text Search
 

To Download TC140PW-EX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun tcxxxpw-ex 2013.11.01-a/0 page1of4 features isolation (input, output and power supply) 12.5mm slim case high accuracy (0.1% f.s.) high linearity (0.1% f.s.) low temperature drift(50ppm/ c) low-power dissipation excellent emc performance miniusb port communication input / output range programmable high reliability(mtbf>500,000 hours) generaldescription tcxxxpw-ex thermocouples isolation safety barrier seriesreceivedfromthehazardousareaofthermocouple signalsormvlevel,andconvertedtothestandardanalog currentorvoltagesignalwhichisisolatedwithapplicationfield, andtransmittedtothecontrolcabinet. whilelimitingthe energyofintrinsicallysafeendstringintohazardousarea,to ensurethatthesystemisintrinsicallysafeexplosion-proof performance.theproducthasaminiusbinterface,itcanbe usedforprogrammingtoconfigurethetypeandrangeofinput andoutputsignals.theproducthastheinternalcoldjunction compensation function. anindependentpower supplyis neededfortheproductlatorwithisolationpoweroutputyou need.andtheportofpowersupply,inputandoutputare isolatedfromeachother.thethicknessis12.5mm. connection of field devices and the regions: thermocouples; zone 0,zone 1,zone 2; iia,iib,iic,t4~t6 hazardousarea.productapplication:widelyusedinchemical, petroleum,pharmaceutical,metallurgy,coalmine,naturalgas, electricity,etcsafetyexplosionprotectionsystem. programmable thermocoupies isolationsafetybarrier tcxxxpw-exseries partnumbersystem tcxxxpw-ex slim case serial number channel configuration thermalcouplesignal transducer type programmable explosion protection certificate symbol selectionguide outputtype 1input1output 1input2output currentoutput tc100pw-ex tc600pw-ex voltagetype TC140PW-EX tc640pw-ex loopoutput tc102pw-ex tc602pw-ex inputsignal: inputsignal range theminimumrange r -40~+1700 600 s -40~+1700 600 k -150~+1370 120 j -80~+900 100 t -160~+390 100 b 320~+1820 780 e -80~+700 500 mv -60~+60mv 10mv outputsignal: outputtype outputsignal currentoutput 4~20ma/0~20ma(programmable) voltageoutput 0~5v/0~10v/1~5v/2~10v(programmable) note: 1.customersneedtochoosethetypeoftheinputsignal,outputsignalandrange.wecouldalsooffercustomerdesignforspecialinputandoutput. 2.youcangettheusbadaptert-01fortheisolatorfrommornsunfreeofchargeifyouneed. 3.factorydefault theinputsignaltypesarethemvsignal,theoutputsignalis4~20maandrangeis-60 +60mv.
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun tcxxxpw-ex 2013.11.01-a/0 page2of4 electricalcharacteristics powerinput parameters inputvoltage 18~30vdc typicalvalues 24vdc powerdissipation 1.8w powerprotection reversepolarityprotection safearea inputsignal seeselectionguide coldjunctioncompensation compensationrange:-25~+75 (errorislessthan1 cper20 ) methodofcompensation:internalcompensation hazardousarea faultoutput outputtype 4~20ma 0~20ma 1~5v 0~5v 0~10v 2~10v inputdisconnection 23ma 23ma 5.75v 5.75v 11.5v 11.5v lowerlimitalarm about3ma about21ma about0.75v about5.25v about10.5v about1.5v upperlimitalarm about22ma about22ma about5.5v about5.5v about11v about11v normaloperation a1,a2lightoff upperlimitalarm abovetheupperlimitofrange+5 (temperaturesignal)or+2mv(mvsignal),outputsignal isabout110%ofthemaximum,a1hasbeenbright. lowerlimitalarm belowthelowerlimitofrange-5 (temperaturesignal)or-2mv(mvsignal),outputsignalis about15%ofthemaximum,(outputtypesare4~20ma,2~10v,1~5v)or105%ofthemaximum (outputtypesare0~20ma,0~5v,0~10v) a2hasbeenbright. breakalarm brokenaccidentallyorinputsignal 70mv,outputsignalis115%ofthemaximum,a1anda2 brightatthesametime loadcapacity communicationport 500 (outputcurrentmaximum) 1m (outputvoltagemaximum) (ue-4)/0.02(looppowersupplyoutput) 20v ue 30v communicationinterface miniusbport communicationprotocol see"mornsunmodbusprotocolrules" transmissioncharacteristics zerooffset 0.1%f.s. sin=0,100%load,@25 accuracy 0.1%f.s. full-scalerange,100%load,@25 temperaturedrift 0.0050%f.s./ (-25 ~+71 operatingtemperaturerange) responsetime <0.5s isolationcharacteristics electricalisolation safeareaandhazardousarea2.5kvac1min,leakagecurrent 5ma outputandpowersupply2.5kvdc1min,leakagecurrent 5ma insulationresistance 100m ,500vdc signalinputport,signaloutputport) emccharacteristics emi ce cispr22/en55022classa re cispr22/en55022classa ems esd iec/en61000-4-2 contact 4kv/air 8kv perf.criteriab rs iec/en61000-4-3 10v/m perf.criteriaa eft iec/en61000-4-4 powerport 2kv perf.criteriab iec/en61000-4-4 signalport 1kv perf.criteriab surge iec/en61000-4-5 powerport 1kv/2kv perf.criteriab iec/en61000-4-5 signalport 1kv linetognd perf.criteriab cs iec/en61000-4-6 3vr.m.s perf.criteriaa standards&certificates explosionprotectioncertificatemarkcertificatemark [exiaga]iic explosionprotectioncertificateparameters um=250vrms,uo=10.5v,io=21ma,po=56mw,co=1.7uf,lo=10mh explosionprotectioncertificateagency chinanationalqualitysupervisionandtestcentreforexplosion protectedelectricalproducts explosionqualifiedno. cnex13.3054
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun tcxxxpw-ex 2013.11.01-a/0 page3of4 othercharacteristics temperature operatingtemperature:-25~+71 transportandstoragetemperature:-40~+85 package 35mmdin-railpackage:t-railcardpackage(din50022),pluggableconnectionpin,thickness12.5mm safetyclass ip20(iec60529/en60529) weight 1input1output:about100g;1input2output:about135g connection 1.connectionuseddismountableterminals; 2.crosssectionareaofwiring:0.5mm 2 ~2.5mm 2 ; 3.thelengthofbarewireisabout8mm,lockedupbythem3bolt. selectionguidelinesforintrinsicallysafetyexplosionprotectionsystem 1. theexplosionprotectiongradeofthebarriermustbenotlessthanthatofintrinsicallysafetyexplosionprotectiondeviceinspot. 2. takeinconsiderationofhazardousendoutputresistanceandloopresistancemakesurethebarrieroutputvoltagemeetstheminimum operationvoltagerequirementofintrinsicallysafetydeviceinspot. 3. thesafetyparametersaboutintrinsicallysafetyendmeets: uo ui,io iin,po pin co cin, lo lin 4. selectsuitablesafetybarrierwhichmatchestheintrinsicallysafetydeviceinspotaccordingtothepowerpolarity,signaltypeandtransmission modeaboutthedevice. 5. muchmoreprotectionisrequired,whichcanavoidtheinfluenceoftheleakagecurrentgeneratedbysafetybarrieronintrinsicallysafetydevice inspot. operationnotes 1.pleasereadtheusermanualcarefullybeforeusing.ifanyquestionpleasecontactourtechnicalsupportdepartment. 2.pleasedonotusethisproductinhazardousarea. 3.thepowersupplyofthisproductshouldbedcpowersource.itisforbiddentouse220vacpowersupply. 4.toavoidinvalidexplosionprotectionfunction,oranyfailure,usersdisassemblethisproductisforbidden. applicationcircuitdiagram& pindescription bottom power supply port 11 12 9 10 7 8 inside 1 2 3 4 5 6 outside p o w e r + p o w e r - p o w e r + p o w e r - inside outside inside outside inside outside inside outside inside outside note: when use bottom power supply, anyone group or both is ok. pin description(1input2output) 1 nc 2 nc 3 nc 4 nc 5 signal1input- 6 signal1output+ 7 signal1output- 8 signal2output+ 9 signal2output- 10 powerinput+ 11 powerinput- 12 signal1input+ tc100pw-ex TC140PW-EX tc102pw-ex 5 6 + - channel 1 8 7 + - channel 1 12 11 power safe area + - mv hazardous area rl 420ma vo rl current source output voltage source output + - + - rl 420ma + - ue + - loop supply power output output channel output channel
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun tcxxxpw-ex 2013.11.01-a/0 page4of4 note: 1.allspecificationsmeasuredatta=25 c,humidity<75%,nominalinputvoltageandratedoutputloadunlessotherwisespecified. 2.inthisdatasheet,allthetestsetupandmethodsarebasedonourcorporatestandards. 3.allcharacteristicsaremeantforlistedmodel,non-standardmodelsmayperformdifferently,youcancontactmornsunfaeformoredetails. 4.contactusforyourspecificrequirement. 5. specificationsaresubjecttochangewithoutpriornotice. mornsunscience&technologyco.,ltd. address:no.5,kehuist.1,kehuidevelopmentcenter,scienceave.,guangzhousciencecity,luogangdistrict,guangzhou,p.r.china. tel:86-20-38601850 fax:86-20-38601272 e-mail: info@mornsun.cn http://www.mornsun-power.com tc600pw-ex tc640pw-ex tc602pw-ex 12 11 power 8 7 + - channel 1 + - 5 6 10 9 + - channel 2 channel 1 safe area hazardous area mv + - rl 420ma rl 420ma vo1 rl vo2 rl rl 420ma ue rl 420ma ue current source output voltage source output loop supply poweroutput output channel 1 output channel 1 output channel 2 output channel 2 + - + - + - + - + - + - + - + - installation&disassembly installation din35mmstandardrailinstallation: 1. insertthetopoftheinstrumentcardintherail; 2. pushthebottomoftheinstrumentintotherail. 1 2 disassembly 1. insertascrewdriverbetweenthebottomofthecardlockandtherail; 2. pullupthescrewdriverandpressthecardlockdownwards; 3. pulltheinstrumentoutoftherail. 1 2 3 packagingdimension&packagingdiagram


▲Up To Search▲   

 
Price & Availability of TC140PW-EX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X