Part Number Hot Search : 
2029L100 AD633ARZ C1100 D9288B AT1312C AK5534 BZX84C12 MAX188
Product Description
Full Text Search
 

To Download SEM104PT100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  output (4 to 20) ma loop powered, maximum 30 ma loop supply (10 to 30) vdc reverse connection protected max. loop load (v.supply -10) 0.020 loop volts sensitivity 10 a/v temp. stability zero drift type. 0.02 %/c fro span type. 0.005 %/c fro ambient temperature* (0 to 70) c operating (*at 24 v supply 250 ? load) ambient rh (0 to 95) % rh non condensing emc compatibility bs en61326 sem104p platinum resistance sensor pt100 input bs en 60751, din43760 accuracy 0.2 c plus 0.2 % rdg response 100 ms to reach 70 % of final value offset adjustment range dependant span adjustment (25 to 500) c sem104k, t or j thermocouple sensor (isolated junction) output (4 to 20) ma (directly proportional to mv input) accuracy 0.1 %fs plus cold junction errors non-linearised response 100 ms to reach 70 % of final value offset adjustment 100 c, solder link and potentiometer span adjustment (100 to 1000) c impedance > 1 m ? burn out up scale standard. downscale by link cold junction automatic (0 to 70) c accuracy 0.2 c @ 20 c tracking + 0.05 c/c low cost temperature transmitter the sem104 series is a (4 to 20) ma temperature sensor transmitter which can be housed in a head mount din standard connector. the sem104p for pt100 and sem104tc for thermocouple inputs are field rangeable if necessary by links on the printed circuit board and the use of on board span and zero potentiometers.a wide selection of compatible probe assemblies are available with various immersion lengths and process connections. sem104 series introduction specifications @ 20 c low cost user re-rangeable pt100 input thermocouple input k, t or j two wire (4 to 20) ma output 2 year warranty range c sem104p sem104k sem104t sem104j -30 to 35 ? -25 to 75 ? 0 to 50 ? 0 to 100 ? ? ? ? 0 to 150 ? ? ? ? 0 to 200 ? ? ? ? 0 to 400 ? ? ? ? 0 to 600 ? ? 0 to 800 ? 0 to 1000 ? other ranges can be configured by the use of links on the sem pcb, full details are supplied with each transmitter.
low cost temperature transmitter mechanical details ?42 33 23 loop load pt100 2 or 3 wire tc + - v supply 24 v typical connections order code / lo sensor sem104 / platinum resistance sensor pt100 p @ 4 ma @ 20 ma hi chromel/alumel ? thermocouple k copper/constantan thermocouple t iron/constantan thermocouple j status instruments ltd tel: +44 (0)1684 296818 green lane business park fax: +44 (0)1684 293746 green lane, tewkesbury email: sales@status.co.uk gloucestershire, uk website: www.status.co.uk gl20 8de 52-215-2075-02 issue 02 accessories: rmk/1/g rmk/3-t ?g? din rail profile mounting kit top hat din rail profile mounting kit (all dimensions in mm)


▲Up To Search▲   

 
Price & Availability of SEM104PT100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X