Part Number Hot Search : 
5248B GP1S37 RN498 U3502BM GP1S37 MBT440 ST7787 AO4296
Product Description
Full Text Search
 

To Download SCS40STN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SCS40STN 0.12 a, 40 v silicon epitaxial planar schottky barrier rectifiers 13-dec-2013 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free description planar schottky barrier diode with an integrated guard ring for stress protection features low diode capacitance low forward voltage guard ring protected high breakdown voltage application ultra high-speed switching voltage clamping mobile communication ,digital (still) cameras , pdas and pcmcia cards marking package information package mpq leader size wbfbp-02c 10k 7 inch maximum ratings characteristics (t a =25 c unless otherwise specified) paramete r s y mbol limits unit dc reverse voltage v r 40 v forward continuous current i f 120 ma peak forward surge current @ tp< 10ms i fsm 200 ma junction, storage temperature range t j , t stg 150, -55 ~ 150 electrical characteristics (t a =25 c unless otherwise specified) parameters s y mbol min. t yp . max. unit test conditions - - 0.38 i f =1ma - - 0.5 i f =10ma forward voltage v f - - 1 v i f =40ma - - 1 v r =30v reverse current 1 i r - - 10 a v r =40v diode capacitance c d - - 5 pf v r =0, f=1.0mhz note: 1. pulse test: tp=300 s; =0.02. wbfbp-02c s6 millimete r millimete r ref. min. max. ref. min. max. a 0.950 1.050 g 0.275 0.325 b 0.550 0.650 h 0.275 0.325 c 0.450 0.550 j 0.275 0.325 d 0.450 ref. k 0.675 0.725 e 0.400 ref. l 0.010 0.070 f 0.275 0.325 m 0.010 ref. ? ? ? ? a c b f m m g j h k e d l
elektronische bauelemente SCS40STN 0.12 a, 40 v silicon epitaxial planar schottky barrier rectifiers 13-dec-2013 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SCS40STN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X