Part Number Hot Search : 
ULN2002 TLOE53T LL415006 3A333 35N10 28F16 MBRF1045 IR9494N
Product Description
Full Text Search
 

To Download RMWM38001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  raytheon rf components 362 lowell street andover, ma 01810 revised march 14, 2001 page 1 www.raytheon.com/micro characteristic performance data and specifications are subject to change without notice. product information parameter symbol value unit rf input power (from 50 ? source) p in +25 dbm operating baseplate temperature t c -30 to +85 c storage temperature range t stg -55 to +125 c the RMWM38001 is a 38 ghz mixer designed to be used in point to point radios, point to multi-point communications, lmds, and other millimeter wave applications. in conjunction with other raytheon amplifiers, multipliers and mixers it forms part of a complete 38 ghz transmit/receive chipset. the RMWM38001 is a gaas mmic diode mixer utilizing raytheons 0.25m power phemt process. the mmic can be used as both an upconverter and a downconverter and is sufficiently versatile to serve in a variety of mixer applications. absolute maximum ratings description  4 mil substrate  conversion loss 5 db (upconverter)  conversion loss 8 db (downconverter)  no dc bias required  chip size 1.4 mm x 1.4 mm features notes: 1. device 100% rf tested as downconverter only. lo drive = +12 dbm, rf pin = -10 dbm, if = 5 ghz. electrical characteristics (at 25c), 50 ? system, lo = +12 dbm RMWM38001 38 ghz mixer mmic parameter min typ max unit rf frequency range 37 40 ghz lo frequency range 32 - 35 ghz if frequency range 4.7 - 5.3 ghz lo drive power 12 16 dbm up conversion loss 5 db down conversion loss 1 8 10db conversion loss variation vs freq 3 db
raytheon rf components 362 lowell street andover, ma 01810 revised march 14, 2001 page 2 www.raytheon.com/micro characteristic performance data and specifications are subject to change without notice. product information caution: this is an esd sensitive device. chip carrier material should be selected to have gaas compatible thermal coefficient of expansion and high thermal conductivity such as copper molybdenum or copper tungsten. the chip carrier should be machined, finished flat, plated with gold over nickel and should be capable of withstanding 325c for 15 minutes. die attachment should utilize gold/tin (80/20) eutectic alloy solder and should avoid hydrogen environment for phemt devices. note that the backside of the chip is gold plated and is used as rf ground. these gaas devices should be handled with care and stored in dry nitrogen environment to prevent contamination of bonding surfaces. these are esd sensitive devices and should be handled with appropriate precaution including the use of wrist grounding straps. all die attach and wire/ribbon bond equipment must be well grounded to prevent static discharges through the device. recommended wire bonding uses 3 mils wide and 0.5 mil thick gold ribbon with lengths as short as practical allowing for appropriate stress relief. the rf input and output bonds should be typically 0.012 long corresponding to a typically 2 mil between the chip and the substrate material. application information figure 1 functional block diagram mmic chip if in rf out ground (back of chip) lo in up-conversion mmic chip if out rf in ground (back of chip) lo in down-conversion dimensions in mm 0.0 0.0 0.0 0.0 1.4 1.4 1.4 1.4 0.7205 0.863 0.163 0.3055 0.164 0.3065 figure 2 chip layout and bond pad locations chip size is 1.4 mm x 1.4 mm x 100 m. back of chip is rf ground RMWM38001 38 ghz mixer mmic
raytheon rf components 362 lowell street andover, ma 01810 revised march 14, 2001 page 3 www.raytheon.com/micro characteristic performance data and specifications are subject to change without notice. product information lo input rf input /output 5mil thick alumina 50-ohm 5 mil thick alumina 50-ohm 2 mil gap l< 0.015 (6 places) die-attach 80au/20sn if input /output 5 mil thick alumina 50-ohm figure 3 recommended assembly diagram 1 caution: this is an esd sensitive device the RMWM38001 does not require dc bias. apply rf input signal at the appropriate frequency band and input drive level . recommended procedure for operation note: 1. use 0.003 by 0.0005 gold ribbon for bonding. rf input and output bonds should be less than 0.015 long with stress relief. RMWM38001 38 ghz mixer mmic
raytheon rf components 362 lowell street andover, ma 01810 revised march 14, 2001 page 4 www.raytheon.com/micro characteristic performance data and specifications are subject to change without notice. product information performance data RMWM38001 38 ghz mixer on-wafer performance upconverter. lo drive power = 12 dbm rmwp38001 38 ghz mixer typical on-wafer performance downconverter. lo drive power = 12 dbm -10 -8 -6 -4 -2 0 37000 37500 38000 38500 39000 39500 40000 rf output frequency (ghz) conversion gain (db) -10 -8 -6 -4 -2 0 37000 37500 38000 38500 39000 39500 40000 rf input frequency (ghz) conversion gain (db) RMWM38001 38 ghz mixer mmic
raytheon rf components 362 lowell street andover, ma 01810 revised march 14, 2001 page 5 www.raytheon.com/micro characteristic performance data and specifications are subject to change without notice. product information d&l technical sales 6139 s. rural road, #102 tempe, az 85283 480-730-9553 fax: 480-730-9647 nicholas delvecchio, jr. dlarizona@aol.com hi-peak technical sales p.o. box 6067 amherst, nh 03031 866-230-5453 fax: 603-672-9228 sales@hiCpeak.com north america spartech south 2115 palm bay road, ne, suite 4 palm bay, fl 32904 321-727-8045 fax: 321-727-8086 jim morris jim@spartech-south.com teq sales, inc. 920 davis road, suite 304 elgin, il 60123 847-742-3767 fax: 847-742-3947 dennis culpepper dculpepper@teqsales.com cantec representatives 8 strathearn ave, no. 18 brampton, ontario canada l6t 4l9 905-791-5922 fax: 905-791-7940 dave batten cantec-ott@cantec-o.net sangus oy lunkintie 21, 90460 oulunsalo finland 358-8-8251-100 fax: 358-8-8251-110 juha virtala juha.virtala@sangus.fi itx corporation 2C5, kasumigaseki 3Cchome chiyodaCku tokyo 100-6014 japan 81-3-4288-7073 fax: 81-3-4288-7243 maekawa ryosuke maekawa.ryosuke@ itxCcorp.co.jp mti engineering ltd. afek industrial park hamelacha 11 new industrial area rosh hayin 48091 israel 972-3-902-5555 fax: 972-3-902-5556 adi peleg adi_p@mti-group.co.il sirces srl via c. boncompagni, 3b 20139 milano italy 3902-57404785 fax: 3902-57409243 nicola iacovino nicola.iacovino@sirces.it sea union 9f-1, building a, no 19-3 san-chung road nankang software park taiwan, roc taipei 115 02-2655-3989 fax: 02-2655-3918 murphy su murphy@seaunionweb.com.tw globes elektronik & co . klarastrabe 12 74072 heilbronn germany 49-7131-7810-0 fax: 49-7131-7810-20 ulrich blievernicht hfwelt@globes.de headquarters 6321 san ignacio drive san jose, ca 95119 408-360-4073 fax: 408-281-8802 art herbig art.herbig@avnet.com belgium and luxembourg cipalstraat 2440 geel belgium 32 14 570670 fax: 32 14 570679 sales.be@bfioptilas.avnet.com united states (east coast) raytheon 362 lowell street andover, ma 01810 978-684-8628 fax: 978-684-8646 walter shelmet wshelmet@ rrfc.raytheon.com sales office headquarters 978-684-8900 fax: 978-684-5452 customer_support@rrfc.raytheon.com customer support europe raytheon am teckenberg 53 40883 ratingen germany 49-2102-706-155 fax: 49-2102-706-156 peter hales peter_j_hales@ raytheon.com asia raytheon room 601, gook je ctr. bldg 191 hangang ro 2-ga yongsan-gu, seoul, korea 140-702 82-2-796-5797 fax: 82-2-796-5790 t.g. lee tg_lee@ rrfc.raytheon.com united states (west coast) raytheon 362 lowell street andover, ma 01810 978-684-8919 fax: 978-684-8646 rob sinclair robert_w_sinclair@ rrfc.raytheon.com united kingdom burnt ash road aylesford, kent england me207xb 44 1622882467 fax: 44 1622882469 rfsales.uk@ bfioptilas.avnet.com france 4 allee du cantal evry, cedex france 33 16079 5900 fax: 33 16079 8903 sales.fr@ bfioptilas.avnet.com holland chr. huygensweg 17 2400 aj alphen aan den rijn the netherlands 31 172 446060 fax: 33 172 443414 sales.nl@ bfioptilas.avnet.com spain c/isobel colbrand, 6 C 4a 28050 madrid spain 34 913588611 fax: 34 913589271 sales.es@ bfioptilas.avnet.com europe asia steward technology 6990 village pkwy #206 dublin, ca 94568 925-833-7978 fax: 925-560-6522 john steward johnsteward1@msn.com sangus ab berghamnvagen 68 box 5004 sC165 10 hasselby sweden ronny gustafson 468-0-380210 fax: 468-0-3720954 worldwide distribution worldwide sales representatives


▲Up To Search▲   

 
Price & Availability of RMWM38001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X