Part Number Hot Search : 
75NF75 O00GG3 E006395 16C596 ACM1602E E006395 BZT52C2V 1SMB5935
Product Description
Full Text Search
 

To Download PS-1251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  accessories - panels surface shield panels, pa, and ps series standard panels for all cabinets, cabinet racks, relay racks and small enclosures, where applicable. design features available in 11 gauge steel and .12" aluminum alloy. steel, standard aluminum and hard aluminum (6061-t6) panels come in 19" widths. standard .12" aluminum panels also available in 24" widths. aluminum panels 24" panel 0.12" thick 19" panel 0.12" thick catalog no. drawings height weight lbs. catalog no. drawings height weight lbs. pa-2401 1.75" .50 pa-1131 1.75" .37 pa-2402 3.50" 1.00 pa-1132 3.50" .75
pa-2403 5.25" 1.50 pa-1133 5.25" 1.12 pa-2404 7.00" 2.25 pa-1134 7.00" 1.75 pa-2405 8.75" 2.50 pa-1135 8.75" 2.00 pa-2406 10.50" 3.00 pa-1136 10.50" 2.50 pa-2407 12.25" 3.25 pa-1137 12.25" 2.75 pa-2408 14.00" 3.50 pa-1138 14.00" 3.25 pa-2409 15.75" 4.00 pa-1139 15.75" 3.62 pa-2410 17.50" 4.75 pa-1140 17.50" 4.00 pa-2411 19.25" 5.25 pa-1141 19.25" 4.25 pa-2412 21.00" 5.50 pa-1142 21.00" 5.00 aluminum and steel panels 19" steel 11 ga. 19" aluminum 0.12" thick catalog no. drawings height weight lbs. catalog no. drawings height weight lbs. ps-1250 1.75" 1.25 pa-1101 1.75" .37 PS-1251 3.50" 2.25 pa-1102 3.50" .75 ps-1252 5.25" 3.25 pa-1103 5.25" 1.12 ps-1253 7.00" 4.50 pa-1104 7.00 1.75 ps-1254 8.75" 6.00 pa-1105 8.75" 2.00 ps-1255 10.50" 7.00 pa-1106 10.50" 2.50 ps-1256 12.25" 8.25 pa-1107 12.25" 2.75 ps-1257 14.00" 9.50 pa-1108 14.00" 3.25 ps-1258 15.75" 10.75 pa-1109 15.75" 3.62 ps-1259 17.50" 11.75 pa-1110 17.50" 4.00 ps-1260 19.25" 13.00 pa-1111 19.25" 4.25 ps-1261 21.00" 14.25 pa-1112 21.00" 5.00


▲Up To Search▲   

 
Price & Availability of PS-1251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X