Part Number Hot Search : 
1N5243 MOTOR 7052B S16D40PT A3008 2SJ632 241TZQ16 C170A
Product Description
Full Text Search
 

To Download NESM126A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nichia sts-da1-2569a nichia corporation specifications for full color led NESM126At pb-free reflow soldering application rohs compliant rgb sorted (rgb die lit separately.)
nichia sts-da1-2569a 1 specifications (1) absolute maximum ratings absolute maximum rating item symbol blue green red unit forward current i f 25 30 50 ma pulse forward current i fp 80 100 150 ma reverse voltage v r 5 v power dissipation p d 88.7 114 117 mw total power dissipation p tot 90 mw operating temperature t opr -30~85 c storage temperature t stg -40~100 c junction temperature t j 100 100 100 c * absolute maximum ratings at t a =25c. * i fp conditions with pulse width 10ms and duty cycle 10%. * the absolute maximum power dissipation per die. * the absolute maximum power dissipation in total per package. (2) initial electrical/optical characteristics typ item symbol condition blue green red unit forward voltage v f b i f =20ma g i f =20ma r i f =20ma 3.2 3.5 2.1 v reverse current i r b v r =5v g v r =5v r v r =5v - - - a luminous intensity i v b i f =20ma g i f =20ma r i f =20ma 150 620 480 mcd x 0.133 0.189 0.696 chromaticity coordinate y - b i f =20ma g i f =20ma r i f =20ma 0.075 0.718 0.303 - * characteristics at t a =25c. * luminous intensity value as per cie 127:2007 standard. * chromaticity coordinates as per cie 1931 chromaticity chart.
nichia sts-da1-2569a 2 ranks blue green red item rank min max rank min max rank min max unit forward voltage - 2.80 3.55 - 3.05 3.82 - 1.80 2.35 v reverse current - - 50 - - 50 - - 50 a bt 159 200 gt 651 820 rt 476 600 bs 126 159 gs 517 651 rs 378 476 luminous intensity br 100 126 gr 410 517 rr 300 378 mcd color ranks blue rank w1 rank w2 x 0.139 0.129 0.145 0.152 x 0.129 0.113 0.134 0.145 y 0.035 0.050 0.072 0.056 y 0.050 0.080 0.105 0.072 green rank g1m rank g2m x 0.166 0.136 0.176 0.201 x 0.201 0.176 0.220 0.237 y 0.676 0.739 0.750 0.686 y 0.686 0.750 0.745 0.684 red rank r8a x 0.6718 0.6562 0.6873 0.7049 y 0.2982 0.3144 0.3126 0.2948 * ranking at t a =25c. * forward voltage tolerance: 0.05v * luminous intensity tolerance: 10% * chromaticity coordi nate tolerance: 0.01 * leds from the above ranks will be shipped. the rank combination ratio per sh ipment will be decided by nichia. luminous intensity ranks by color rank ranking by luminous intensity ranking by color coordinates br bs bt gr gs gt rr rs rt w1 w2 g1m,g2m r8a
nichia sts-da1-2569a 3 chromaticity diagram 550 560 570 510 500 490 460 470 480 600 590 580 610 620 630 540 530 520 w1 w2 g1m g2m r8a 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 x y
nichia sts-da1-2569a 4 outline dimensions sts-da7-3218 NESM126A ? no. ( g unit: mm) this product complies with rohs directive. u? rohs ?m??? * ( g unit: mm, tolerance: 0.2) 1 4 3 2 a k k k blue green red the red, blue and green die are attached to the red cathode side. red blue green red `???g??? * 0.75 1.75 (0.2) 1.80.3 (0.55) (2.6) (2.34) 1 2 34 green blue red pin-1 mark 3 (0.42) (0.49) 3 (1.12) 0.850.3 ? item ??`| package materials ??| encapsulating resin materials ?O| electrodes materials | weight description \?????` black heat-resistant polymer ?? ( ?? epoxy resin(with diffuser) ~? + ? au-plated copper alloy 0.025g(typ)
nichia sts-da1-2569a 5 soldering ? recommended reflow soldering condition(lead-free solder) ? recommended hand soldering condition temperature 350c max soldering time 3sec max recommended soldering pad pattern ( g unit: mm) 0.8 2.8 1 1.8 1.8 4.6 11 * this led is designed to be reflow soldered on to a pc b. if dip soldered, nichia cannot guarantee its reliability. * reflow soldering must not be performed more than twic e. hand soldering must not be performed more than once. * avoid rapid cooling. ramp down the temper ature gradually from th e peak temperature. * nitrogen reflow soldering is re commended. air flow soldering condit ions can cause optical degradation, caused by heat and/or atmosphere. * repairing should not be done after the leds ha ve been soldered. when repairing is unavoidable, a double-head soldering iron should be used. it should be confirmed beforehand whether the characteri stics of the leds will or will not be damaged by repairing. * when soldering, do not apply stre ss to the led while the led is hot. * when using a pick and place machine, ch oose an appropriate nozzle for this product. * this product can differ in optical characteristics depending on both the number of reflow cycles and reflow temperature cond itions. in a single display, only leds with both the same nu mber of reflow cycles and re flow temperature conditions should be used regardless of the application type (e.g. rental and/or permanent installations). * the recommended soldering pad pattern is designed for attachment of the led without problems. when precise mounting accuracy is re quired, such as high-density mounting, ensure that the size and shape of the pad are suitable for the circuit design. * consider factors such as the reflow soldering temperature, hand soldering temperature, etc. when choosing the solder. * when flux is used, it should be a ha logen free flux. ensure that the manufacturing process is not designed in a manner where the flux will come in contact with the leds. * make sure that there are no issues with the type and amount of solder that is being used. 120sec max pre-heat 180 to 200c 260cmax 10sec max 60sec max above 220c 1 to 5c per sec
nichia sts-da1-2569a 6 tape and reel dimensions sts-da7-1847a reel size: 2000pcs 1 `?? 2000 ? * nxxx126x ?` / ` trailer and leader top cover tape led ?? ` 400mm ?` 160mm ? trailer 160mm min(empty pockets) loaded pockets ???` embossed carrier tape ???`?` feed direction leader without top cover tape 400mm min 100mm ? leader with top cover tape 100mm min(empty pocket) the tape packing method complies with jis c 0806 (packaging of electronic components on continuous tapes). * jis c 0806 ???`??????? ? no. ( g unit: mm) 60 +1 -0 `? reel f 1 3 0 . 2 f 2 1 0 . 8 ? label 2 1 0 . 8 1 3 0 . 2 11.4 1 9 0.3 180 +0 -3 -0 1.5 +0.1 ?`??? tape 4 0.1 1.75 0.1 4 0.1 2 0.05 3.5 0.05 8 +0.3 -0.1 3.15 0.1 0.25 0.05 2 0.1 3.15 0.1 -0 1 +0.25 pin-1 mark when the tape is rewound due to work interruptions, no more than 10n should be applied to the embossed carrier tape. the leds may stick to the top cover tape. * g?I???????`?`??? ???`??? (10n ) ? led `?`?N???
nichia sts-da1-2569a 7 packaging - tape & reel nichia led sts-da7-0006c nxxxxxxx ? label ? label ? no. reel ` ?` seal moisture-proof bag ?? rohs nxxxxxxx xxxx led ******* nichia corporation 491 oka, kaminaka, anan, tokushima, japan type lot qty. ymxxxx-rrr pcs rohs nxxxxxxx xxxx led ******* rrr pcs type rank qty. nichia corporation 491 oka, kaminaka, anan, tokushima, japan reels are shipped with desiccants in heat-seale d moisture-proof bags. ????`??????`???? desiccants ? moisture-proof bags are packed in cardboard boxes with corrugated partitions. ??K???`? ?`???????y?????? * ??\H?y?B???y? * ?QH??n?????u?p?????? * using the original package material or equivalent in transit is recommended. do not expose to water. the box is not water-resistant. do not drop or expose the box to extern al forces as it may damage the products. products shipped on tape and reel are packed in a moisture-proof bag. they are shipped in cardboard boxes to protect th em from external forces during transportation. * u???`?????n?go??`y? if not provided, it will not be indicated on the label. ******* is the customer part number. O??????? * ******* ?? ? for details, see "lot numbering code" in this document. * ??????????? the label does not have the rank field for un-ranked products. * ???????????
nichia sts-da1-2569a 8 lot numbering code lot number is presented by using the following alphanumeric code. ymxxxx - rrr y - year year y 2013 d 2014 e 2015 f 2016 g 2017 h 2018 i m - month month m month m 1 1 7 7 2 2 8 8 3 3 9 9 4 4 10 a 5 5 11 b 6 6 12 c xxxx-nichia's product number rrr-rank * the label does not ha ve the rank field for un-ranked products.
nichia sts-da1-2569a 9 derating characteristics NESM126A sts-da7-3219 ? no. derating1 0 30 60 90 120 150 0 20 40 60 80 100 120 (55, 88.7)blue (43, 114)green (42, 117)red (85, 29.9)blue, green (85, 30.0)red derating2 0 30 60 90 120 150 0 20 40 60 80 100 120 (55, 90.0) (85, 30.0) duty 10 100 1000 1 10 100 25 30 50 80 150 S allowable forward current ( ma ) ??-?S?p? ambient temperature vs total power dissipation ??-S?p? ambient temperature vs power dissipation S?p? power dissipation(mw) ?S?p? total power dissipation(mw) ?? ambient temperature(c) ?? ambient temperature(c) ?`?` duty ratio(%) ?`?`-S duty ratio vs allowable forward current blue green red t a =25c blue green red * the graph shows the maximum allowable power dissipation for a led die of each color. ??H? 1 ????? * 2 ??H??`????? the graph shows the maximum allowable to tal power dissipation for a led package. ** **
nichia sts-da1-2569a 10 optical characteristics NESM126A ? no. sts-da7-3220 y-y spectrum 0.0 0.2 0.4 0.6 0.8 1.0 400 450 500 550 600 650 700 relative luminosity(a.u.) x-x relative luminosity(a.u.) directivity2 90 80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 directivity1 90 80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 blue( green( red( i f = i f = i f = 20ma) 20ma) 20ma) k? relative emission intensity(a.u.) k??? spectrum ? directivity L wavelen g th ( nm ) 1 0.5 0 0.5 1 1 0.5 0 0.5 1 blue( green( red( i fp = i fp = i fp = 20ma) 20ma) 20ma) ? radiation angle ? radiation angle t a =25c * ??? all characteristics shown are for refe rence only and are not guaranteed. t a =25c t a =25c blue( green( red( i fp = i fp = i fp = 20ma) 20ma) 20ma) y(90) y(-90) x (-90) x (90)
nichia sts-da1-2569a 11 forward current characteristics / temperature characteristics NESM126A sts-da7-3221 ? no. tavf 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 -60 -40 -20 0 20 40 60 80 100 120 taiv 0.6 0.8 1.0 1.2 1.4 -60 -40 -20 0 20 40 60 80 100 120 vfif 1 10 100 1000 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 20 80 150 relative luminosity(a.u.) ??- ambient temperature vs relative luminosity forward current(ma) ifiv 0 2 4 6 8 0 50 100 150 200 relative luminosity(a.u.) - forward current vs relative luminosity forward current(ma) ?R- forward voltage vs forward current ??-?R ambient temperature vs forward voltage ?R forward volta g e ( v ) ?R forward voltage(v) ?? ambient tem p erature ( c ) ?? ambient temperature(c) green 20ma 20ma i fp = i fp = blue red 20ma i fp = blue green red blue green red t a =25c * ??? all characteristics shown are for refe rence only and are not guaranteed. t a =25c green 20ma 20ma i fp = i fp = blue red 20ma i fp =
nichia sts-da1-2569a 12 reliability (1) tests and results te s t reference standard test conditions te s t duration failure criteria # units failed/tested resistance to soldering heat (reflow soldering) jeita ed-4701 300 301 t sld =260c, 10sec, 2reflows, precondition: 30c, 70%rh, 168hr #1 0/50 temperature cycle jeita ed-4701 100 105 -40c(30min)~25c(5min)~ 100c(30min)~25c(5min) 100cycles #1 0/50 moisture resistance (cyclic) jeita ed-4701 200 203 25c~65c~-10c, 90%rh, 24hr per cycle 10cycles #1 0/50 high temperature storage jeita ed-4701 200 201 t a =100c 500hours #1 0/50 temperature humidity storage jeita ed-4701 100 103 t a =60c, rh=90% 500hours #1 0/50 low temperature storage jeita ed-4701 200 202 t a =-40c 500hours #1 0/50 room temperature operating life t a =25c b i f =7ma g i f =9ma r i f =9ma 500hours #1 0/50 temperature humidity operating life 60c, rh=90% b i f =4ma g i f =6ma r i f =6ma 300hours #1 0/50 low temperature operating life t a =-30c b i f =7ma g i f =9ma r i f =9ma 500hours #1 0/50 notes: measurements are performed after allowi ng the leds to return to room temperature. (2) failure criteria (value for one led device (single color).) criteria # items conditions failure criteria forward voltage(v f ) b i f =20ma g i f =20ma r i f =20ma >u.s.l.1.1 luminous intensity(i v ) b i f =20ma g i f =20ma r i f =20ma u.s.l.2.0 u.s.l. : upper specification limit l.s.l. : lower specification limit
nichia sts-da1-2569a 13 cautions (1) storage conditions temperature humidity time before opening aluminum bag 30c 90%rh within 1 year from delivery date storage after opening aluminum bag 30c 70%rh 168hours baking 655c - 24hours product complies with jedec msl 3 or equivalent. se e ipc/jedec std-020 for moisture-sensitivity details. absorbed moisture in led packages can vaporize and expand during soldering, which can cause interface delamination and result in optical performance degradation. products are packed in moisture-proof aluminum bags to minimize moisture absorptio n during transportation and storage. included silica gel desiccants change from blue to red if moisture had penetrated bags. after opening the moisture-proof aluminum bag, the products should go through the soldering process within the range of the conditions stated above. unused remaining leds should be stored with silica gel desiccants in a hermetically sealed container, prefer ably the original moisture -proof bags for storage. after the ?period after opening? stor age time has been exceeded or silica gel desiccants are no longer blue, the products should be baked. baking should only be done once. although the leads or electrode pads (anode and cathode) of the product are plated with gold, prolonged exposure to a corrosive en vironment might cause the gold plated th e leads or electrode pads to tarnish, and thus leading to difficulties in sold ering. if unused leds remain, they must be stored in a hermetically sealed container . nichia recommends using the or iginal moisture-proof bag for storage. do not use sulfur-containing materials in commercial products. some materials, such as seals and adhesives, may contain sulfur . the contaminated plating of leds might cause an open circ uit. silicone rubber is recommen ded as a material for seals. bear in mind, the use of silicones may lead to silicone contamination of electrical co ntacts inside the products, caused by low molecular weight volatile siloxane. to prevent water condensation, please avoid large temperat ure and humidity fluctuations for the storage conditions. do not store the leds in a dusty environment. do not expose the leds to direct sunlight and/or an environment where the temperature is higher than normal room temperature.
nichia sts-da1-2569a 14 (2) directions for use in designing a circuit, the current through each led die must not exceed the absolute maximum rating current specified for each die. it is recommended that each led die is driven at a constant current. when having the two or more dice within this product on at the same time, the total power dissipation for the led package must be within the absolute maximum value specified in this specification. this product should be operated using forward curre nt. ensure that the product is not subjected to either forward or reverse voltage while it is not in use. in particular, subjecting it to continuous reverse voltage may cause migration, which may cause damage to the led die. when used in displays that are not used for a long time, the main power supply should be switched off for safety. it is recommended to operate the leds at a current greater than 10% of the sorting current to stabilize the led characteristic s. care must be taken to ensure that the reverse voltage will not exceed the absolute maximum rating when using the leds with matrix drive. ensure that excessive voltages such as lightning surges are not applied to the leds. aging is recommended for dete cting manufacturing and assembly defects. in particular, ensure that excessive current and/or voltage is not applied to the leds. this aging sh ould be conducted in environments where water condensation does not occur. this product can be used in indoor applications; however, when the leds are used in the following environments, incorporate sufficient measures into the disp lay to prevent debris, water/moisture and gases that will adversely affect the product. - where water vapor is abundant - where water condensation is likely to occur - where water is likely to splash onto the leds - where frost is likely to form on the surface of the leds (e.g. freezer, ice skating rink, etc.) - where dust, dirt, debris, loose metallic mate rials and/or gases that will adver sely affect the product are presen t in areas where hydrogen sulfide, which is a sulfide-based gas, is present (e.g. hot springs and volcanic areas), and where salt is abundant (e.g. co astal areas), the life may be shortened. when this product is used for displays that will be installed outside: the leds should be covered to avoid exposure to outdoor environments in conjunct ion with sufficient measures against dire ct sunlight, wet or damp conditions, and salt damage. when power is applied for the first ti me after installation, the display shou ld not be powered at 100% wattage since the leds may have absorbed moisture. before normal us e of this display, operate the display at approximately 20% watta ge for an initial time period. if the display units will be rented, those units should be selected carefully to ensure that the display as a whole will appear the same color and brightness. if the display units are loaded onto and/ or transported by ship, the damp environment on the vessel will cause condensation; the display units should be pack aged to prevent moisture absorption. if a display that has been, or is being, used is relocated, it is possible that degradati on of the led has occurred. when transporting this display, provide sufficient protecti on for the leds in addition to the moisture-proof packaging for the display. when this display is reinstalled, ensure to follow the installation instructions for environments and use. (3) handling precautions do not handle the leds with bare hands as it will contaminat e the led surface and may affect the optical characteristics: it might cause the led to be deformed and/or the wi re to break, which will cause the led not to illuminate. the lead could also cause an injury. when handling the product with tweezers, be ca reful not to apply excessive force to the resin. otherwise, the resin can be cut, ch ipped, delaminate or deform ed, causing wire-bond breaks and catastrophic failures. dropping the prod uct may cause damage. do not stack assembled pcbs together. fa ilure to comply can cause the resin portio n of the product to be cut, chipped, delaminated and/or deformed. it may cause wi re to break, leading to catastrophic failures.
nichia sts-da1-2569a 15 (4) design consideration pcb warpage after mounting the products on to a pcb can cause the package to break. the led should be placed in a way to minimize the stress on the leds due to pcb bow and twist. the position and orientation of the leds affect how much mechan ical stress is exerted on the le ds placed near the score lines. the led should be placed in a way to minimi ze the stress on the leds due to board flexing. board separation must be performed using special jigs, not using hands. (5) electrostatic discharge (esd) the products are sensitive to static electricity or su rge voltage. esd can damage a die and its reliability. when handling the products, the following measures against electrostatic discharge are strongly recommended: eliminating the charge grounded wrist strap, esd footwear, clothes, and floors grounded workstation equipment and tools esd table/shelf mat made of conductive materials ensure that tools (e.g. soldering ir ons), jigs and machines that are bein g used are properly grounded and that proper grounding techniques are used in wo rk areas. for devices/equipment that mount the leds, protection against surge vo ltages should also be used. if tools or equipment contain insulating materials such as glass or plastic, the following measures against electros tatic discharge are st rongly recommended: dissipating static charge with conductive materials preventing charge generation with moisture neutralizing the charge with ionizers the customer is advised to chec k if the leds are damaged by esd when performing the characteristics in spection of the leds in the application. damage can be detected with a forward voltage measurement or a light-up test at low current ( 1ma). leds with esd-damaged dice (i.e. other than red) may have an increased leakage current, curr ent flow at a low voltage, or no longer illuminate at a low current. failure criteria: v f <2.0v at i f =0.5ma (6) thermal management proper thermal management is an impo rtant when designing produc ts with leds. led die temperature is affected by pcb thermal resistance and led spacing on the board. please design products in a way that the led die temperature does not exceed the maximum junction temperature (t j ). drive current should be determined for the surrounding ambient temperature (t a ) to dissipate the heat from the product. (7) cleaning the leds should not be cleaned with water, benzine, and/or thinner. if required, isopropyl alcohol (ipa) should be used. ot her solvents may cause premature failure to the leds due to the damage to the resin portion. the effects of such solvents should be verified prior to use. in addition, the use of cfcs such as freon is heavily regulated. when dust and/or dirt adheres to the leds , soak a cloth with isopropyl alcohol (ipa), then squeeze it before wiping the leds. ultrasonic cleaning is not recommended since it may have adverse effects on the leds depending on the ultrasonic power and how led is assembled. if ultrasonic cleaning must be used, the customer is advised to make sure the leds will not be damaged prior to cleaning.
nichia sts-da1-2569a 16 (8) eye safety in 2006, the international electrical commission (iec ) published iec 62471:2006 photobiological safety of lamps and lamp systems, which added leds in its scope. on the other hand, the iec 60825-1:2007 laser safety standard removed leds from its scope. however, please be advised that some countries and regions ha ve adopted standards based on the iec laser safety standard iec 60825-1: 20112001, which still includes leds in its scope. most of nichia's leds can be classified as belo nging into either the exempt group or risk group 1. high-power leds, that emit ligh t containing blue wavelengths, may be classified as risk group 2. please proceed with caution when viewing directly any leds driven at high current, or viewing leds with optical instruments which may greatly increase the damages to your eyes. viewing a flashing light may cause eye discomfort. when incorporating the led into your product, please be careful to avoid adverse effects on the human body caused by light stimulation. (9) others the leds described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment, communications equipment, measurement instruments and household appliances). consult nichia's sales staff in advance for information on the applicat ions in which exceptional quality and reliability are required, particularly when the failure or malfunction of the leds may directly jeopardize life or health (such as for airplanes, aerospace, submersibl e repeaters, nuc lear reactor control system, automobiles, traffic control equipment, life support systems and safety devices). the customer shall not reverse engineer by disassembling or analysis of the leds without having prior written consent from nichia. when defective leds are found, the customer shall inform nichia directly before disassembling or analysis. the specifications and appearance of th is product may change without notice; nichia does not guarantee the contents of this specification. both the customer and nichia will agree on the official specifications of supplied products before the volume production of a program begins.


▲Up To Search▲   

 
Price & Availability of NESM126A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X