Part Number Hot Search : 
DO502 0R030 APM1402S HMC441 PJSLC054 0BZXC S1C33L17 5350B
Product Description
Full Text Search
 

To Download MI961F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-14 lga1155 2nd/3rd generation intel ? core? i7/i5/i3 / pentium ? / celeron ? mini-itx motherboard w/ intel ? h61 pch mi961 features supports 2nd/3rd generation intel ? core tm i7/i5/i3 / pentium ? / celeron ? processors, up to 3.4ghz 2x ddr3 dimm, max. 16gb ismart - for eup/erp power saving, auto-scheduler and power resume intel ? processor integrated graphics, supports hdmi, dvi-d and vga dual gigabit lan 8x usb 2.0, 2x usb 3.0, 4x com, 3x sata ii 1x pci-e(x16), 1x mini pci-e(x1) watchdog timer, digital i/o com hdmi audio usb 3.0 usb 2.0 dvi-d/ vga lga1155 socket ddr3 dimm sockets mini pci-e(x1) pci-e (x16) sata ii system cpu lga1155 for 2nd/3rd generation intel ? core tm i7/i5 /i3/ pentium ? / celeron ? processors, up to 3.4ghz system memory 2x ddr3 dimm, max. 16gb (non-ecc) system chipset intel ? h61 pch bios ami bios watchdog timer 256 levels ssd 1x msata via mini pci-e h/w monitor yes expansion slots 1x pci-e(x16) 1x mini pci-e(x1) - w/ usb signal (full-size) graphics vga controller intel ? core tm i7/i5/i3/ pentium ? / celeron ? processors integrated vga memory max. shared memory - 1024 mb display interface supports hdmi, dvi-d and vga lan controller 2x realtek rtl8111e gigabit lan connector rj-45 on board multi i/o i/o chipset fintek f81846ad-i 3x rs232, 1x rs232/422/485, 3x sata ii usb 4 ports on board, 4 ports via pin-header (usb 2.0) 2 ports on board (usb 3.0) audio intel ? h61 pch built-in hd audio + realtek alc892 codec others digital i/o(4-in/4-out), ismart mechanical and environmental dimensions 170mm x 170mm (6.7 x 6.7) max. power requirement intel ? core? i7-2600 3.40ghz w/ 2x 2gb ddr3-1333 +3.3v: 1.18a +5v: 2.37a +12v: 1.29a +5vsb: 0.39a operating temperature 0c~60c (32f~140f) storage temperature -20c~80c (-4f~176f) relative humidity 10%~90% (non-condensing) ordering information MI961F lga1155 h61 mini-itx motherboard with hdmi, vga and dvi-d, dual gigabit lan, 3x sata ii, 1x pci-e(16x),1x mini pci-e, ismart 2 usb(3.0) 8 usb(2.0) 4 com 3 sata iii 2 gbe lan dimensions drawing mini-itx motherboard dual gbe new new ismart fanless ismart new fanless remarks: 1. specifcations are subject to change without prior notice. 2. odm/oem is available. 3. for users manual & datasheet download, visit www.ibase.com.tw.


▲Up To Search▲   

 
Price & Availability of MI961F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X