MCMA65P1200TA preliminary phase leg thyristor module 3 1 2 6 5 7 4 part number MCMA65P1200TA backside: isolated tav t vv 1.17 rrm 65 1200 = v= v i= a 2x features / advantages: applications: package: thyristor for line frequency planar passivated chip long-term stability direct copper bonded al2o3-ceramic line rectifying 50/60 hz softstart ac motor control dc motor control power converter ac power control lighting and temperature control to-240aa industry standard outline rohs compliant soldering pins for pcb mounting base plate: dcb ceramic reduced weight advanced power cycling isolation voltage: v~ 4800 ixys reserves the right to change limits, conditions and dimensions. 20130109a data according to iec 60747and per semiconductor unless otherwise specified ? 2013 ixys all rights reserved free datasheet http://www.datasheetlist.com/
MCMA65P1200TA preliminary v = v ka2s ka2s ka2s ka2s symbol definition ratings typ. max. i v i a v t 1.20 r 0.5 k/w min. 65 v v 100 t = 25c vj t = c vj ma 10 v = v t = 25c vj i = a t v t = c c 85 p tot 230 w t = 25c c 65 1200 forward voltage drop total power dissipation conditions unit 1.45 t = 25c vj 140 v t0 v 0.85 t = c vj 140 r t 4.8 m ? v 1.17 t = c vj i = a t v 65 1.48 i = a 130 i = a 130 threshold voltage slope resistance for power loss calculation only a 125 v v 1200 t = 25c vj i a 105 p gm w t = 30 s 10 max. gate power dissipation p t = c c 140 w t = 5 p p gav w 0.5 average gate power dissipation c j 54 j unction capacitance v = v 400 t = 25c f = 1 mhz r vj pf i tsm t = 10 ms; (50 hz), sine t = 45c vj max. forward surge current t = c vj 140 i2t t = 45c value for fusing t = c 140 v = 0 v r v = 0 v r v = 0 v v = 0 v t = 8,3 ms; (60 hz), sine t = 10 ms; (50 hz), sine t = 8,3 ms; (60 hz), sine t = 10 ms; (50 hz), sine t = 8,3 ms; (60 hz), sine t = 10 ms; (50 hz), sine t = 8,3 ms; (60 hz), sine vj r vj r thjc thermal resistance junction to case t = c vj 140 1.15 1.24 4.80 4.63 ka ka a ka 980 1.06 6.62 6.40 1200 300 s rms forward current t(rms) tav 180 sine average forward current (di/dt) cr a/s 150 repetitive, i = t vj = 140c; f = 50 hz critical rate of rise of current v gt gate trigger voltage v= 6 v t = c 25 (dv/dt) t=140c critical rate of rise of voltage a/s 500 v/s t = s; ia;v = ? v r = ; method 1 (linear voltage rise) vj d vj 195 a t p g =0.45 di /dt a/s; g =0.45 d drm cr v = ? v d drm gk 1000 1.5 v t= c -40 vj i gt gate trigger current v= 6 v t = c 25 d vj 95 ma t= c -40 vj 1.6 v 200 ma v gd gate non-trigger voltage t= c vj 0.2 v i gd gate non-trigger current 10 ma v = ? v d drm 140 latching current t= c vj 200 ma i l 25 ts p =10 ia; g = 0.45 di /dt a/s g =0.45 holding current t= c vj 200 ma i h 25 v= 6 v d r = gk gate controlled delay time t= c vj 2s t gd 25 ia; g = 0.45 di /dt a/s g =0.45 v = ? v d drm turn-off time t= c vj 150 s t q di/dt = a/s; 10 dv/dt = v/s; 20 v = r 100 v; i a; t =65 v = ? v d drm t s p = 200 non-repet., i = 65 a t 140 r thch thermal resistance case to heatsink k/w thyristor 1300 rrm/drm rsm/dsm max. non-repetitive reverse/forward blocking voltage max. repetitive reverse/forward blocking voltage r/d reverse current, drain current t t r/d r/d 200 0.20 ixys reserves the right to change limits, conditions and dimensions. 20130109a data according to iec 60747and per semiconductor unless otherwise specified ? 2013 ixys all rights reserved free datasheet http://www.datasheetlist.com/
MCMA65P1200TA preliminary ratings c m m a 65 p 1200 ta part number thyristor (scr) thyristor (up to 1800v) phase leg to-240aa-1b module = = = = current rating [a] reverse voltage [v] = = = = package t vj c m d nm 4 mounting torque 2.5 t stg c 125 storage temperature -40 weight g 90 symbol definition typ. max. min. conditions virtual junction temperature unit m t nm 4 terminal torque 2.5 v v t = 1 second v t = 1 minute isolation voltage mm mm 13.0 9.7 16.0 16.0 d spp/app creepage distance on surface | st riking distance through air d spb/apb terminal to backside i rms rms current 200 a per terminal 140 -40 terminal to terminal to-240aa delivery mode quantity code no. part number marking on product ordering 50/60 hz, rms; i 1 ma isol MCMA65P1200TA 512937 box 6 MCMA65P1200TA standard 4000 4800 isol threshold voltage v 0.85 m ? v 0 max r 0 max slope resistance * 3.6 equivalent circuits for simulation t = vj i v 0 r 0 thyristor 140c * on die level ixys reserves the right to change limits, conditions and dimensions. 20130109a data according to iec 60747and per semiconductor unless otherwise specified ? 2013 ixys all rights reserved free datasheet http://www.datasheetlist.com/
MCMA65P1200TA preliminary 3 1 2 6 5 7 4 outlines to-240aa ixys reserves the right to change limits, conditions and dimensions. 20130109a data according to iec 60747and per semiconductor unless otherwise specified ? 2013 ixys all rights reserved free datasheet http://www.datasheetlist.com/
|