Part Number Hot Search : 
XXX3B 01DHB MC10E MMSTA632 HA1221 BU506D AD813 OPI113
Product Description
Full Text Search
 

To Download MBRS360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2003 november, 2003 ? rev. 0 1 publication order number: MBRS360t3/d MBRS360t3 preferred devices surface mount schottky power rectifier . . . employing the schottky barrier principle in a large area metal?to?silicon power diode. state?of?the?art geometry features epitaxial construction with oxide passivation and metal overlay contact. ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes, in surface mount applications where compact size and weight are critical to the system. ? small compact surface mountable package with j?bend leads ? rectangular package for automated handling ? highly stable oxide passivated junction ? excellent ability to withstand reverse avalanche energy transients ? guardring for stress protection mechanical characteristics: ? case: epoxy, molded, epoxy meets ul94, vo ? weight: 217 mg (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? shipped in 16 mm tape and reel, 2500 units per reel ? polarity: notch in plastic body indicates cathode lead ? device meets msl 1 requirements ? esd ratings: machine model, a human body model, 1b ? marking: b36 maximum ratings please see the table on the following page device package shipping 2 ordering information smc case 403 plastic MBRS360t3 smc 2500/tape & reel schottky barrier rectifiers 3.0 amperes 60 volts preferred devices are recommended choices for future use and best overall value. marking diagram yww b36 b36 = device code y = year w = work week http://onsemi.com 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d.
MBRS360t3 http://onsemi.com 2 maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 60 volts average rectified forward current i f(av) 3.0 @ t l = 137 c 4.0 @ t l = 127 c amps nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 125 amps storage temperature range t stg ? 65 to +150 c operating junction temperature t j ? 65 to +150 c thermal characteristics thermal resistance e junction to lead (note 1.) r q jl 11 c/w thermal resistance e junction to ambient (note 1.) r q ja 164 c/w thermal resistance e junction to ambient (note 2.) r q ja 71 c/w electrical characteristics maximum instantaneous forward voltage (note 3.) (i f = 3.0 a, t j = 25 c) v f 0.740 volts maximum instantaneous reverse current (note 3.) (rated dc voltage, t j = 25 c) (rated dc voltage, t j = 100 c) i r 0.15 10 ma 1. mounted with minimum recommended pad size, pc board fr4. 2. 1 inch square pad size (1 x 0.5 inch for each lead) on fr4 board. 3. pulse test: pulse width = 300 m s, duty cycle 2.0%.
MBRS360t3 http://onsemi.com 3 10 0.1 0.01 0.2 0.0 0.4 0.6 v f , instantaneous forward voltage (volts) figure 1. typical forward voltage figure 2. maximum forward voltage 1 0.8 i f , forward current (amps) t j = 25 c t j = 150 c t j = 100 c t j = ?40 c 10 0.1 0.01 0.2 0.0 0.4 0.6 v f , maximum instantaneous forward voltage (v) 1 0.8 i f , forward current (amps) t j = 25 c t j = 150 c t j = 100 c t j = ?40 c 100e?9 02040 10 30 v r , reverse voltage (volts) figure 3. typical reverse current figure 4. maximum reverse current 50 60 i r , reverse current (amps) t j = 25 c t j = 150 c t j = 100 c 10e?6 100e?6 1e?3 10e?3 100e?3 1e+0 1e?6 02040 10 30 v r , reverse voltage (volts) 50 60 i r , maximum reverse current (amps) t j = 25 c t j = 150 c t j = 100 c 100e?9 10e?6 100e?6 1e?3 10e?3 100e?3 1e+0 1e?6 0 145 25 45 65 85 t l , lead temperature ( c) figure 5. current derating figure 6. forward power dissipation 105 125 165 i o , average forward current (amps) 0 4 0123 i o , average forward current (amps) 2.5 4.5 5 p fo , average power dissipation (w) 1 2 3 4 5 square wave dc 0.5 1 1.5 2 3 3.5 0.5 1.5 2.5 3.5 4.5 i pk /i o = 20 i pk /i o = 10 i pk /i o = 5 i pk /i o =  freq = 20 khz 3.5 2.5 1.5 0.5 square wave dc i pk /i o = 20 i pk /i o = 10 i pk /i o = 5 i pk /i o = 
MBRS360t3 http://onsemi.com 4 figure 7. typical capacitance 1000 10 60 0102030 v r , reverse voltage (volts) 100 40 50 70 c, capacitance (pf) t j = 25 c test type > min pad 1 oz r q jc = min pad 1 oz c/w p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 t, time (s) figure 8. thermal response r(t), transient thermal response 100 1 0.1 0.2 d = 0.5 0.05 single pulse 0.1 0.00001 0.0001 0.001 0.01 1 100 1000 0.01 10 0.1 10
MBRS360t3 http://onsemi.com 5 package dimensions smc plastic package case 403?03 issue d s a db j p k h c dim min max min max millimeters inches a 0.260 0.280 6.60 7.11 b 0.220 0.240 5.59 6.10 c 0.075 0.095 1.90 2.41 d 0.115 0.121 2.92 3.07 h 0.0020 0.0060 0.051 0.152 j 0.006 0.012 0.15 0.30 k 0.030 0.050 0.76 1.27 p 0.020 ref 0.51 ref s 0.305 0.320 7.75 8.13 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. d dimension shall be measured within dimension p. 4. 403-01 thru -02 obsolete, new standard 403-03.
MBRS360t3 http://onsemi.com 6 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 MBRS360t3/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MBRS360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X