Part Number Hot Search : 
2405DH CPH3338 HV57908 48VDC GP50B60 VN10K IS82C55A 56F8000
Product Description
Full Text Search
 

To Download MBR40150PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage 45 v to 150 v current 40 a jul - 09 maximum recurrent peak reverse voltage (v) maximum rms voltage (v) maximum dc blocking voltage (v) maximum average forward rectified current at t c=125c vrrm vrms vdc i f (av) tj tstg operating junction temperature range storage temperature range ? 65 to + 175 c ifsm 40 a 330 a ? 65 to + 150 c irrm mbr4045pt ....... MBR40150PT absolute maximum ratings, according to iec publication no. 134 electrical characteristics to-3p 40.0 amp. schottky barrier rectifier 1 2 3 mbr 4045pt 45 45 31 common cathodesuffix "c" 1 3 2 case ?? high surge capability ?? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ?? low power loss, high efficiency. ? cases: jedec to-3p/to-247ad molded plastic body ?? terminals: pure tin plated, lead free. solderable per mil-std-750, method 2026 ? ?m ounting position: any ?? weight: 5.6 grams mechanical data ? high temperature soldering guaranteed: 260c/10 seconds, 4.3mm from case ?? plastic material used carries underwriters laboratory classifications 94v-0 ?? high current capability, low forward voltage drop ? ?polarity: as marked ? ? mounting torque: 10 in. - lbs. max ?? metal silicon junction, majority carrier conduction mbr 4060pt 60 60 42 mbr 40100pt 100 100 70 mbr 40150pt 150 150 105 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) peak repetitive reverse surge current (note 1) 1.0 a 2.0 a vf ir rthj-c typical thermal resistance per leg (note 3) 0.75 v 1.2 c/w maximum instantaneous forward voltage at (note 2) i f = 20 a, tc = 25 c i f = 20 a, tc = 125 c i f = 40 a, tc = 25 c i f = 40 a, tc = 125 c 20 ma 0.65 v 0.80 v 0.75 v 0.84 v 0.74 v - - 0.95 v 0.92 v 1.02 v 0.98 v 0.77 v 0.67 v - - max. instantaneous reverse current at rated dc blocking voltage per leg @ t c=25c(note 1) @ t c=125c 30 ma 0.5 ma 10 ma mbr 4045pt mbr 4060pt mbr 40100pt mbr 40150pt 1.0 ma notes: 1. 2.0s pulse width, f=1.0 khz 2. pulse test: 300s pulse width, 1% duty cycle 3. thermal resistance from junction to case per leg
vf , forward voltage (v) if , instantaneous forward current (a) 0 0.1 0.6 0.7 1.2 0 50 100 150 tc , case temperature (c) 10 100 ifsm , peak forward surge current (a) maximum non- repetitive forwardsurge current per leg typical junction capacitance per leg vr , reverse voltage (v) cj , junction capacitance (pf) number of cycles at 60 hz. typical instantaneous forward characteristics per leg forward current derating curve i f(av) , average forward current (a) 50 50 40 30 20 10 0 10 0.1 0.01 400 500 300 200 600 100 1 0.1 0.2 0.3 0.4 0.5 10 100 1 1 1000 5000 100 jul - 09 rating and characteristic curves resistive or inductive load 0 0.8 0.9 1.0 1.1 mbr4045pt ....... MBR40150PT mbr4045pt mbr4060pt mbr4045pt mbr4060pt mbr40100pt-MBR40150PT tj = 25 c f = 1.0 mhz vsig = 50mvp-p mbr40100pt-MBR40150PT tj=tj max. 8.3ms single half sine wawe (jedec method) tj = 25 c pulse width = 300 s 1% duty cycle tj = 150 c
jul - 09 50 0.1 1 0.01 0.001 typical reverse characteristics per leg ir , instantaneous reverse current (ma) 0.1 1 100 0.01 0.1 1 10 100 transient thermal impedance (c/w) t, pulse durantion (sec.) 0 20 80 140 40 60 percent of rated peak reverse voltage (%) 10 rating and characteristic curves package mechanical data to-3p 100 120 10 typical transient thermal impedance per leg mbr4045pt ....... MBR40150PT dimensions a b c e f f1 l2 l3 l4 l5 milimeters 4.90 2.7 15.9 1.12 19.7 20.8 5.7 3.5 5.16 3.0 20.2 21.3 6.2 4.1 1.98 max. min. 0.51 0.76 ref. 1.22 l6 4.3 d 1.93 2.18 16.4 e1 7.9 8.2 f2 2.97 3.22 dia 2.9 3.4 nominal g1 5.2 5.7 mbr4045pt mbr4060pt-MBR40150PT tj = 125 c tj = 75 c tj = 25 c


▲Up To Search▲   

 
Price & Availability of MBR40150PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X