Part Number Hot Search : 
SA101 5R4FKR36 KJ04BB XC6SLX16 H11AAX 2SK2177 CTTD1 BOARD
Product Description
Full Text Search
 

To Download MBR3060FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220f plastic-encapsulate diodes MBR3060FCT schottky barrier rectifier features z schottky barrier chip z guard ring die construction for transient protection z low power loss,high efficiency z high surge capability z high current capability and low forward voltage drop z for use in low voltage, high fr equency inverters,free wheeling, and polarity protection applications maximum ratings ( t a =25 unless otherwise noted ) symbol parameter value unit v rrm peak repetitive reverse voltage v rwm working peak reverse voltage v r dc blocking voltage 60 v v r(rms) rms reverse voltage 42 v i o average rectified output current 30 a i fsm non-repetitive peak forward surge current 8.3ms half sine wave 200 a p d power dissipation 2 w r ja thermal resistance from junction to ambient 50 /w t j junction temperature 125 t stg storage temperature -55~+150 electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit reverse voltage v (br) i r =1ma 60 v reverse current i r v r =60v 0.2 ma v f1 i f =15a 0.8 v forward voltage v f2 * i f =30a 0.95 v typical total capacitance c tot * v r =4v,f=1mhz 400 pf *pulse test: pulse width 300 s, duty cycle 2.0%. to-220f 1. anode 2. cathode 3. a node 1 of 1 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of MBR3060FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X