Part Number Hot Search : 
9018H ER802 LHY3333 MT90863 2N700 155AE LHY3333 74HCT37
Product Description
Full Text Search
 

To Download MBR1050CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.0-mar.30.2005 mbr1020ct~mbr10100ct features ? plastic package has underwriters laboratory flammability classification 94v-o. flame retardant epoxy molding compound.  metal silicon junction, majority carrier conduction  low power loss, high efficiency.  high current capability  guardring for overvlotage protection  for use in low voltage,high frequency inverters free wheeling , and polarlity protection applications.  pb free product are available : 99% sn above can meet rohs environment substance directive request 10 amperes schottky barrier rectifiers .196(5.00) .054(1.39) .038(0.96) .419(10.66) .139(3.55) min .624(15.87) .269(6.85) .548(13.93) .50(12.7)min .177(4.5)max .226(5.75) .163(4.16) .045(1.15) .019(0.50) .025(0.65)max positive ct ac ac .1(2.54) .1(2.54) .387(9.85) to-220ab unit : inch (mm) voltage current 20 to 100 volts 10 amperes mechanical data case: to-220ab molded plastic terminals: solder plated, solderable per mil-std-750, method 2026 polarity: as marked. mounting position: any weight: 0.08 ounces, 2.24grams. maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% notes : both bonding and chip structure are available. r e t e m a r a pl o b m y st c 0 2 0 1 r b mt c 0 3 0 1 r b mt c 0 4 0 1 r b mt c 5 4 0 1 r b mt c 0 5 0 1 r b mt c 0 6 0 1 r b mt c 0 8 0 1 r b mt c 0 0 1 0 1 r b ms t i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a mv rrm 0 20 30 45 40 50 60 80 0 1v e g a t l o v s m r m u m i x a mv rms 4 11 28 25 . 1 35 32 46 50 7v e g a t l o v g n i k c o l b c d m u m i x a mv dc 0 20 30 45 40 50 60 80 0 1v ) 1 . g i f e e s ( t n e r r u c d r a w r o f e g a r e v a m u m i x a mi av 0 1 a - e n i s f l a h e l g n i s s m 3 . 8 : t n e r r u c e g r u s d r a w r o f k a e p ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s e v a w i fsm 0 5 1 a g e l r e p , a 5 t a e g a t l o v d r a w r o f m u m i x a mv f 5 6 . 05 7 . 08 . 0v t t n e r r u c e s r e v e r c d m u m i x a m c 5 2 = o c t e g a t l o v g n i k c o l b c d d e t a r t a c 5 2 1 = o c i r 1 . 0 0 2 a m e c n a t s i s e r l a m r e h t l a c i p y tr c j 2 o w / c e g n a r e r u t a r e p m e t n o i t c n u j g n i t a r e p ot j 0 5 1 + o t 0 5 - o c e g n a r e r u t a r e p m e t e g a r o t st stg 5 7 1 + o t 0 5 - o c
page . 2 rev.0-mar.30.2005 mbr1020ct~mbr10100ct fig.1- forward current derating curve rating and characteristic curves fig.4- typical instantaneous forward chracteristics fig.2- maximum non - repetitive surge current 0 50 100 150 25.0 20.0 15.0 10.0 5.0 0 average forward current, amps case temperature, c o instantaneous forward current instantaneous forward voltage, volts peak forward surge current , no. of cycle at 60hz 200 175 150 125 100 75 50 25 0 1 2 5 10 20 50 100 8.3ms single half since-wave jedec method mbr1020ct~mbr1045ct MBR1050CT~mbr10100ct .3 .4 .5 .6 .7 .8 .9 1.0 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 t=25c pulse width = 300 s 1% duty cycle j o u 20,30,40,45v 50,60,80,100v fig.3- typical reverse characteristics 0 10 1.0 0.1 0.01 .001 20 40 60 80 100 instantaneous reverse current, ma percent of instantaneous reverse voltage, % tc=125 c o tc=75 c o tc=25 c o


▲Up To Search▲   

 
Price & Availability of MBR1050CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X