Part Number Hot Search : 
TC610 KBPC3 AO4801L 1270ARCV SMA511 MX29LV GP10M SIRU1111
Product Description
Full Text Search
 

To Download MBR1045ULPS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr10 45 u lps 10 amp schottky barrier rectifier features maximum ratings device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr1045ul ps 1045ul 45v 31.5v 45v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10a t l = 90 c peak forward surge current i fsm 275 a 8.3ms, half sine forward voltage  inches mm      
a. 039 . 0 47 1 .00 1 . 2 0 a2 . 006 . 017 0.15 0.43 b1 . 030 . 041 0.75 1.05 b2 . 065 . 077 1.65 1.95 d .148 . 169 3.75 4.30 d2 . 110 . 126 2.80 3.20 e . 250 . 264 6.35 6.70 e . 065 . 077 1.65 1.95 e1 . 207 . 2 28 5.25 5. 8 0 e2 . 120 . 14 2 3.05 3. 60 l . 0 28 . 051 0. 70 1.30 w .031 .056 0.80 1.42 maximum thermal resistance  
 omp onents 2 0736 marilla street chatsworth       
     mcc revision: c 2013/01/29 tm micro commercial components www. mccsemi .com 1 of 3 ? ultra low f orward v oltage d rop ? high current capability ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex 7. r  jc 8.0  /w 45 volts to-2 7 7b 45 volts ? epoxy meets ul 94 v-0 flammability rating ? moisture sensitivity level 1 pin 3 heat sink pin 2 pin 1 2 1 3                           ? operating temperature:-55 o c to +150 o c ? storage temperature:-55 o c to +150 o c min. typ. max. --- 0.33v --- --- 0.38v --- --- 0.43v 0.47v --- 0.22v --- --- 0.28v --- --- 0.39v 0.42v reverse current --- --- 120ua --- --- 0.25ma --- --- 100ma i f =2a i f =5a i f =10a i f =2a i f =5a i f =10a t j =25 o c t j =125 o c t j =25 o c v r =36 v r =45 v r =45 t j =25 o c t j =125 o c mcc part number v f i r                                                              h alogen free available upon request by adding suffix "-hf"
rating and characteristic cueves rating and characteristic cueves revision: c 2013/01/29 www. mccsemi .com 2 of 3 mcc tm micro commercial components MBR1045ULPS 0 2 4 6 8 10 1 2 25 50 75 100 125 150 lead temperature ( c) i , average forward current (a) f 175 figure 1 forwa rd current derating curve figure 2 typical junction capacitance figure 3 typical reverse characteristics 0.0001 0.001 0.01 0.1 1 10 100 v , instantaneous forward voltage (v) f i , instantaneous forward current (a) f 0 0.15 0.3 0.45 0.6 t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a figure 4 typical forward characteristics capaci tance (pf ) 1 100 1,000 100,00 0.1 1 10 100 v , dc reverse voltage (v) r v , instantaneous reverse voltage (v) r i , instantaneous reverse current (a) r 0.1 1.0 10 100 1000 10,000 100,000 1000,000 0 5 10 15 20 25 45 t= 25c j t = 75c j t = 125c j t = 150c j 30 35 40
mcc revision: c 2013/01/29 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing part number-tp tape&reel: 5 kpcs/reel note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of MBR1045ULPS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X