Part Number Hot Search : 
1L0380RB ISL97652 2SB1417A AD7242JN LYT66F 2520C 2SK16 DTA11
Product Description
Full Text Search
 

To Download LHGAT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description an increasing number of military applications require the use of leaded (through hole) ceramic packaged oscillators. for these applications, statek of fers the lhga t 5x7mm oscillator . this oscillator is designed to operate over a temperature range of -55oc to 125oc with high shock survivability . fea t ures full military testing available excellent stability over temperature high shock resistance cmos output / output enable/disable double hermetically sealed package option hermetically sealed ceramic package - 5x7mm through-hole leaded package reduces mechanical and thermal mounting stresses robust lead-attach eutectic brazing process gold plated kovar leads st a tek corporation 512 n. main st., orange, ca 92868 714-639-7810 fax: 714-997-1256 www.statek.com applications military and aerospace navigation / communications a v ionics applications flight recorder engine control pin connections 1. enable/disable (e) or no connection (n) 2. ground 3. output 4. v dd p ackage dimensions lhga t dimensions typical max dim i nches mm inches mm a 0.276 7.00 .281 7.14 b 0.197 5.00 .202 5.13 c 0.065 1.65 .070 1.78 d 0.200 5.08 .205 5.20 e 0.195 4.90 .205 5.20 f 0.200 5.08 .205 5.20 g 0.040 1.02 h 0.160 4.06 i 0.028 0.71 j 0.018 0.46 0.021 0.53 lhga t oscilla tor leaded military grade/high shock 320 khz - 50 mhz 10211 rev b lead thickness: 0.008 0.001 (0.20mm 0.03) lead plating: gold/nickel over kovar http://
10211 rev b statek corporation 512 n. main st., orange, ca 92868 714-639-7810 fax: 714-997-1256 www.statek.com absolute maximum ratings supply v o ltage v dd -0.5 v to 7.0 v* storage t e mperature -55 o c to +125 o c maximum process t e mperature 260 o c for 20 seconds *the supply voltage range is -0.5 v to +4.0 v for some products. contact factory . how to order lhga t oscilla tors LHGAT 4 b e 05 20.0m , 50 / 50 / / m frequency stability over t emp. range (in ppm) ?s? if special or custom design. blank if std. enable/disable option e, t or n / / 100 / m t e mperature range: c= -10 o c to +70 o c i =-40 o c to +85 o c m = -55 o c to +125 o c s = customer specified tot a l frequency to l e r a n c e (in ppm) frequency m = mhz k = khz calibration tolerance @ 25 0 c (in ppm) or specifica tions specifications are typical at 25 o c unless otherwise noted. specifications are subject to change without notice. t ighter specifications available. please contact factory . supply v o ltages 1 1.8 v to 5.0 v c a l i b r a t i o n t o l e r a n c e 2 0 ppm and up frequency s t a b ility 1 0 0 ppm to 40 ppm ( military) over t e mperature 2 100 p p m t o 30 ppm (i ndustrial) 50 p p m t o 15 ppm ( c o m m e r c i a l ) t o tal frequency 3 1 0 0 ppm for military t o lerance 5 0 ppm for industrial 3 0 ppm for commercial supply current (t ypical) 3.3 v 5.0 v 24 mhz 3 .0 ma 8.0 ma 32 mhz 5 .0 ma 10 ma 40 mhz 5 .5 ma 12 ma 50 mhz 6 .0 ma 13 ma output load (cmos) 1 5 p f start-up t ime 5 ms max rise/fall t ime 4 ns typ , 8 ns max duty cycle 4 40% min, 60% max aging, first year 5 ppm shock, survival 5 std: 5 ,000 g, 0.5 ms, 1 / 2 sine hg: up to 30,000 g, 0.5 ms, 1 / 2 sine v i bration, survival 20 g, 10-2,000 hz swept sine operating t e mp ranges 6 -55 o c to +125 o c (military) -40 o c to +85 o c (industrial) -10 o c to + 70 o c (commercial) 1. not all frequencies are available in certain voltages. contact factory for details. 2. does not include calibration tolerance. 3. t ighter tolerances available; does not include aging. 4. t ighter duty cycles available. contact factory . 5. contact factory for requirements above 30,000 g. 6. higher temp available (up to 200 o c). contact factory . note: all parameters are measured at ambient temperature with a 10 m , 15 pf load. p a ckaging options LHGAT - tube pack (standard) shock level a = 5,000 g b = 10,000 g c = 20,000 g d = 30,000 g t e rminations blank = gold plated 03 = solder dipped 05 = solder dipped (lead free) t e mperature range: c= - 1 0 o c to +70 o c i =- 4 0 o c to +85 o c m = -55 o c to +125 o c s = customer specified enable/disable options (e/n) statek offers three enable/disable options: e, t , and n. both the e-version and t - version have t r i-state outputs and dif fer in whether the oscillator continues to run internally when the output is put into the high z state: it stops in the e-version and continues to run in the t -version. so, the e- version of fers very low current consumption when the oscillator is disabled and the t -version of fers very fast output recovery when the oscillator is re-enabled. the n-version does not have pin 1 connected internally and so has no enable/disable capability . the following table summarizes the three options. supply vo ltage 1 = 1.8 v 2 = 2.5 v 3 = 3.0 v 4 = 3.3 v 5 = 5.0 v 7. the t - version is not available for all frequencies. contact factory. * when pin 1 is allowed to float, it is held high by an internal pull-up resistor . comp arison of enable/disable options e and t et 7 when enabled (pin 1 is high*) output freq. output freq. output oscillator oscillates oscillates current consumption normal normal when disabled (pin 1 is low) output high z state high z state oscillator stops oscillates current consumption v ery low lower than normal when re-enabled (pin 1 changes from low to high) output recovery delayed immediate note: the lhga t oscillator with gold plated or 05 termination is pb free. the lhga t oscillator with 03 termination contains pb.


▲Up To Search▲   

 
Price & Availability of LHGAT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X