Part Number Hot Search : 
2409S ES2DA SGM8631 MJE1300 B4060 D2061 GL480 78S06
Product Description
Full Text Search
 

To Download LCR2400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  line conditioner - automatic voltage regulation with surge protection model number: LCR2400 description 2400 watt automatic voltage regulation (avr) system in convenient 3u 19 inch rackmount configuration. protects sensitive electronics, computer accessories and home theater equipment from power-related damage and performance problems. extends the useful life of connected equipment by providing optimum voltage conditions for enhanced efficiency and cooler internal operating temperatures. reliable transformer-based voltage correction circuits maintain 120v nominal output during voltage fluctuations between 89 and 147v. three levels of voltage stabilization offer targeted response for over-voltages, under-voltages and severe brownouts. prevents equipment damage and power related performance problems for computer accessories, printers, home theater equipment, a/v components and other sensitive electronic devices. network-grade ac surge and emi/rfi noise suppression. supports loads up to 2400 watts, 20a. includes 14 ac outlets arranged in two separately filtered banks, 12 ft ac line cord and 7 diagnostic leds which display incoming voltage level, surge suppression and line status. $25,000 connected equipment insurance (usa and canada only). features maintains usable 120v nominal output during brownouts as low as 87v and over-voltages as high as 140v 2,400 watts output power rating supports heavy 120v loads up to 20 amps convenient rackmount format uses only 3 rack spaces (3u) compatible with 2 or 4 post 19 inch rackmount applications network grade surge suppression isobar level surge and noise suppression with two isolated filter banks to prevent noise interaction of connected items complete emi/rfi noise filtering 7 diagnostic leds indicate input voltage level 14 protected nema5-15r output receptacles (2 front/12 rear) 12-ft. ac power cord with standard nema5-15p input plug $25,000 ultimate lifetime connected equipment insurance (usa and canada only) highlights automatically adjusts low or high voltage 2400 watts continuous 14 nema 5-15r outlets arranged in two isobar filter banks rackmount cabinet fits standard 19-inch rack enclosures $25,000 ultimate lifetime insurance (usa, puerto rico & canada only) applications maintains regulated output voltage during severe brownouts and over-voltages for computer accessories, printers, home theater equipment, a/v components, sound reinforcement, point-of-sale equipment, and other applications requiring clean, regulated ac power. package includes LCR2400 line conditioner mounting hardware instruction manual 1 / 2
specifications output output watts 2400 output nominal voltage 120v / 60hz outlet quantity / type 14 nema5-15r (2 front, 12 rear) input input cord length (ft.) 12 input cord length (m) 5.40 upc assignment unit carton upc# 037332040015 leds alarms & switches front panel leds 5 leds show incoming voltage status. surge / noise suppression ups ac suppression joule rating 1440 joules emi / rfi ac noise suppression 80 db physical shipping weight (lbs) 27.00 shipping weight (kg) 12.25 unit dimensions (hwd/in) 5.25 x 19 x 5 unit dimensions (hwd/cm) 13.34 x 48.26 x 12.7 material of construction steel form factors supported standard 19 inch rack mount format using 3 rack spaces (3u). warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $25,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? LCR2400


▲Up To Search▲   

 
Price & Availability of LCR2400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X