Part Number Hot Search : 
LBS7038 ADE03 ML410PZA DTA12 085N06L ITT5408 MAX988 DTA12
Product Description
Full Text Search
 

To Download KR-1400AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  typical characteristics specifications cell type KR-1400AE dimensions of bare cell h 48.5 0.3 mm 1.909 0.012 inch d 16.5 0.2 mm 0.650 0.008 inch d 8.5 mm 0.335 inch d d h nominal capacity 1400mah nominal voltage 1 .2v charging current standard 140ma fast 2100ma charging time standard 14 to 16hrs. fast about 1hr. ambient temperature charge standard 0c to +45c [+32f to 113f] fast 0c to +45c [+32f to 113f] discharge -20c to +60c [ -4f to 140f] storage -30c to +50c [ -22f to 122f] internal impedance (av.) (at 50% discharge) 10.0m w (at 1000hz) weight 31g/1.09oz dimensions(d) (h) (with tube) charge 1.6 1.5 1.4 1.3 0246810121416 charge : 140ma 0?c/32?f 20?c/68?f 45?c/113?f cell voltage (v) charge time (hrs.) charge 1.6 1.5 1.4 1.3 0 2 0 4 0 6 0 8 0 100 120 140 160 1.5 it 0.1 it cell voltage (v) charge input (%) temperature : 20?c/68?f discharge (at low rate) 1.4 1.2 1.0 0.8 0246810121416 charge : 140ma 16hrs. at 20?c/68?f (0.1 it ) (0.2 it ) (0.5 it ) cell voltage (v) discharge time (hrs.) discharge (at high rate) 1.4 1.2 1.0 0.8 0 1020304050607080 charge : 140ma 16hrs. at 20?c/68?f (2 it ) (1 it ) cell voltage (v) discharge time (mins) discharge (at high rate) 1.4 1.2 1.0 0.8 0246810121416 charge : 140ma 16hrs. at 20?c/68?f (4 it ) (8 it ) cell voltage (v) discharge time (mins) temperature (charge & discharge) 100 80 60 40 -20 -10 0 1 0 2 0 3 0 4 0 50 60?c -4 14 32 50 68 86 104 122 140?f available capacity (%) operating temperature 90 70 50 charge characteristics discharge characteristics condition charge : 140ma 16hrs. discharge : 280ma (end volt 1.0v) 17.0 0 49 .5 0 mm - 0. 5 - 1.2 0.67 0 1 . 9 5 0 inch -0 . 0 2 - 0 . 0 5 cd0 10830


▲Up To Search▲   

 
Price & Availability of KR-1400AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X